Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT6447 Datasheet(PDF) 7 Page - Texas Instruments

Part # PT6447
Description  6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6447 Datasheet(HTML) 7 Page - Texas Instruments

  PT6447 Datasheet HTML 1Page - Texas Instruments PT6447 Datasheet HTML 2Page - Texas Instruments PT6447 Datasheet HTML 3Page - Texas Instruments PT6447 Datasheet HTML 4Page - Texas Instruments PT6447 Datasheet HTML 5Page - Texas Instruments PT6447 Datasheet HTML 6Page - Texas Instruments PT6447 Datasheet HTML 7Page - Texas Instruments PT6447 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Application Notes
For technical support and more information, see inside back cover or visit www.ti.com
PT6440 Series
Using the Inhibit Function on the PT6440
Excalibur
 5V/3.3V Bus Step-Down ISRs
For applications requiring output voltage On/Off control,
the 12-pin PT6440 series products incorporate an Inhibit
function. This function may be used wherever there is a
requirement for the module to be switched off. The
function is provided by the Inhibit control (pin 1) input.
The ISR functions normally with pin 1 open-circuit, 1
providing a regulated output whenever a valid source
voltage is applied to Vin, (pins 2–4), with respect to GND
(pins 5–8). When a low-level ground signal is applied
to pin 1, the regulator output is disabled.
Figure 1 shows an application schematic, which details
the typical use of the Inhibit function. Note the discrete
transistor (Q1). The Inhibit control has its own internal
pull-up to +Vin potential. An open-collector or open-
drain device is required to control this pin. 2
The Inhibit pin control thresholds are given in Table 1.
Equation 1 may be used to determine the approximate
current drawn from the input source, and by Q1 when the
regulator is placed in the inhibit state.
Table 1; Inhibit Control Requirements 3
Parameter
Min
Max
Enable (VIH)Vin – 0.5
Vin
Disable (VIL)
-0.2V
0.5V
Transition Time
10µs 4
Equation 1; Off Input Current
Istby
=Vin ÷ 10kΩ
± 20%
Notes:
1. Use an open-collector device (preferably a discrete
transistor) for the Inhibit input. A pull-up resistor is not
necessary. To disable the output voltage, the control pin
should be pulled low to less than +0.5VDC.
2. Do not control the Inhibit input with an external DC
voltage. This will lead to erratic operation of the ISR and
may over-stress the regulator.
3. Avoid capacitance greater than 500pF at the Inhibit
control pin. Excessive capacitance at this pin will cause the
ISR to produce a pulse on the output voltage bus at turn-
on.
4. Keep the On/Off transition to less than 10µs. This
prevents erratic operation of the ISR, which could cause
the output voltage to be momentarily higher than normal.
Figure 1
Turn-On Time:
In the circuit of Figure 1, turning Q1 on
applies a low-voltage to the Inhibit control (pin 1) and
disables the regulator output. Correspondingly, turning
Q1 off allows the Inhibit control pin to be pulled high by
its internal pull-up resistor. The ISR produces a fully
regulated output voltage within 10 milliseconds of the
release of the Inhibit control pin. The actual turn-on
time will vary with input voltage, output load, and the
total amount of load capacitance. Figure 2 shows the
typical rise in both output voltage and input current for a
PT6441 (3.3V) following the turn-off of Q1 at time t =0.
The waveform was measured with a 5Vdc input voltage,
and 6 Adc resistive load.
Figure 2
C
in
+
C
out
+
Inhibit
+ 5 V
+2.5V
COM
COM
Q1
BSS138
PT6442
2,3,4
5 – 81 2
9,10,11
Vin
V o
V o(adj)
GND
1
Inhibit*
-1
01
23
45
678
9
10
t (milliseconds)
IIN (2A/Div)
VO (2V/Div)
VINH (5V/Div)


Similar Part No. - PT6447

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6447 TI1-PT6447 Datasheet
203Kb / 10P
[Old version datasheet]   6A Output Current
PT6447 TI1-PT6447 Datasheet
172Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT6447A TI1-PT6447A Datasheet
203Kb / 10P
[Old version datasheet]   6A Output Current
PT6447A TI1-PT6447A Datasheet
172Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT6447C TI1-PT6447C Datasheet
203Kb / 10P
[Old version datasheet]   6A Output Current
More results

Similar Description - PT6447

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6447 TI1-PT6447 Datasheet
172Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5520 TI1-PT5520 Datasheet
185Kb / 9P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5502 TI-PT5502 Datasheet
174Kb / 2P
[Old version datasheet]   3-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5521 TI-PT5521 Datasheet
164Kb / 7P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5810 TI-PT5810 Datasheet
202Kb / 11P
[Old version datasheet]   20-A 3.3-V Input Adjustable Integrated Switching Regulator
PT6942A TI1-PT6942A Datasheet
395Kb / 11P
[Old version datasheet]   6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
PT6943A TI1-PT6943A Datasheet
395Kb / 11P
[Old version datasheet]   6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
PT6470 TI-PT6470 Datasheet
289Kb / 14P
[Old version datasheet]   14-A 3.3-V Input Adjustable Integrated Switching Regulator
PT6940 TI-PT6940 Datasheet
190Kb / 9P
[Old version datasheet]   6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
PTH04070W TI-PTH04070W_07 Datasheet
436Kb / 16P
[Old version datasheet]   3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com