Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5L9291 Datasheet(PDF) 8 Page - Samsung semiconductor

Part # S5L9291
Description  signal processing LSI for the CD
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S5L9291 Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button S5L9291 Datasheet HTML 4Page - Samsung semiconductor S5L9291 Datasheet HTML 5Page - Samsung semiconductor S5L9291 Datasheet HTML 6Page - Samsung semiconductor S5L9291 Datasheet HTML 7Page - Samsung semiconductor S5L9291 Datasheet HTML 8Page - Samsung semiconductor S5L9291 Datasheet HTML 9Page - Samsung semiconductor S5L9291 Datasheet HTML 10Page - Samsung semiconductor S5L9291 Datasheet HTML 11Page - Samsung semiconductor S5L9291 Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 88 page
background image
S5L9291X
DIGITAL SIGNAL PROCESSOR
8
DC CHARACTERISTIC
(V
DD = 3.0V, VSS = 0V, Ta = 25°C)
Item
Symbol
Condition
Design Values
Unit
Comment
Min
Typ
Max
'H' input voltage1
V
IH
0.8V
DD
-
-
V
(Note 1)
'L' input voltage1
V
IL
-
-
0.2V
DD
V
'H' output voltage1
V
OH(1)
I
OH = -1mA
2.4
-
-
V
(Note 2)
'L' output voltage1
V
OL(1)
I
OL = 1mA
-
-
0.4
V
'H' output voltage2
V
OH(2)
I
OH = -1mA
2.4
-
-
V
(Note 3)
'L' output voltage2
V
OL(2)
I
OL = 1mA
-
-
0.4
V
'H' output voltage3
V
OH(3)
I
OH = -1mA
2.4
-
-
V
(Note 4)
'L' output voltage3
V
OL(3)
I
OL = 1mA
-
-
0.4
V
Input leak current1
I
LKG1
V
I = 0-VDD
-10
-
10
uA
(Note 5)
Input leak current2
I
LKG2
V
I = 0-VDD
-10
-
10
uA
(Note 6)
Three state output leak
current
I
O(LKG)
V
O = 0-VDD
-10
-
10
uA
(Note 7)
NOTES:
1.
Related pins: All input, bi-direction terminal (input mode)
2.
Related pins: All output terminal
3.
Related pins: All bi-direction terminal (output mode)
4.
Related pins: All tri-state output terminal
5.
Related pins: All input terminal (excluding XIN )
6.
Related pins: XIN
7.
Related pins: SMEF, SMDP, SMDS, ISTAT


Similar Part No. - S5L9291

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5L9290X SAMSUNG-S5L9290X Datasheet
324Kb / 48P
   signal processing LSI for the CD
S5L9290X01-L0R0 SAMSUNG-S5L9290X01-L0R0 Datasheet
324Kb / 48P
   signal processing LSI for the CD
S5L9290X02 SAMSUNG-S5L9290X02 Datasheet
460Kb / 47P
   DIGITAL SIGNAL PROCESSOR FOR INTERNET AUDIO
S5L9290X02-E0R0 SAMSUNG-S5L9290X02-E0R0 Datasheet
460Kb / 47P
   DIGITAL SIGNAL PROCESSOR FOR INTERNET AUDIO
More results

Similar Description - S5L9291

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5L9290X SAMSUNG-S5L9290X Datasheet
324Kb / 48P
   signal processing LSI for the CD
logo
Panasonic Semiconductor
MN662741RH PANASONIC-MN662741RH Datasheet
32Kb / 3P
   Signal Processing LSI for CD Players
MN662724RPE PANASONIC-MN662724RPE Datasheet
42Kb / 7P
   Signal Processing LSI for CD Players
MN662710RA PANASONIC-MN662710RA Datasheet
32Kb / 3P
   Signal Processing LSI for CD Players
MN662740RE PANASONIC-MN662740RE Datasheet
33Kb / 3P
   Signal Processing LSI for CD Players
MN6626 PANASONIC-MN6626 Datasheet
28Kb / 3P
   Signal Processing LSI for CD Players
MN662747RPH PANASONIC-MN662747RPH Datasheet
53Kb / 7P
   Signal Processing LSI for CD Players
MN662750CDK PANASONIC-MN662750CDK Datasheet
494Kb / 7P
   Signal processing LSI for CD-ROM Drives
logo
Sanyo Semicon Device
LC895925 SANYO-LC895925 Datasheet
90Kb / 7P
   Signal Processing LSI for CD-R Drives
logo
Panasonic Semiconductor
MN6163A PANASONIC-MN6163A Datasheet
535Kb / 9P
   CMOS LSI for Color Signal Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com