Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C517A Datasheet(PDF) 9 Page - Siemens Semiconductor Group

Part # C517A
Description  8 BIT CMOS MICROCONTROLLER
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C517A Datasheet(HTML) 9 Page - Siemens Semiconductor Group

Back Button C517A Datasheet HTML 5Page - Siemens Semiconductor Group C517A Datasheet HTML 6Page - Siemens Semiconductor Group C517A Datasheet HTML 7Page - Siemens Semiconductor Group C517A Datasheet HTML 8Page - Siemens Semiconductor Group C517A Datasheet HTML 9Page - Siemens Semiconductor Group C517A Datasheet HTML 10Page - Siemens Semiconductor Group C517A Datasheet HTML 11Page - Siemens Semiconductor Group C517A Datasheet HTML 12Page - Siemens Semiconductor Group C517A Datasheet HTML 13Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 72 page
background image
Semiconductor Group
7
C517A
VSS
10, 62
37, 83
Ground (0V)
during normal, idle, and power down
operation.
VDD
11, 63
38, 84
Supply voltage
during normal, idle, and power down mode.
XTAL2
1239–
XTAL2
is the input to the inverting oscillator
amplifier and input to the internal clock
generator circuits.
To drive the device from an external clock
source, XTAL2 should be driven, while
XTAL1 is left unconnected. Minimum and
maximum high and low times as well as rise/
fall times specified in the AC characteristics
must be observed.
XTAL1
1340–
XTAL1
is the output of the inverting oscillator
amplifier. This pin is used for the oscillator
operation with crystal or ceramic resonator.
P2.0 - P2.7
14 - 21
41 - 48
I/O
Port 2
is an 8-bit quasi-bidirectional I/O port with
internal pullup resistors. Port 2 pins that
have 1's written to them are pulled high by
the internal pullup resistors, and in that state
can be used as inputs. As inputs, port 2 pins
being externally pulled low will source
current (I IL, in the DC characteristics)
because of the internal pullup resistors.
Port 2 emits the high-order address byte
during fetches from external program
memory and during accesses to external
data memory that use 16-bit addresses
(MOVX @DPTR). In this application it uses
strong internal pullup resistors when issuing
1's. During accesses to external data
memory that use 8-bit addresses
(MOVX @Ri), port 2 issues the contents of
the P2 special function register.
*) I = Input
O = Output
Table 1
Pin Definitions and Functions
(cont’d)
6\PERO
3LQ1XPEHU
,2 )XQFWLRQ
304)3
3/&&


Similar Part No. - C517A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C517A SIEMENS-C517A Datasheet
479Kb / 67P
   8-Bit CMOS Microcontroller
logo
Infineon Technologies A...
C517A INFINEON-C517A Datasheet
845Kb / 72P
   8-bit CMOS MICROCONTROLLER
01.99
logo
Siemens Semiconductor G...
C517A SIEMENS-C517A Datasheet
1Mb / 218P
   8-Bit CMOS Microcontroller
C517A SIEMENS-C517A_99 Datasheet
1Mb / 218P
   8-Bit CMOS Microcontroller
More results

Similar Description - C517A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com