Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C517A Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # C517A
Description  8 BIT CMOS MICROCONTROLLER
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C517A Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  C517A Datasheet HTML 1Page - Siemens Semiconductor Group C517A Datasheet HTML 2Page - Siemens Semiconductor Group C517A Datasheet HTML 3Page - Siemens Semiconductor Group C517A Datasheet HTML 4Page - Siemens Semiconductor Group C517A Datasheet HTML 5Page - Siemens Semiconductor Group C517A Datasheet HTML 6Page - Siemens Semiconductor Group C517A Datasheet HTML 7Page - Siemens Semiconductor Group C517A Datasheet HTML 8Page - Siemens Semiconductor Group C517A Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 72 page
background image
Semiconductor Group
1
C517A
8-Bit CMOS Microcontroller
Advance Information
C517A
Full upward compatibility with SAB 80C517A/83C517A-5
Up to 24 MHz external operating frequency
– 500 ns instruction cycle at 24 MHz operation
Superset of the 8051 architecture with 8 datapointers
On-chip emulation support logic (Enhanced Hooks Technology TM)
32K byte on-chip ROM (with optional ROM protection)
alternatively up to 64K byte external program memory
Up to 64K byte external data memory
256 byte on-chip RAM
Additional 2K byte on-chip RAM (XRAM)
Seven 8-bit parallel I/O ports
Two input ports for analog/digital input
(further features are on next page)
Figure 1
C517A Functional Units
MCA03317
Port 0
Port 1
Port 2
XRAM
RAM
T0
T1
MDU
ROM
I/O
(8 Datapointer)
I/O
Analog/
Digital
Input
Port 3
32k x 8
CPU
Port 8
Input
Digital
Analog/
256 x 8
2K x 8
Port 7
Port 6
Port 5
Port 4
Watchdog
Timer
Oscillator
Watchdog
10-Bit
A/D Converter
8 Bit
USART
UART
8 Bit
Timer
Compare
T2
CCU
Power
Saving
Modes
I/O
I/O
I/O
I/O
I/O


Similar Part No. - C517A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C517A SIEMENS-C517A Datasheet
479Kb / 67P
   8-Bit CMOS Microcontroller
logo
Infineon Technologies A...
C517A INFINEON-C517A Datasheet
845Kb / 72P
   8-bit CMOS MICROCONTROLLER
01.99
logo
Siemens Semiconductor G...
C517A SIEMENS-C517A Datasheet
1Mb / 218P
   8-Bit CMOS Microcontroller
C517A SIEMENS-C517A_99 Datasheet
1Mb / 218P
   8-Bit CMOS Microcontroller
More results

Similar Description - C517A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com