Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML-210PT Datasheet(PDF) 1 Page - Rohm

Part # SML-210PT
Description  Small, chip LEDs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-210PT Datasheet(HTML) 1 Page - Rohm

  SML-210PT Datasheet HTML 1Page - Rohm SML-210PT Datasheet HTML 2Page - Rohm SML-210PT Datasheet HTML 3Page - Rohm SML-210PT Datasheet HTML 4Page - Rohm SML-210PT Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SML-210 Series
LED lamps
Small, chip LEDs
SML-210 Series
The SLM-210 series are small, chip LEDs. The
compact and leadless design of these LEDs allows for
high mounting density.
!Features
1) Four colors: red, orange, yellow and green.
2) Rectangular and leadless (2 x 2.5 mm, 0.8 mm thick)
3) Can be mounted by automatic mounting.
!
!
!
!External dimensions
(Units : mm)
2.0
+0.2
0
1.4
Cathode index
1.2
Electrode
Tolerances are ±0.1
unless otherwise noted:
!
!
!
!Selection guide
Emitting color
Lens
Transparent clear
Red
Orange
Yellow
Green
SML-210JT
SML-210LT
SML-210VT
SML-210DT
--
--
SML-210YT
SML-210MT
SML-210FT
SML-210PT
!
!
!
!Absolute maximum ratings
(Ta=25
°C)
* Pulse width 1ms Duty 1 / 5
Parameter
Symbol
PD
IF
IFP
VR
Topr
Tstg
Limits
4
-30~+85
-40~+85
Unit
mW
mA
mA*
V
˚C
˚C
Bright red (L, J)
75
30
75
Other colors
70
25
60
Power dissipation
Forward current
Peak forward current
Reverse voltage
Operating temperature
Storage temperature


Similar Part No. - SML-210PT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-210PT ROHM-SML-210PT Datasheet
653Kb / 3P
   Standard Type Mini-molded chip LEDs
logo
List of Unclassifed Man...
SML-210PT ETC1-SML-210PT Datasheet
106Kb / 2P
   LEDs, Surface Mount
logo
Rohm
SML-210PT ROHM-SML-210PT Datasheet
881Kb / 3P
   Mini-molded chip LEDs
SML-210PT ROHM-SML-210PT Datasheet
136Kb / 3P
   SML-21 Series
SML-210PT ROHM-SML-210PT Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
More results

Similar Description - SML-210PT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-210YTT86 ROHM-SML-210YTT86 Datasheet
103Kb / 5P
   Small, chip LEDs
SML-210LTT86 ROHM-SML-210LTT86 Datasheet
103Kb / 5P
   Small, chip LEDs
SML-210FTT86 ROHM-SML-210FTT86 Datasheet
103Kb / 5P
   Small, chip LEDs
SML311EBT ROHM-SML311EBT Datasheet
97Kb / 3P
   Small,chip LEDs (Blue.Green)
SML-521 ROHM-SML-521 Datasheet
70Kb / 4P
   Two-color chip LEDs, super small type
logo
List of Unclassifed Man...
CL-165HRYG-D ETC1-CL-165HRYG-D Datasheet
355Kb / 8P
   ULTRA - SMALL CHIP - LEDS FOR USE IN VARIOUS ELECTRONIC PRODUCTS
CL-150 ETC-CL-150 Datasheet
349Kb / 8P
   ULTRA SMALL CHIP LEDS FOR USE IN VARIOUS ELECTRONIC PRODUCTS
logo
Everlight Electronics C...
17-21UYC EVERLIGHT-17-21UYC Datasheet
152Kb / 10P
   Chip LEDs
23-21SYGC EVERLIGHT-23-21SYGC Datasheet
153Kb / 9P
   Chip LEDs
23-21UYC EVERLIGHT-23-21UYC Datasheet
154Kb / 9P
   Chip LEDs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com