![]() |
Electronic Components Datasheet Search |
|
60R120P7 Marking, IPP60R120P7 Datasheet(PDF) 8 Page - Infineon Technologies AG |
|
IPP60R120P7 Datasheet(HTML) 8 Page - Infineon Technologies AG |
8 / 14 page ![]() 8 600VCoolMOSªP7PowerTransistor IPP60R120P7 Rev.2.0,2017-05-18 Final Data Sheet Diagram5:Typ.outputcharacteristics VDS[V] 0 5 10 15 20 0 20 40 60 80 100 20 V 10 V 8 V 7 V 6 V 5.5 V 5 V 4.5 V ID=f(VDS);Tj=25°C;parameter:VGS Diagram6:Typ.outputcharacteristics VDS[V] 0 5 10 15 20 0 10 20 30 40 50 60 70 20 V 10 V 8 V 7 V 6 V 5.5 V 5 V 4.5 V ID=f(VDS);Tj=125°C;parameter:VGS Diagram7:Typ.drain-sourceon-stateresistance ID[A] 0 10 20 30 40 50 60 0.200 0.260 0.320 0.380 0.440 0.500 20 V 10 V 6.5 V 6 V 7 V 5.5 V RDS(on)=f(ID);Tj=125°C;parameter:VGS Diagram8:Drain-sourceon-stateresistance Tj[°C] -50 -25 0 25 50 75 100 125 150 0.000 0.500 1.000 1.500 2.000 2.500 3.000 RDS(on)=f(Tj);ID=8.2A;VGS=10V |
Similar Description - IPP60R120P7 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |