Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF HTML

J6 Marking, S9014 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part No. S9014
Description  Silicon Epitaxial Planar Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

S9014 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  S9014 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited S9014 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited S9014 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited S9014 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BL Galaxy Electrical
Production specification
Silicon Epitaxial Planar Transistor
S9014
Document number: BL/SSSTC083
www.galaxycn.com
Rev.A
1
FEATURES
Complementary To S9015.
Pb
Lead-free
Excellent HFE Linearity.
Power dissipation.(PC=0.2W)
APPLICATIONS
Per-Amplifier low level & low noise.
SOT-23
ORDERING INFORMATION
Type No.
Marking
Package Code
S9014
J6
SOT-23
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
50
V
VCEO
Collector-Emitter Voltage
45
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
100
mA
PC
Collector Dissipation
200
mW
Tj,Tstg
Junction and Storage Temperature
-55~150


Similar Description - S9014

ManufacturerPart No.DatasheetDescription
Continental Device India Limited
Continental Device Indi...
CMBT4403 CDIL-CMBT4403 Datasheet
132Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTOR
Galaxy Semi-Conductor Holdings Limited
Galaxy Semi-Conductor H...
2SA1037 BILIN-2SA1037 Datasheet
310Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC3356W BILIN-2SC3356W Datasheet
164Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC4081W BILIN-2SC4081W Datasheet
217Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC4097W BILIN-2SC4097W Datasheet
133Kb / 3P
   Silicon Epitaxial Planar Transistor
2SC4177W BILIN-2SC4177W Datasheet
271Kb / 4P
   Silicon Epitaxial Planar Transistor
2SD596 BILIN-2SD596 Datasheet
264Kb / 4P
   Silicon Epitaxial Planar Transistor
KTA1298 BILIN-KTA1298 Datasheet
216Kb / 4P
   Silicon Epitaxial Planar Transistor
SS8050W BILIN-SS8050W Datasheet
160Kb / 4P
   Silicon Epitaxial Planar Transistor
STD123 BILIN-STD123 Datasheet
268Kb / 4P
   Silicon Epitaxial Planar Transistor
2SB709A_0712 BILIN-2SB709A_0712 Datasheet
190Kb / 4P
   Silicon Epitaxial Planar Transistor
More results


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL
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
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com