Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7823YRM Datasheet(PDF) 9 Page - Analog Devices

Part # AD7823YRM
Description  ADC in 8-Lead microSOIC/DIP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7823YRM Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7823YRM Datasheet HTML 4Page - Analog Devices AD7823YRM Datasheet HTML 5Page - Analog Devices AD7823YRM Datasheet HTML 6Page - Analog Devices AD7823YRM Datasheet HTML 7Page - Analog Devices AD7823YRM Datasheet HTML 8Page - Analog Devices AD7823YRM Datasheet HTML 9Page - Analog Devices AD7823YRM Datasheet HTML 10Page - Analog Devices AD7823YRM Datasheet HTML 11Page - Analog Devices AD7823YRM Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD7823
–8–
REV. C
POWER-UP TIMES
The AD7823 has a 1.5
µs power-up time. When VDD is first
connected, the AD7823 is in a low current mode of operation.
In order to carry out a conversion, the AD7823 must first be
powered up. The ADC is powered up by a rising edge on the
CONVST pin. A conversion is initiated on the falling edge of
CONVST. Figure 12 shows how to power up the AD7823 when
VDD is first connected or after the AD7823 is powered down
using the
CONVST pin.
Care must be taken to ensure that the
CONVST pin of the
AD7823 is logic low when VDD is first applied.
CONVST
tPOWER-UP
1.5 s
VDD
MODE 1 (
CONVST IDLES HIGH)
CONVST
VDD
MODE 2 (
CONVST IDLES LOW)
1µs
tPOWER-UP
1.5 s
Figure 12. Power-Up Times
POWER VS. THROUGHPUT RATE
By operating the AD7823 in Mode 2, the average power con-
sumption of the AD7823 decreases at lower throughput rates.
Figure 13 shows how the automatic power-down is implemented
using the
CONVST signal to achieve the optimum power per-
formance for the AD7823. The AD7823 is operated in Mode 2.
As the throughput rate is reduced, the device remains in its
power-down state for longer, and the average power consump-
tion over time drops accordingly.
tCYCLE
100 s @ 10kSPS
CONVST
tCONVERT
5 s
POWER-DOWN
tPOWER-UP
1.5 s
Figure 13. Automatic Power-Down
For example, if the AD7823 is operated in a continuous sampling
mode with a throughput rate of 10 kSPS, the power consumption
is calculated as follows. The power dissipation during normal
operation is 10.5 mW, VDD = 3 V. If the power-up time is 1.5
µs
and the conversion time is 5
µs, then the AD7823 can be said to
dissipate 10.5 mW for 6.5
µs (worst case) during each conver-
sion cycle. If the throughput rate is 10 kSPS, the cycle time is
100
µs, and the average power dissipated during each cycle is
(6.5/100)
× (10.5 mW) = 683 µW. Figure 2 shows a graph of
Power vs. Throughput.
OPERATING MODES
Mode 1 Operation (High Speed Sampling)
When the AD7823 is used in this mode of operation, the part is
not powered down between conversions. This mode of opera-
tion allows high throughput rates to be achieved. The timing
diagram in Figure 14 shows how this optimum throughput rate
is achieved by bringing the
CONVST signal high before the end
of the conversion. It is recommended that the
CONVST signal
should go high within 3
µs of conversion starting. This ensures
that the
CONVST signal does not go high at the same time the
part is attempting to power down. The AD7823 leaves its tracking
mode and goes into hold on the falling edge of
CONVST. A
conversion is also initiated at this time and takes 4
µs typ to
complete. At this point, the result of the current conversion is
latched into the serial shift register, and the state of the
CONVST
signal is checked. The
CONVST signal should be high at the
end of the conversion to prevent the part from powering down.
A
B
t2
CONVST
DOUT
t1
SCLK
CURRENT CONVERSION
RESULT
Figure 14. Mode 1 Operation Timing
The serial port on the AD7823 is enabled on the rising edge of
the
CONVST signal–see Serial Interface section. As explained
earlier, this rising edge should occur before the end of the con-
version process if the part is not to be powered down. A serial
read can take place at any stage after the rising edge of
CONVST.
If a serial read is initiated before the end of the current conver-
sion process (i.e., at time “A”), then the result of the previous
conversion is shifted out on the DOUT pin. It is possible to allow
the serial read to extend beyond the end of a conversion. In this
case, the new data will not be latched into the output shift regis-
ter until the read has finished. If the user waits until the end of
the conversion process, i.e., 4
µs typ after falling edge of CONVST
(Point “B”), before initiating a read, the current conversion
result is shifted out.


Similar Part No. - AD7823YRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7823YRM AD-AD7823YRM Datasheet
155Kb / 11P
   2.7 V to 5.5 V, 4.5 us, 8-Bit ADC in 8-Lead microSOIC/DIP
REV. B
AD7823YRM AD-AD7823YRM Datasheet
146Kb / 11P
   2.7 V to 5.5 V, 5s, 8-Bit ADC in 8-Lead microSOIC/DIP
REV. C
AD7823YRM-REEL AD-AD7823YRM-REEL Datasheet
146Kb / 11P
   2.7 V to 5.5 V, 5s, 8-Bit ADC in 8-Lead microSOIC/DIP
REV. C
More results

Similar Description - AD7823YRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7810 AD-AD7810_17 Datasheet
186Kb / 12P
   ADC in 8-Lead microSOIC/DIP
AD7823 AD-AD7823_15 Datasheet
156Kb / 11P
   2.7 V to 5.5 V, 5s, 8-Bit ADC in 8-Lead microSOIC/DIP
REV. C
AD7823YRM-REEL AD-AD7823YRM-REEL Datasheet
146Kb / 11P
   2.7 V to 5.5 V, 5s, 8-Bit ADC in 8-Lead microSOIC/DIP
REV. C
AD7810 AD-AD7810_15 Datasheet
160Kb / 11P
   2.7 V to 5.5 V, 2.3s, 10-Bit ADC in 8-Lead microSOIC/DIP
REV. B
AD7823 AD-AD7823 Datasheet
155Kb / 11P
   2.7 V to 5.5 V, 4.5 us, 8-Bit ADC in 8-Lead microSOIC/DIP
REV. B
AD7810YRZ-REEL7 AD-AD7810YRZ-REEL7 Datasheet
144Kb / 11P
   2.7 V to 5.5 V, 2.3 s, 10-Bit ADC in 8-Lead microSOIC/DIP
REV. B
AD7810 AD-AD7810 Datasheet
142Kb / 11P
   2.7 V to 5.5 V, 2 us, 10-Bit ADC in 8-Lead microSOIC/DIP
REV. A
AD7896 AD-AD7896 Datasheet
367Kb / 12P
   2.7 V to 5.5 V, 12-Bit, 8 us ADC in 8-Pin SO/DIP
REV. B
AD7091 AD-AD7091 Datasheet
448Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 8-Lead LFCSP
REV. A
logo
COSMO Electronics Corp...
KTLP250H COSMO-KTLP250H Datasheet
213Kb / 8P
   This unit is 8.lead DIP package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com