Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA76432F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TA76432F
Description  1.26-V Adjustable High-Precision Shunt Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA76432F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TA76432F Datasheet HTML 1Page - Toshiba Semiconductor TA76432F Datasheet HTML 2Page - Toshiba Semiconductor TA76432F Datasheet HTML 3Page - Toshiba Semiconductor TA76432F Datasheet HTML 4Page - Toshiba Semiconductor TA76432F Datasheet HTML 5Page - Toshiba Semiconductor TA76432F Datasheet HTML 6Page - Toshiba Semiconductor TA76432F Datasheet HTML 7Page - Toshiba Semiconductor TA76432F Datasheet HTML 8Page - Toshiba Semiconductor TA76432F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TA76432FT/FC/F/FR/S
2002-07-12
1
TOSHIBA Bipolar Linear Integrated Circuit
Silicon Monolithic
TA76432FT,TA76432FC,TA76432F,TA76432FR,TA76432S
1.26-V Adjustable High-Precision Shunt Regulators
These devices are adjustable high-precision shunt regulators
whose output voltage (VKA) can be set arbitrarily using two
external resistors.
These devices have a precise internal reference voltage of 1.26 V,
enabling them to operate at low voltage.
These devices are ideal for use as error amplifiers in 3-V
switching-regulator systems. In addition, they can be used as
zener diodes to perform temperature compensation.
Features
· Precision reference voltage: VREF = 1.26 V ± 1.4% (Ta = 25°C)
· Small temperature coefficient: |αVREF| = 30 ppm/°C (typ.)
· Adjustable output voltage: VREF ≤ VOUT ≤ 19 V
· Minimum cathode current for regulation:
Ikmin = 0.5 mA (max.)
· Operating temperature: Ta = −40~85°C
· Packages: UFV (TA76432FT), SMV (TA76432FC),
PW-MINI (TA76432F/FR) and
TO-92MOD (TA76432S)
· The TA76432FT is housed in an ultra-thin UFV package.
(thickness: 0.7 mm typ.)
TA76432FT
TA76432FC
TA76432F/FR
TA76432S
Weight
SSOP5-P-0.65C : 0.007 g (typ.)
SSOP5-P-0.95
: 0.014 g (typ.)
HSOP3-P-1.50
: 0.05 g (typ.)
SSIP3-P-1.27
: 0.36 g (typ.)


Similar Part No. - TA76432F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA76432F TOSHIBA-TA76432F Datasheet
292Kb / 13P
   1.26-V Adjustable High-Precision Shunt Regulators
TA76432FC TOSHIBA-TA76432FC Datasheet
292Kb / 13P
   1.26-V Adjustable High-Precision Shunt Regulators
TA76432FR TOSHIBA-TA76432FR Datasheet
292Kb / 13P
   1.26-V Adjustable High-Precision Shunt Regulators
TA76432FT TOSHIBA-TA76432FT_06 Datasheet
292Kb / 13P
   1.26-V Adjustable High-Precision Shunt Regulators
More results

Similar Description - TA76432F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA76432FT TOSHIBA-TA76432FT_06 Datasheet
292Kb / 13P
   1.26-V Adjustable High-Precision Shunt Regulators
TA76432AFT TOSHIBA-TA76432AFT Datasheet
257Kb / 11P
   1.26-V Adjustable High-Precision Shunt Regulators
TA76L431FB TOSHIBA-TA76L431FB Datasheet
202Kb / 8P
   2.495 V Adjustable High-Precision Shunt Regulators
TA76L431FT TOSHIBA-TA76L431FT Datasheet
253Kb / 9P
   2.49-V Adjustable High-Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
   Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com