Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCET2200 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TCET2200
Description  Optocoupler, Phototransistor Output (Single, Dual Channel)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCET2200 Datasheet(HTML) 3 Page - Vishay Siliconix

  TCET2200 Datasheet HTML 1Page - Vishay Siliconix TCET2200 Datasheet HTML 2Page - Vishay Siliconix TCET2200 Datasheet HTML 3Page - Vishay Siliconix TCET2200 Datasheet HTML 4Page - Vishay Siliconix TCET2200 Datasheet HTML 5Page - Vishay Siliconix TCET2200 Datasheet HTML 6Page - Vishay Siliconix TCET2200 Datasheet HTML 7Page - Vishay Siliconix TCET2200 Datasheet HTML 8Page - Vishay Siliconix TCET2200 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TCET1200/ TCET1200G/ TCET2200
Document Number 83501
Rev. 1.5, 26-Oct-04
Vishay Semiconductors
www.vishay.com
3
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
Input
Output
Coupler
Current Transfer Ratio
Maximum Safety Ratings
(according to DIN EN 60747-5-2(VDE0884)/ DIN EN 60747-5-5 pending) see figure 1
This optocoupler is suitable for safe electrical isolation only within the safety ratings.
Compliance with the safety ratings shall be ensured by means of suitable protective circuits.
Input
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = ± 50 mA
VF
1.25
1.6
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
50
pF
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Collector emitter voltage
IC = 1 mA
VCEO
70
V
Emitter collector voltage
IE = 100 µAVECO
7V
Collector-emitter cut-off current
VCE = 20 V, If = 0, E = 0
ICEO
10
100
nA
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Collector emitter saturation
voltage
IF = 10 mA, IC = 1 mA
VCEsat
0.3
V
Cut-off frequency
VCE = 5 V, IF = 10 mA,
RL = 100 Ω
fc
110
kHz
Coupling capacitance
f = 1 MHz
Ck
0.3
pF
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
IC/IF
VCE = 5 V, IF = 5 mA
TCET1200
TCET1200G
CTR
50
600
%
VCE = 5 V, IF = 10 mA
TCET1201
TCET1201G
CTR
40
80
%
TCET1202
TCET1202G
CTR
63
125
%
TCET1203
TCET1203G
CTR
100
200
%
TCET1204
TCET1204G
CTR
160
320
%
VCE = 5 V, IF = 5 mA
TCET2200
CTR
50
600
%
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward current
IF
130
mA


Similar Part No. - TCET2200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCET2200 VISHAY-TCET2200 Datasheet
224Kb / 12P
   Optocoupler with Phototransistor Output
Rev. A2, 08-eb-01
More results

Similar Description - TCET2200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL74 VISHAY-IL74 Datasheet
191Kb / 9P
   Optocoupler, Phototransistor Output(Single, Dual, Quad Channel)
Rev. 1.6, 09-Jan-08
ILCT6 VISHAY-ILCT6 Datasheet
141Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.4, 26-Oct-04
MCT6H VISHAY-MCT6H_04 Datasheet
162Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.4, 26-Oct-04
ILCT6 VISHAY-ILCT6_07 Datasheet
123Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.5, 20-Dec-07
ILD610 VISHAY-ILD610 Datasheet
125Kb / 8P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.6, 26-Oct-04
ILD610 VISHAY-ILD610_08 Datasheet
124Kb / 8P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.8, 09-Jan-08
MCT6H VISHAY-MCT6H_08 Datasheet
121Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.5, 14-Jan-08
ILD1 VISHAY-ILD1 Datasheet
164Kb / 9P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.4, 05-Nov-04
ILD615 VISHAY-ILD615_07 Datasheet
192Kb / 13P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.5, 20-Dec-07
ILD3 VISHAY-ILD3 Datasheet
143Kb / 5P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.3, 19-Apr-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com