Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCET1201 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TCET1201
Description  Optocoupler, Phototransistor Output (Single, Dual Channel)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCET1201 Datasheet(HTML) 5 Page - Vishay Siliconix

  TCET1201 Datasheet HTML 1Page - Vishay Siliconix TCET1201 Datasheet HTML 2Page - Vishay Siliconix TCET1201 Datasheet HTML 3Page - Vishay Siliconix TCET1201 Datasheet HTML 4Page - Vishay Siliconix TCET1201 Datasheet HTML 5Page - Vishay Siliconix TCET1201 Datasheet HTML 6Page - Vishay Siliconix TCET1201 Datasheet HTML 7Page - Vishay Siliconix TCET1201 Datasheet HTML 8Page - Vishay Siliconix TCET1201 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TCET1200/ TCET1200G/ TCET2200
Document Number 83501
Rev. 1.5, 26-Oct-04
Vishay Semiconductors
www.vishay.com
5
Switching Characteristics
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Delay time
VS = 5 V, IC = 2 mA, RL = 100 Ω
(see figure 3)
td
3.0
µs
Rise time
VS = 5 V, IC = 2 mA, RL = 100 Ω
(see figure 3)
tr
3.0
µs
Turn-on time
VS = 5 V, IC = 2 mA, RL = 100 Ω
(see figure 3)
ton
6.0
µs
Storage time
VS = 5 V, IC = 2 mA, RL = 100 Ω
(see figure 3)
ts
0.3
µs
Fall time
VS = 5 V, IC = 2 mA, RL = 100 Ω
(see figure 3)
tf
4.7
µs
Turn-off time
VS = 5 V, IC = 2 mA, RL = 100 Ω
(see figure 3)
toff
5.0
µs
Turn-on time
VS = 5 V, IF = 10 mA, RL = 1 kΩ
(see figure 4)
ton
9.0
µs
Turn-off time
VS = 5 V, IF = 10 mA, RL = 1 kΩ
(see figure 4)
toff
10.0
µs
Figure 3. Test circuit, non-saturated operation
Figure 4. Test circuit, saturated operation
Channel I
Channel II
95 10804
RG = 50 W
tp
tp = 50 s
T
= 0.01
+ 5 V
IF
0
50
W
100
W
IF
IC = 2 mA; adjusted through
input amplitude
Oscilloscope
RL = 1 MW
CL = 20 pF
Channel I
Channel II
95 10843
RG =50
tp
tp =50 s
T
= 0.01
+5V
IC
IF
0
50
1k
IF =10mA
Oscilloscope
RL
CL 20 pF
M
1
µ
Figure 5. Switching Times
tp
t
t
0
0
10%
90%
100%
tr
td
ton
ts
tf
toff
IF
IC
96 11698
tp
pulse duration
td
delay time
tr
rise time
ton (= td +tr)
turn-on time
ts
storage time
tf
fall time
toff (= ts +tf)
turn-off time


Similar Part No. - TCET1201

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCET1201 VISHAY-TCET1201 Datasheet
224Kb / 12P
   Optocoupler with Phototransistor Output
Rev. A2, 08-eb-01
TCET1201 VISHAY-TCET1201 Datasheet
151Kb / 8P
   Optocoupler, Phototransistor Output
01-Jan-2022
TCET1201 VISHAY-TCET1201 Datasheet
151Kb / 8P
   Optocoupler, Phototransistor Output
01-Jan-2023
TCET1201G1 VISHAY-TCET1201G1 Datasheet
224Kb / 12P
   Optocoupler with Phototransistor Output
Rev. A2, 08-eb-01
TCET1201 VISHAY-TCET1201_V02 Datasheet
151Kb / 8P
   Optocoupler, Phototransistor Output
01-Jan-2023
More results

Similar Description - TCET1201

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL74 VISHAY-IL74 Datasheet
191Kb / 9P
   Optocoupler, Phototransistor Output(Single, Dual, Quad Channel)
Rev. 1.6, 09-Jan-08
ILCT6 VISHAY-ILCT6 Datasheet
141Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.4, 26-Oct-04
MCT6H VISHAY-MCT6H_04 Datasheet
162Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.4, 26-Oct-04
ILCT6 VISHAY-ILCT6_07 Datasheet
123Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.5, 20-Dec-07
ILD610 VISHAY-ILD610 Datasheet
125Kb / 8P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.6, 26-Oct-04
ILD610 VISHAY-ILD610_08 Datasheet
124Kb / 8P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.8, 09-Jan-08
MCT6H VISHAY-MCT6H_08 Datasheet
121Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.5, 14-Jan-08
ILD1 VISHAY-ILD1 Datasheet
164Kb / 9P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.4, 05-Nov-04
ILD615 VISHAY-ILD615_07 Datasheet
192Kb / 13P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.5, 20-Dec-07
ILD3 VISHAY-ILD3 Datasheet
143Kb / 5P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.3, 19-Apr-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com