Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDS2024 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # TDS2024
Description  Digital Storage Oscilloscopes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TDS2024 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  TDS2024 Datasheet HTML 1Page - List of Unclassifed Manufacturers TDS2024 Datasheet HTML 2Page - List of Unclassifed Manufacturers TDS2024 Datasheet HTML 3Page - List of Unclassifed Manufacturers TDS2024 Datasheet HTML 4Page - List of Unclassifed Manufacturers TDS2024 Datasheet HTML 5Page - List of Unclassifed Manufacturers TDS2024 Datasheet HTML 6Page - List of Unclassifed Manufacturers TDS2024 Datasheet HTML 7Page - List of Unclassifed Manufacturers TDS2024 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Digital Storage Oscilloscopes TDS1000 and TDS2000 Series
www.tektronix.com/tds2000
6
Digital Storage Oscilloscopes
TDS1002 TDS1012 TDS2002 TDS2012 TDS2014 TDS2022 TDS2024
Environmental and Safety
Temperature –
Operating: 0 ºC to +50 ºC.
Nonoperating: –40 ºC to +71 ºC.
Humidity –
Operating and Nonoperating: up to 90% RH
at or below +30 ºC.
Operating: up to 60% RH up to 50 ºC.
Nonoperating: up to 60% RH up to 55 ºC.
Altitude – Operating and Nonoperating: up to
3,000 m.
Electromagnetic Compatibility – Meets Directive
89/336/EEC, amended by 93/68/EEC, meets
or exceeds EN55011 Class A Radiated and
Conducted Emissions; FCC 47 CFR, Part 15,
Subpart B, Class A; Australian EMC Framework,
demonstrated per Emission Standard AS/NZS
2064; Russian GOST EMC regulations.
Safety – UL3111-1, CSA1010.1, IEC61010-1,
EN61010-1.
Physical Characteristics
INSTRUMENT
Dimensions
mm
in.
Width
323.8
12.75
Height
151.4
5.96
Depth
124.5
4.90
Weight
kg
lbs.
Instrument only
2.0
4.4
with accessories
2.2
4.9
INSTRUMENT SHIPPING
Package Dimensions
mm
in.
Width
476.2
18.75
Height
266.7
10.50
Depth
228.6
9.00
RM2000 RACKMOUNT
Dimensions
mm
in.
Width
482.6
19.00
Height
177.8
7.00
Depth
108.0
4.25
Ordering Information
TDS1002, TDS1012, TDS2002,
TDS2012, TDS2014, TDS2022,
TDS2024
Standard Accessories
Probes – P2220 200 MHz 10X - 1X Switchable
Passive Probes (one per channel).
Documentation – User manual.
Power cord.
NIM/NIST-Traceable Certificate of Calibration.
Please specify the power plug and language
options when ordering.
Recommended Accessories
TDS2CMAX – Communication Module (GPIB,
RS-232, Centronics-type Printer Port) includes:
TDSPCS1 OpenChoicePC Communication
Software, RS-232 cable (012-1651-00),
Programmers manual.
TDS2MEM – Storage Memory and Communication
Module (RS-232, Centronics-type Printer Port)
includes: Type 1 CompactFlash
® memory card
(156-9413-00), CompactFlash to USB Memory
Card Reader (119-6827-00), TDSPCS1
OpenChoice PC Communication Software,
RS-232 cable (012-1651-00), Programmers
manual.
Nonvolatile Storage
Nonvolatile
Standard
Optional TDS2MEM
Storage
Storage Memory and
Communication Module*4
Reference Waveform Display
Two 2500 point reference waveforms
Same as instrument only
Waveform Storage
2 Channel Models
4 Channel Models
96 or more reference waveforms per 8 MB
Two 2500 point reference waveforms
Four 2500 point reference waveforms
Setups
10 front panel setups
4000 or more front panel setups per 8 MB
Screen Images
N/A
128 or more screen images per 8 MB
(the number of images
depends on file format selected)
Save All
N/A
12 or more Save All operations per 8 MB.
A single Save All operation creates
2 to 9 files (setup, image, plus one file
for each displayed waveform)
*4Supplied with Type 1 CompactFlash
® memory card, storage capacity 8 MB or greater.


Similar Part No. - TDS2024

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDS2024B ETC1-TDS2024B Datasheet
429Kb / 8P
   Digital Storage Oscilloscopes
logo
Diodes Incorporated
TDS2024B DIODES-TDS2024B Datasheet
1Mb / 12P
   9V to 30V DC input (with 2 LEDs)
TDS2024B DIODES-TDS2024B Datasheet
418Kb / 8P
   12VDC and 12VAC input
TDS2024B DIODES-TDS2024B Datasheet
262Kb / 8P
   12VDC and 12VAC input
logo
List of Unclassifed Man...
TDS2024C ETC2-TDS2024C Datasheet
1Mb / 12P
   Digital Storage Oscilloscopes
More results

Similar Description - TDS2024

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TBS1000 ETC2-TBS1000 Datasheet
1Mb / 12P
   Digital Storage Oscilloscopes
2550SERIES ETC2-2550SERIES Datasheet
379Kb / 6P
   Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
TDS2000C TEKTRONIX-TDS2000C Datasheet
930Kb / 10P
   Digital Storage Oscilloscopes
logo
List of Unclassifed Man...
TPS2000B ETC2-TPS2000B Datasheet
873Kb / 14P
   Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
TBS1000B TEKTRONIX-TBS1000B Datasheet
936Kb / 12P
   Digital Storage Oscilloscopes
logo
List of Unclassifed Man...
TDS1000B ETC1-TDS1000B Datasheet
429Kb / 8P
   Digital Storage Oscilloscopes
TDS2000C ETC2-TDS2000C Datasheet
1Mb / 12P
   Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
TPS2000B TEKTRONIX-TPS2000B Datasheet
815Kb / 14P
   Digital Storage Oscilloscopes
logo
B&K Precision Corporati...
2560 BK-2560 Datasheet
3Mb / 7P
   Digital Storage and Mixed Signal Oscilloscopes
logo
List of Unclassifed Man...
TDS7000B ETC-TDS7000B Datasheet
191Kb / 12P
   Digital Phosphor Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com