Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLOE50T Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLOE50T
Description  TOSHIBA InGaALP LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLOE50T Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLOE50T Datasheet HTML 1Page - Toshiba Semiconductor TLOE50T Datasheet HTML 2Page - Toshiba Semiconductor TLOE50T Datasheet HTML 3Page - Toshiba Semiconductor TLOE50T Datasheet HTML 4Page - Toshiba Semiconductor TLOE50T Datasheet HTML 5Page - Toshiba Semiconductor TLOE50T Datasheet HTML 6Page - Toshiba Semiconductor TLOE50T Datasheet HTML 7Page - Toshiba Semiconductor TLOE50T Datasheet HTML 8Page - Toshiba Semiconductor TLOE50T Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TL(RE,RME,SE,OE,YE,PYE,GE,FGE,PGE)50T
2002-01-17
2
Maximum Ratings (Ta
==== 25°C)
Product Name
Forward Current
IF (mA)
Reverse Voltage
VR (V)
Power Dissipation
PD (mW)
Operating
Temperature
Topr (°C)
Storage
Temperature
Tstg (°C)
TLRE50T
50
4
120
TLRME50T
50
4
120
TLSE50T
50
4
120
TLOE50T
50
4
120
TLYE50T
50
4
120
TLPYE50T
50
4
120
TLGE50T
50
4
120
TLFGE50T
50
4
120
TLPGE50T
50
4
120
-40~100
-40~120
Electrical and Optical Characteristics (Ta
==== 25°C)
Typ. Emission Wavelength
Luminous Intensity
IV
Forward Voltage
VF
Reverse Current
IR
Product Name
ld
lP
Dl
IF
Min
Typ.
IF
Typ.
Max
IF
Max
VR
TLRE50T
630
(644)
20
20
850
1800
20
1.9
2.4
20
50
4
TLRME50T
626
(636)
23
20
850
2200
20
1.9
2.4
20
50
4
TLSE50T
613
(623)
20
20
1530
3500
20
1.9
2.4
20
50
4
TLOE50T
605
(612)
20
20
1530
4500
20
2.0
2.4
20
50
4
TLYE50T
587
(590)
17
20
1530
3500
20
2.0
2.4
20
50
4
TLPYE50T
580
(583)
14
20
850
2500
20
2.0
2.4
20
50
4
TLGE50T
571
(574)
17
20
476
1500
20
2.0
2.4
20
50
4
TLFGE50T
565
(568)
15
20
272
1000
20
2.0
2.4
20
50
4
TLPGE50T
558
(562)
14
20
153
600
20
2.1
2.4
20
50
4
Unit
nm
mA
mcd
mA
V
mA
mA
V
Precautions
Please be careful of the following:
· Soldering temperature: 260°C max, soldering time: 3 s max
(soldering portion of lead: up to 2 mm from the body of the device)
· If the lead is formed, the lead should be formed up to 5 mm from the body of the device without forming stress to
the resin. Soldering should be performed after lead forming.
· This visible LED lamp also emits some IR light.
If a photodetector is located near the LED lamp, please ensure that it will not be affected by this IR light.


Similar Part No. - TLOE50T

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLOE50T TOSHIBA-TLOE50T Datasheet
284Kb / 12P
   Panel Circuit Indicators
logo
Marktech Corporate
TLOE50T MARKTECH-TLOE50T Datasheet
436Kb / 12P
   TOSHIBA InGaA?밣 LED
logo
Toshiba Semiconductor
TLOE50TF TOSHIBA-TLOE50TF Datasheet
284Kb / 12P
   Panel Circuit Indicators
More results

Similar Description - TLOE50T

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLGE23TP TOSHIBA-TLGE23TP Datasheet
178Kb / 7P
   TOSHIBA InGaALP LED
TLGE53T TOSHIBA-TLGE53T Datasheet
221Kb / 12P
   TOSHIBA InGaALP LED
TLOU123 TOSHIBA-TLOU123 Datasheet
145Kb / 6P
   TOSHIBA InGaALP LED
TLSU180P TOSHIBA-TLSU180P Datasheet
142Kb / 6P
   TOSHIBA InGaALP LED
TLGU53C TOSHIBA-TLGU53C Datasheet
184Kb / 9P
   TOSHIBA InGaAlP LED
TLOU262 TOSHIBA-TLOU262 Datasheet
164Kb / 6P
   TOSHIBA InGaALP LED
TLSU160 TOSHIBA-TLSU160 Datasheet
144Kb / 6P
   TOSHIBA InGaALP LED
TLSU124 TOSHIBA-TLSU124 Datasheet
255Kb / 6P
   TOSHIBA INGAALP LED
TLRH190P TOSHIBA-TLRH190P Datasheet
127Kb / 4P
   TOSHIBA LED Lamp InGaALP Red Light Emission
TLYH190P TOSHIBA-TLYH190P Datasheet
127Kb / 4P
   TOSHIBA LED Lamp InGaALP Yellow Light Emission
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com