Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPC6005 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TPC6005
Description  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC6005 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TPC6005 Datasheet HTML 1Page - Toshiba Semiconductor TPC6005 Datasheet HTML 2Page - Toshiba Semiconductor TPC6005 Datasheet HTML 3Page - Toshiba Semiconductor TPC6005 Datasheet HTML 4Page - Toshiba Semiconductor TPC6005 Datasheet HTML 5Page - Toshiba Semiconductor TPC6005 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TPC6005
2001-12-17
4
Ambient temperature Ta (
°C)
RDS (ON) – Ta
Drain-source voltage VDS (V)
IDR – VDS
Drain-source voltage VDS
Capacitance
– VDS
Ambient temperature Ta (
°C)
Vth – Ta
Ambient temperature Ta (
°C)
PD – Ta
Total gate charge Qg (nC)
Dynamic input/output characteristics
0
10
20
30
40
50
-80
-40
0
40
80
160
120
ソース接地
パルス測定
60
0
10
20
30
40
50
-80
-40
0
40
80
160
120
ID = 6 A
VGS = 2 V
1.5 A
Common source
Pulse test
60
ID = 1.5 A, 3 A, 6 A
VGS = 4.5 V
3 A
6 A
ID = 1.5 A, 3 A
VGS = 2.5 V
0
0.5
1.5
2.0
-80
-40
0
40
80
160
Common source
VDS = 10 V
ID = 200 mA
Pulse test
120
1.0
0
08
16
10
30
50
0
4
12
20
16
24
32
40
20
40
8
6 V
12 V
VDD = 24 V
VGS
VDS
Common source
ID = 6 A
Ta
= 25°C
Pulse test
0
0
0.5
1
1.5
2
2.5
40
80
120
160
(1) Device mounted on a
glass-epoxy board (a)
(Note 2a)
(2) Device mounted on a
glass-epoxy board (b)
(Note 2b)
(1) t
= 5 s
(2) t
= 5 s
(1) DC
(2) DC
0.1
1
10
0
0.8
1.2
1.6
2.0
0.4
3
0.3
100
Common source
Ta
= 25°C
Pulse test
30
3 V
1 V
VGS = 0 V
5 V
10 V
10
100
1000
10000
0.1
1
10
100
3000
300
30
0.3
3
30
Ciss
Crss
Coss
Common source
VGS = 0 V
f
= 1 MHz
Ta
= 25°C


Similar Part No. - TPC6005

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC6005 TOSHIBA-TPC6005 Datasheet
260Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPC6005 TOSHIBA-TPC6005 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
TPC6005 VBSEMI-TPC6005 Datasheet
492Kb / 9P
   N-Channel 30 V (D-S) MOSFET
logo
Toshiba Semiconductor
TPC6005 TOSHIBA-TPC6005_07 Datasheet
260Kb / 7P
   Notebook PC Applications Portable Equipment Applications
More results

Similar Description - TPC6005

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCS8208 TOSHIBA-TPCS8208 Datasheet
205Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC6003 TOSHIBA-TPC6003 Datasheet
159Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPCS8209 TOSHIBA-TPCS8209 Datasheet
362Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPCS8211 TOSHIBA-TPCS8211 Datasheet
224Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC8208 TOSHIBA-TPC8208 Datasheet
226Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPCS8204 TOSHIBA-TPCS8204 Datasheet
304Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC8207 TOSHIBA-TPC8207 Datasheet
219Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC6104 TOSHIBA-TPC6104 Datasheet
205Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIII)
TPCA8102 TOSHIBA-TPCA8102 Datasheet
182Kb / 4P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIII)
TPCS8303 TOSHIBA-TPCS8303 Datasheet
227Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIII)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com