Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61045 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61045
Description  DIGITALLY ADJUSTABLE LCD BOOST CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61045 Datasheet(HTML) 1 Page - Texas Instruments

  TPS61045 Datasheet HTML 1Page - Texas Instruments TPS61045 Datasheet HTML 2Page - Texas Instruments TPS61045 Datasheet HTML 3Page - Texas Instruments TPS61045 Datasheet HTML 4Page - Texas Instruments TPS61045 Datasheet HTML 5Page - Texas Instruments TPS61045 Datasheet HTML 6Page - Texas Instruments TPS61045 Datasheet HTML 7Page - Texas Instruments TPS61045 Datasheet HTML 8Page - Texas Instruments TPS61045 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
www.ti.com
1
1 MW
C1
100 nF
C3
L
VIN
SW
DO
FB
L1
D1
MBR0530
GND
CTRL
PGND
Enable / LCD bias control
C2
4.7uF
R2
R1
R3
Cff
22 pF
4.7 mH
2.2 MW
1 mF
VO
16.2 V to 18.9 V/ 10 mA
180 kW
VCC = 1.8 V to 6 V
1
2
5
6
8
3
4
7
TPS61045
SLVS440A – JANUARY 2003 – REVISED SEPTEMBER 2003
DIGITALLY ADJUSTABLE LCD BOOST CONVERTER
FEATURES
DESCRIPTION
Input Voltage Range . . . 1.8 V to 6.0 V
The TPS61045 is a high frequency boost converter with
digitally programmable output voltage and true shut-
Up to 85% Efficiency
down. During shutdown the output is disconnected
Digitally Adjustable Output Voltage Control
from the input by opening the internal input switch. This
Disconnects Output From Input During Shut-
allows a controlled power up/down sequencing of the
display. The output voltage can be increased or de-
down
creased in digital steps by applying a logic signal to the
Switching Frequency . . . Up to 1 MHz
CTRL pin. The output voltage range, as well as the
No Load Quiescent Current . . . 40 µA Typ
output voltage step size, can be programmed with the
feedback divider network. With a high switching fre-
Thermal Shutdown Mode
quency of up to 1 MHz the TPS61045 allows the use of
Shutdown Current . . . 0.1 µA Typ
small external components and together, with the small
Available in Small 3mm
× 3mm QFN package
8-pin QFN package, a miminum system solution size is
achieved.
APPLICATIONS
LCD Bias Supply For Small to Medium LCD
Displays
OLED Display Power Supply
– PDA, Pocket PC, Smart Phones
– Handheld Devices
– Cellular Phones
Figure 1. Typical Application
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003, Texas Instruments Incorporated
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily in-
clude testing of all parameters.


Similar Part No. - TPS61045

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61045 TI1-TPS61045 Datasheet
1Mb / 26P
[Old version datasheet]   TPS61045 Digitally Adjustable Boost Converter
TPS61045 TI1-TPS61045 Datasheet
1Mb / 26P
[Old version datasheet]   Digitally Adjustable Boost Converter
TPS61045DRBR TI1-TPS61045DRBR Datasheet
1Mb / 26P
[Old version datasheet]   TPS61045 Digitally Adjustable Boost Converter
TPS61045DRBR TI1-TPS61045DRBR Datasheet
1Mb / 26P
[Old version datasheet]   Digitally Adjustable Boost Converter
TPS61045DRBRG4 TI1-TPS61045DRBRG4 Datasheet
1Mb / 26P
[Old version datasheet]   TPS61045 Digitally Adjustable Boost Converter
More results

Similar Description - TPS61045

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61045 TI1-TPS61045_17 Datasheet
1Mb / 26P
[Old version datasheet]   Digitally Adjustable Boost Converter
TPS61045 TI1-TPS61045_14 Datasheet
1Mb / 26P
[Old version datasheet]   TPS61045 Digitally Adjustable Boost Converter
logo
Maxim Integrated Produc...
MAX1620 MAXIM-MAX1620 Datasheet
253Kb / 20P
   Digitally Adjustable LCD Bias Supplies
19-1214; Rev 1; 1/98
MAX749 MAXIM-MAX749 Datasheet
105Kb / 12P
   Digitally Adjustable LCD Bias Supply
Rev 1; 2/95
logo
Zetex Semiconductors
ZXLB1600 ZETEX-ZXLB1600 Datasheet
232Kb / 7P
   LCD BIAS BOOST CONVERTER
logo
ATMEL Corporation
ATA6264 ATMEL-ATA6264_14 Datasheet
1Mb / 83P
   One Programmable/Adjustable Boost Converter
logo
Rohm
BD8158FVM ROHM-BD8158FVM Datasheet
302Kb / 6P
   TFT-LCD Bias Boost Converter
BD8152FVM ROHM-BD8152FVM Datasheet
355Kb / 6P
   TFT-LCD Bias Boost Converter
logo
Analog Devices
ADA4961 AD-ADA4961 Datasheet
1Mb / 25P
   Digitally adjustable gain
logo
Maxim Integrated Produc...
AN629 MAXIM-AN629 Datasheet
58Kb / 6P
   Digitally Adjustable Voltage References
Jul 01, 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com