Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3A5018D Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TS3A5018D
Description  10 OHM QUAD SPDT ANALOG SWITCH
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3A5018D Datasheet(HTML) 9 Page - Texas Instruments

Back Button TS3A5018D Datasheet HTML 5Page - Texas Instruments TS3A5018D Datasheet HTML 6Page - Texas Instruments TS3A5018D Datasheet HTML 7Page - Texas Instruments TS3A5018D Datasheet HTML 8Page - Texas Instruments TS3A5018D Datasheet HTML 9Page - Texas Instruments TS3A5018D Datasheet HTML 10Page - Texas Instruments TS3A5018D Datasheet HTML 11Page - Texas Instruments TS3A5018D Datasheet HTML 12Page - Texas Instruments TS3A5018D Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
TS3A5018
10 W QUAD SPDT ANALOG SWITCH
SCDS189 – JANUARY 2005
www.ti.com
9
PIN DESCRIPTION
PIN
NUMBER
NAME
DESCRIPTION
1
IN
Digital control pin to select between NC and NO
2
NC1
Normally closed
3
NO1
Normally open
4
COM1
Common
5
NC2
Normally closed
6
NO2
Normally open
7
COM2
Common
8
GND
Digital ground
9
COM3
Common
10
NO3
Normally open
11
NC3
Normally closed
12
COM4
Common
13
NO4
Normally open
14
NC4
Normally closed
15
EN
Chip Enable (active low)
16
V+
Power supply


Similar Part No. - TS3A5018D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A5018D TI-TS3A5018D Datasheet
700Kb / 27P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018D TI-TS3A5018D Datasheet
830Kb / 29P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018D TI1-TS3A5018D Datasheet
1Mb / 38P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018DBQR TI-TS3A5018DBQR Datasheet
700Kb / 27P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018DBQR TI-TS3A5018DBQR Datasheet
830Kb / 29P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
More results

Similar Description - TS3A5018D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3157 TI-TS5A3157 Datasheet
396Kb / 26P
[Old version datasheet]   10-ohm SPDT ANALOG SWITCH
logo
Global Mixed-mode Techn...
G3204 GMT-G3204 Datasheet
105Kb / 1P
   Quad 10 SPDT Analog Switch
logo
Texas Instruments
TS3A5018 TI-TS3A5018_10 Datasheet
700Kb / 27P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018_101 TI-TS3A5018_101 Datasheet
830Kb / 29P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018 TI1-TS3A5018_14 Datasheet
1Mb / 38P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018 TI-TS3A5018_15 Datasheet
1Mb / 37P
[Old version datasheet]   TS3A5018 10-廓 Quad SPDT Analog Switch
logo
SG Micro Corp
SGM3699 SGMICRO-SGM3699_15 Datasheet
354Kb / 12P
   Quad, SPDT Analog Switch
logo
Texas Instruments
TS5A63157 TI-TS5A63157 Datasheet
411Kb / 27P
[Old version datasheet]   12-OHM SPDT ANALOG SWITCH
logo
Maxim Integrated Produc...
MAX333SM MAXIM-MAX333SM Datasheet
25Kb / 4P
   QUAD, SPDT, CMOS ANALOG SWITCH
Rev. C
logo
Vishay Siliconix
DG333A VISHAY-DG333A_V01 Datasheet
160Kb / 12P
   Precision Quad SPDT Analog Switch
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com