Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP552SQ30T1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP552SQ30T1
Description  80 mA CMOS Low Iq NOCAP Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP552SQ30T1 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP552SQ30T1 Datasheet HTML 1Page - ON Semiconductor NCP552SQ30T1 Datasheet HTML 2Page - ON Semiconductor NCP552SQ30T1 Datasheet HTML 3Page - ON Semiconductor NCP552SQ30T1 Datasheet HTML 4Page - ON Semiconductor NCP552SQ30T1 Datasheet HTML 5Page - ON Semiconductor NCP552SQ30T1 Datasheet HTML 6Page - ON Semiconductor NCP552SQ30T1 Datasheet HTML 7Page - ON Semiconductor NCP552SQ30T1 Datasheet HTML 8Page - ON Semiconductor NCP552SQ30T1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Publication Order Number:
NCP552/D
© Semiconductor Components Industries, LLC, 2004
September, 2004 − Rev. 5
NCP552, NCP553, NCV553
80 mA CMOS Low Iq
NOCAPE Voltage Regulator
This series of fixed output NOCAP linear regulators are designed
for handheld communication equipment and portable battery powered
applications which require low quiescent. This series features an
ultra−low quiescent current of 2.8
mA. Each device contains a voltage
reference unit, an error amplifier, a PMOS power transistor, resistors
for setting output voltage, current limit, and temperature limit
protection circuits. The NCP552 series provides an enable pin for
ON/OFF control.
These voltage regulators have been designed to be used with low
cost ceramic capacitors. The devices have the ability to operate
without an output capacitor. The devices are housed in the
micro−miniature SC82−AB surface mount package. Standard voltage
versions are 1.5, 1.8, 2.5, 2.7, 2.8, 3.0, 3.3, and 5.0 V. Other voltages
are available in 100 mV steps.
Features
Pb−Free Packages are Available*
Low Quiescent Current of 2.8 mA Typical
Low Output Voltage Option
Output Voltage Accuracy of 2.0%
Industrial Temperature Range of −40°C to 85°C
(NCV553, TA = −40°C to +125°C)
NCP552 Provides an Enable Pin
Typical Applications
Battery Powered Consumer Products
Hand−Held Instruments
Camcorders and Cameras
NCV Prefix for Automotive and Other Applications Requiring Site
and Control Changes
Figure 1. NCP552 Typical Application Diagram
This device contains 32 active transistors
Output
C2
OFF
ON
+
Input
GND Enable
Vin
Vout
+
C1
Figure 2. NCP553 Typical Application Diagram
Output
C2
+
Input
GND
N/C
Vin
Vout
+
C1
This device contains 32 active transistors
SC82−AB (SC70−4)
SQ SUFFIX
CASE 419C
1
4
PIN CONNECTIONS &
MARKING DIAGRAMS
GND
(NCP552 Top View)
1
2
4
3
Vin
Enable
Vout
xxx = Device Code
M
= Date Code
GND 1
2
4
3
Vin
N/C
Vout
(NCP553, NCV553 Top View)
See detailed ordering and shipping information in the package
dimensions section on page 8 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
*For additional information on our Pb−Free strategy
and soldering details, please download the
ON Semiconductor Soldering and Mounting
Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com


Similar Part No. - NCP552SQ30T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5500 ONSEMI-NCP5500 Datasheet
137Kb / 9P
   500 mA Linear Regulator
June, 2006 ??Rev. 3
NCP5500DADJR2G ONSEMI-NCP5500DADJR2G Datasheet
213Kb / 13P
   500 mA LDO Voltage Regulator
April, 2013 ??Rev. 12
NCP5500DT15RKG ONSEMI-NCP5500DT15RKG Datasheet
137Kb / 9P
   500 mA Linear Regulator
June, 2006 ??Rev. 3
NCP5500DT15RKG ONSEMI-NCP5500DT15RKG Datasheet
213Kb / 13P
   500 mA LDO Voltage Regulator
April, 2013 ??Rev. 12
NCP5500DT33RKG ONSEMI-NCP5500DT33RKG Datasheet
213Kb / 13P
   500 mA LDO Voltage Regulator
April, 2013 ??Rev. 12
More results

Similar Description - NCP552SQ30T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP553SQ18T1G ONSEMI-NCP553SQ18T1G Datasheet
134Kb / 8P
   80 mA CMOS Low Iq NOCAP Voltage Regulator
June, 2013 ??Rev. 3
NCP553 ONSEMI-NCP553 Datasheet
156Kb / 8P
   CMOS Low Iq NOCAP Voltage Regulator
November, 2016 ??Rev. 5
NCP512SQ13T1G ONSEMI-NCP512SQ13T1G Datasheet
142Kb / 9P
   80 mA CMOS Low Iq Voltage Regulator
June, 2009 ??Rev. 15
NCP562 ONSEMI-NCP562_15 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
NCP502 ONSEMI-NCP502_13 Datasheet
192Kb / 9P
   80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
May, 2013 ??Rev. 20
NCP563 ONSEMI-NCP563_12 Datasheet
151Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2009 ??Rev. 12
NCP563 ONSEMI-NCP563 Datasheet
62Kb / 10P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
January, 2004 ??Rev. 6
NCP565 ONSEMI-NCP565_16 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
NCP502 ONSEMI-NCP502_16 Datasheet
99Kb / 9P
   80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
December, 2016 ??Rev. 21
NCP502 ONSEMI-NCP502_07 Datasheet
92Kb / 11P
   80 mA CMOS Low Iq, Low?묭ropout Voltage Regulator
February, 2007 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com