Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP553SQ15T1 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP553SQ15T1
Description  80 mA CMOS Low Iq NOCAP Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP553SQ15T1 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP553SQ15T1 Datasheet HTML 2Page - ON Semiconductor NCP553SQ15T1 Datasheet HTML 3Page - ON Semiconductor NCP553SQ15T1 Datasheet HTML 4Page - ON Semiconductor NCP553SQ15T1 Datasheet HTML 5Page - ON Semiconductor NCP553SQ15T1 Datasheet HTML 6Page - ON Semiconductor NCP553SQ15T1 Datasheet HTML 7Page - ON Semiconductor NCP553SQ15T1 Datasheet HTML 8Page - ON Semiconductor NCP553SQ15T1 Datasheet HTML 9Page - ON Semiconductor NCP553SQ15T1 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
NCP552, NCP553, NCV553
http://onsemi.com
8
ORDERING INFORMATION
Device
Nominal
Output Voltage
(Note 5)
Marking
Package
Shipping
NCP552SQ15T1
NCP552SQ18T1
NCP552SQ25T1
NCP552SQ27T1
NCP552SQ28T1
NCP552SQ30T1
NCP552SQ33T1
NCP552SQ50T1
1.5
1.8
2.5
2.7
2.8
3.0
3.3
5.0
LAW
LAX
LAY
LAZ
LBA
LBB
LBC
LBD
SC82−AB
NCP553SQ15T1
NCP553SQ18T1
NCP553SQ25T1
NCP553SQ27T1
NCP553SQ28T1
NCP553SQ30T1
NCP553SQ33T1
NCP553SQ50T1
1.5
1.8
2.5
2.7
2.8
3.0
3.3
5.0
LBE
LBF
LBG
LBH
LBI
LBJ
LBK
LBL
SC82 AB
(SC70−4)
3000 Units/
8
″ Tape & Reel
NCP553SQ15T1G
NCP553SQ30T1G
1.5
3.0
LBE
LBJ
(Pb−Free)
NCV553SQ50T1 (Note 6)
5.0
LFT
SC82−AB
(SC70−4)
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
5. Additional voltages in 100 mV steps are available upon request by contacting your ON Semiconductor representative.
6. Automotive qualified.


Similar Part No. - NCP553SQ15T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP553SQ15T1G ONSEMI-NCP553SQ15T1G Datasheet
134Kb / 8P
   80 mA CMOS Low Iq NOCAP Voltage Regulator
June, 2013 ??Rev. 3
NCP553SQ15T1G ONSEMI-NCP553SQ15T1G Datasheet
156Kb / 8P
   CMOS Low Iq NOCAP Voltage Regulator
November, 2016 ??Rev. 5
More results

Similar Description - NCP553SQ15T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP553SQ18T1G ONSEMI-NCP553SQ18T1G Datasheet
134Kb / 8P
   80 mA CMOS Low Iq NOCAP Voltage Regulator
June, 2013 ??Rev. 3
NCP553 ONSEMI-NCP553 Datasheet
156Kb / 8P
   CMOS Low Iq NOCAP Voltage Regulator
November, 2016 ??Rev. 5
NCP512SQ13T1G ONSEMI-NCP512SQ13T1G Datasheet
142Kb / 9P
   80 mA CMOS Low Iq Voltage Regulator
June, 2009 ??Rev. 15
NCP562 ONSEMI-NCP562_15 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
NCP502 ONSEMI-NCP502_13 Datasheet
192Kb / 9P
   80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
May, 2013 ??Rev. 20
NCP563 ONSEMI-NCP563_12 Datasheet
151Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2009 ??Rev. 12
NCP563 ONSEMI-NCP563 Datasheet
62Kb / 10P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
January, 2004 ??Rev. 6
NCP565 ONSEMI-NCP565_16 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
NCP502 ONSEMI-NCP502_16 Datasheet
99Kb / 9P
   80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
December, 2016 ??Rev. 21
NCP502 ONSEMI-NCP502_07 Datasheet
92Kb / 11P
   80 mA CMOS Low Iq, Low?묭ropout Voltage Regulator
February, 2007 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com