Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP553SQ25T1 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP553SQ25T1
Description  80 mA CMOS Low Iq NOCAP Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP553SQ25T1 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP553SQ25T1 Datasheet HTML 2Page - ON Semiconductor NCP553SQ25T1 Datasheet HTML 3Page - ON Semiconductor NCP553SQ25T1 Datasheet HTML 4Page - ON Semiconductor NCP553SQ25T1 Datasheet HTML 5Page - ON Semiconductor NCP553SQ25T1 Datasheet HTML 6Page - ON Semiconductor NCP553SQ25T1 Datasheet HTML 7Page - ON Semiconductor NCP553SQ25T1 Datasheet HTML 8Page - ON Semiconductor NCP553SQ25T1 Datasheet HTML 9Page - ON Semiconductor NCP553SQ25T1 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
NCP552, NCP553, NCV553
http://onsemi.com
6
−400
100
0
50
−50
200
0
400
10
TIME (ms)
Figure 9. Load Transient Response
Figure 10. Load Transient Response
0
TIME (ms)
100
150
0
600
20
50
0
50
30
40
0.5
1
2
1.5
Vin = 4 V
Cout = 10 mF
Vin = 4 V
Cout = 10 mF
0
2
3
1
1.5
0
3.5
5
100
0
Figure 11. Turn−On Response (NCP552 ONLY)
Figure 12. Output Voltage versus Input Voltage
0
TIME (
ms)
200
700
0.5
400
300
600
24
12
6
Cin = 1 mF
Cout = 1 mF
TA = 25 _C
Iout = 10 mA
Cin = 1 mF
Cout = 0.1 mF
Vin = 4 V
0
500
Vin, INPUT VOLTAGE (VOLTS)
2.5
8
200
−200
10
0
1
2
3


Similar Part No. - NCP553SQ25T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP553SQ25T1G ONSEMI-NCP553SQ25T1G Datasheet
134Kb / 8P
   80 mA CMOS Low Iq NOCAP Voltage Regulator
June, 2013 ??Rev. 3
NCP553SQ25T1G ONSEMI-NCP553SQ25T1G Datasheet
156Kb / 8P
   CMOS Low Iq NOCAP Voltage Regulator
November, 2016 ??Rev. 5
More results

Similar Description - NCP553SQ25T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP553SQ18T1G ONSEMI-NCP553SQ18T1G Datasheet
134Kb / 8P
   80 mA CMOS Low Iq NOCAP Voltage Regulator
June, 2013 ??Rev. 3
NCP553 ONSEMI-NCP553 Datasheet
156Kb / 8P
   CMOS Low Iq NOCAP Voltage Regulator
November, 2016 ??Rev. 5
NCP512SQ13T1G ONSEMI-NCP512SQ13T1G Datasheet
142Kb / 9P
   80 mA CMOS Low Iq Voltage Regulator
June, 2009 ??Rev. 15
NCP562 ONSEMI-NCP562_15 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
NCP502 ONSEMI-NCP502_13 Datasheet
192Kb / 9P
   80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
May, 2013 ??Rev. 20
NCP563 ONSEMI-NCP563_12 Datasheet
151Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2009 ??Rev. 12
NCP563 ONSEMI-NCP563 Datasheet
62Kb / 10P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
January, 2004 ??Rev. 6
NCP565 ONSEMI-NCP565_16 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
NCP502 ONSEMI-NCP502_16 Datasheet
99Kb / 9P
   80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
December, 2016 ??Rev. 21
NCP502 ONSEMI-NCP502_07 Datasheet
92Kb / 11P
   80 mA CMOS Low Iq, Low?묭ropout Voltage Regulator
February, 2007 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com