Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP553SQ33T1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP553SQ33T1
Description  80 mA CMOS Low Iq NOCAP Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP553SQ33T1 Datasheet(HTML) 3 Page - ON Semiconductor

  NCP553SQ33T1 Datasheet HTML 1Page - ON Semiconductor NCP553SQ33T1 Datasheet HTML 2Page - ON Semiconductor NCP553SQ33T1 Datasheet HTML 3Page - ON Semiconductor NCP553SQ33T1 Datasheet HTML 4Page - ON Semiconductor NCP553SQ33T1 Datasheet HTML 5Page - ON Semiconductor NCP553SQ33T1 Datasheet HTML 6Page - ON Semiconductor NCP553SQ33T1 Datasheet HTML 7Page - ON Semiconductor NCP553SQ33T1 Datasheet HTML 8Page - ON Semiconductor NCP553SQ33T1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
NCP552, NCP553, NCV553
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (Vin = Vout(nom.) + 1.0 V, Venable = Vin, Cin = 1.0 mF, Cout = 1.0 mF, TJ = 25°C, unless
otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (TA = 25°C, Iout = 10 mA)
1.5 V
1.8 V
2.5 V
2.7 V
2.8 V
3.0 V
3.3 V
5.0 V
Vout
1.455
1.746
2.425
2.646
2.744
2.94
3.234
4.900
1.5
1.8
2.5
2.7
2.8
3.0
3.3
5.0
1.545
1.854
2.575
2.754
2.856
3.06
3.366
5.100
V
Output Voltage (TA = −40°C to 85°C, Iout = 10 mA)
1.5 V
1.8 V
2.5 V
2.7 V
2.8 V
3.0 V
3.3 V
5.0 V
Vout
1.455
1.746
2.425
2.619
2.716
2.910
3.201
4.900
1.5
1.8
2.5
2.7
2.8
3.0
3.3
5.0
1.545
1.854
2.575
2.781
2.884
3.09
3.399
5.100
V
Output Voltage (TA = −40°C, Iout = 10 mA)
NCV553 −5.0 V
Vout
4.900
5.0
5.100
V
Output Voltage (TA = +125°C, Iout = 10 mA)
NCV553 −5.0 V
Vout
4.850
5.0
5.150
V
Line Regulation (Vin = Vout + 1.0 V to 12 V, Iout = 10 mA)
Regline
2.0
4.5
mV/V
Load Regulation (Iout = 1.0 mA to 80 mA, Vin = Vout + 2.0 V)
Regload
0.3
0.8
mV/mA
Output Current (Vout = (Vout at Iout = 80 mA) −3.0%)
1.5 V−3.9 V (Vin = Vout(nom.) + 2.0 V)
4.0 V−5.0 V (Vin = 6.0 V)
Io(nom.)
80
80
180
180
mA
Dropout Voltage (TA = −40°C to 125°C, Iout = 80 mA, Measured at
Vout −3.0%)
1.5 V
1.8 V
2.5 V
2.7 V
2.8 V
3.0 V
3.3 V
5.0 V
Vin−Vout
1300
1100
800
750
730
680
650
470
1800
1600
1400
1200
1200
1000
1000
800
mV
Quiescent Current
(Enable Input = 0 V)
(Enable Input = Vin, Iout = 1.0 mA to Io(nom.), Vin = Vout +2.0 V)
IQ
0.1
2.8
1.0
6.0
mA
Output Short Circuit Current (Vout = 0 V)
1.5 V−3.9 V (Vin = Vout(nom.) + 2.0 V)
4.0 V−5.0 V (Vin = 6.0 V)
Iout(max)
100
100
300
300
450
450
mA
Output Voltage Noise (f = 20 Hz to 100 kHz, Iout = 10 mA)
(Cout = 1.0 mF)
Vn
90
mVrms
Enable Input Threshold Voltage (NCP552 ONLY)
(Voltage Increasing, Output Turns On, Logic High)
(Voltage Decreasing, Output Turns Off, Logic Low)
Vth(en)
1.3
0.3
V
Output Voltage Temperature Coefficient
TC
"100
ppm/
°C
3. Maximum package power dissipation limits must be observed.
PD
+
TJ(max) *TA
R
qJA
4. Low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.


Similar Part No. - NCP553SQ33T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP553SQ33T1G ONSEMI-NCP553SQ33T1G Datasheet
134Kb / 8P
   80 mA CMOS Low Iq NOCAP Voltage Regulator
June, 2013 ??Rev. 3
NCP553SQ33T1G ONSEMI-NCP553SQ33T1G Datasheet
156Kb / 8P
   CMOS Low Iq NOCAP Voltage Regulator
November, 2016 ??Rev. 5
More results

Similar Description - NCP553SQ33T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP553SQ18T1G ONSEMI-NCP553SQ18T1G Datasheet
134Kb / 8P
   80 mA CMOS Low Iq NOCAP Voltage Regulator
June, 2013 ??Rev. 3
NCP553 ONSEMI-NCP553 Datasheet
156Kb / 8P
   CMOS Low Iq NOCAP Voltage Regulator
November, 2016 ??Rev. 5
NCP512SQ13T1G ONSEMI-NCP512SQ13T1G Datasheet
142Kb / 9P
   80 mA CMOS Low Iq Voltage Regulator
June, 2009 ??Rev. 15
NCP562 ONSEMI-NCP562_15 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
NCP502 ONSEMI-NCP502_13 Datasheet
192Kb / 9P
   80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
May, 2013 ??Rev. 20
NCP563 ONSEMI-NCP563_12 Datasheet
151Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2009 ??Rev. 12
NCP563 ONSEMI-NCP563 Datasheet
62Kb / 10P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
January, 2004 ??Rev. 6
NCP565 ONSEMI-NCP565_16 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
NCP502 ONSEMI-NCP502_16 Datasheet
99Kb / 9P
   80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
December, 2016 ??Rev. 21
NCP502 ONSEMI-NCP502_07 Datasheet
92Kb / 11P
   80 mA CMOS Low Iq, Low?묭ropout Voltage Regulator
February, 2007 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com