Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP553SQ30T1G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP553SQ30T1G
Description  80 mA CMOS Low Iq NOCAP Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP553SQ30T1G Datasheet(HTML) 5 Page - ON Semiconductor

  NCP553SQ30T1G Datasheet HTML 1Page - ON Semiconductor NCP553SQ30T1G Datasheet HTML 2Page - ON Semiconductor NCP553SQ30T1G Datasheet HTML 3Page - ON Semiconductor NCP553SQ30T1G Datasheet HTML 4Page - ON Semiconductor NCP553SQ30T1G Datasheet HTML 5Page - ON Semiconductor NCP553SQ30T1G Datasheet HTML 6Page - ON Semiconductor NCP553SQ30T1G Datasheet HTML 7Page - ON Semiconductor NCP553SQ30T1G Datasheet HTML 8Page - ON Semiconductor NCP553SQ30T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NCP552, NCP553, NCV553
http://onsemi.com
5
5
1.5
1
0.5
TIME (
ms)
6
2
4.5
3
2.5
3.5
−60
2.75
0
−40
1.75
3.25
3
20
100
60
2
2.5
2.25
−20
40
80
TEMPERATURE (
_C)
0.5
0
−50
0.5
25
0
−25
0
Figure 3. Dropout Voltage versus Temperature
Figure 4. Output Voltage versus Temperature
Figure 5. Quiescent Current versus Temperature
Figure 6. Quiescent Current versus Input Voltage
Figure 7. Output Noise Density
FREQUENCY (Hz)
Figure 8. Line Transient Response
1
10
100
TEMPERATURE (
_C)
0.6
50
125
75
0.1
0.4
0.3
Vout(nom.) = 3.0 V
−60
3.02
0
−40
3
3.03
TEMPERATURE (
_C)
3.025
20
100
60
3.005
3.015
3.01
Vout(nom.) = 3.3 V
Iout = 5 mA
Iout = 0 mA
Vin = 4 V
0
2
6
4
2
0
3
Vin, INPUT VOLTAGE (VOLTS)
2.5
812
10
0.5
1.5
1
Vout(nom.) = 3 V
Iout = 0 mA
4.5
1
1.5
2
2.5
3
3.5
4
1000000
−100
0
0
100
200
4
Iout = 1 mA
Cout = 1 mF
100
0.2
0.7
0.8
0.9
80 mA
40 mA
−20
40
80
Vin = 12 V
Vin = 4 V
3.5
4
1000
10000
100000
10 mA
50 mA
4


Similar Part No. - NCP553SQ30T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP553SQ30T1G ONSEMI-NCP553SQ30T1G Datasheet
134Kb / 8P
   80 mA CMOS Low Iq NOCAP Voltage Regulator
June, 2013 ??Rev. 3
NCP553SQ30T1G ONSEMI-NCP553SQ30T1G Datasheet
156Kb / 8P
   CMOS Low Iq NOCAP Voltage Regulator
November, 2016 ??Rev. 5
More results

Similar Description - NCP553SQ30T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP553SQ18T1G ONSEMI-NCP553SQ18T1G Datasheet
134Kb / 8P
   80 mA CMOS Low Iq NOCAP Voltage Regulator
June, 2013 ??Rev. 3
NCP553 ONSEMI-NCP553 Datasheet
156Kb / 8P
   CMOS Low Iq NOCAP Voltage Regulator
November, 2016 ??Rev. 5
NCP512SQ13T1G ONSEMI-NCP512SQ13T1G Datasheet
142Kb / 9P
   80 mA CMOS Low Iq Voltage Regulator
June, 2009 ??Rev. 15
NCP562 ONSEMI-NCP562_15 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
NCP502 ONSEMI-NCP502_13 Datasheet
192Kb / 9P
   80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
May, 2013 ??Rev. 20
NCP563 ONSEMI-NCP563_12 Datasheet
151Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2009 ??Rev. 12
NCP563 ONSEMI-NCP563 Datasheet
62Kb / 10P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
January, 2004 ??Rev. 6
NCP565 ONSEMI-NCP565_16 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
NCP502 ONSEMI-NCP502_16 Datasheet
99Kb / 9P
   80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
December, 2016 ??Rev. 21
NCP502 ONSEMI-NCP502_07 Datasheet
92Kb / 11P
   80 mA CMOS Low Iq, Low?묭ropout Voltage Regulator
February, 2007 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com