Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73033DBVTG4 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73033DBVTG4
Description  LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73033DBVTG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS73033DBVTG4 Datasheet HTML 5Page - Texas Instruments TPS73033DBVTG4 Datasheet HTML 6Page - Texas Instruments TPS73033DBVTG4 Datasheet HTML 7Page - Texas Instruments TPS73033DBVTG4 Datasheet HTML 8Page - Texas Instruments TPS73033DBVTG4 Datasheet HTML 9Page - Texas Instruments TPS73033DBVTG4 Datasheet HTML 10Page - Texas Instruments TPS73033DBVTG4 Datasheet HTML 11Page - Texas Instruments TPS73033DBVTG4 Datasheet HTML 12Page - Texas Instruments TPS73033DBVTG4 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
www.ti.com
22 pF
15 pF
15 pF
OUTPUT VOLTAGE
PROGRAMMING GUIDE
OUTPUT
VOLTAGE
R1
R2
2.5 V
3.3 V
3.6 V
C1
31.6 k
51 k
59 k
30.1 k
30.1 k
30.1 k
0 pF
1.22 V
short
open
GND
NR
FB
IN
OUT
EN
V
IN
V
OUT
R1
C1
R2
1
µF
1
µF
0.01
µF
TPS730xx
Regulator Protection
TPS73001, TPS73018
TPS73025
TPS73030, TPS73033
SBVS054A – NOVEMBER 2004 – REVISED NOVEMBER 2004
APPLICATION INFORMATION (continued)
Figure 17. TPS73001 Adjustable LDO Regulator Programming
The TPS730xx PMOS-pass transistor has a built-in back diode that conducts reverse current when the input
voltage drops below the output voltage (e.g., during power-down). Current is conducted from the output to the
input and is not internally limited. If extended reverse voltage operation is anticipated, external limiting might be
appropriate.
The TPS730xx features internal current limiting and thermal protection. During normal operation, the TPS730xx
limits output current to approximately 400 mA. When current limiting engages, the output voltage scales back
linearly until the overcurrent condition ends. While current limiting is designed to prevent gross device failure,
care should be taken not to exceed the power dissipation ratings of the package or the absolute maximum
voltage ratings of the device. If the temperature of the device exceeds approximately 165
°C, thermal-protection
circuitry shuts it down. Once the device has cooled down to below approximately 140
°C, regulator operation
resumes.
9


Similar Part No. - TPS73033DBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73033DBVTG4 TI-TPS73033DBVTG4 Datasheet
385Kb / 15P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS73033DBVTG4 TI-TPS73033DBVTG4 Datasheet
318Kb / 16P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS73033DBVTG4 TI1-TPS73033DBVTG4 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators
More results

Similar Description - TPS73033DBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS730 TI1-TPS730_16 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators
TPS730XX TI-TPS730XX Datasheet
385Kb / 15P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS73047 TI-TPS73047 Datasheet
318Kb / 16P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS730XX TI-TPS730XX_08 Datasheet
524Kb / 19P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS730XX TI-TPS730XX_07 Datasheet
333Kb / 13P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS730 TI-TPS730_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS730 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301DBVRG4Q1 TI-TPS79301DBVRG4Q1 Datasheet
879Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP Datasheet
786Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com