Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AHC4066PWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AHC4066PWR
Description  QUADRUPLE BILATERAL ANALOG SWITCH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AHC4066PWR Datasheet(HTML) 5 Page - Texas Instruments

  SN74AHC4066PWR Datasheet HTML 1Page - Texas Instruments SN74AHC4066PWR Datasheet HTML 2Page - Texas Instruments SN74AHC4066PWR Datasheet HTML 3Page - Texas Instruments SN74AHC4066PWR Datasheet HTML 4Page - Texas Instruments SN74AHC4066PWR Datasheet HTML 5Page - Texas Instruments SN74AHC4066PWR Datasheet HTML 6Page - Texas Instruments SN74AHC4066PWR Datasheet HTML 7Page - Texas Instruments SN74AHC4066PWR Datasheet HTML 8Page - Texas Instruments SN74AHC4066PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SN74AHC4066
QUADRUPLE BILATERAL ANALOG SWITCH
SCLS511 – JUNE 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 2.5 V ± 0.2 V (unless otherwise noted)
PARAMETER
FROM
TO
TEST
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST
CONDITIONS
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
tPHL
Propagation
delay time
A or B
B or A
CL = 15 pF,
(see Figure 4)
1.2
10
16
ns
tPZH
tPZL
Switch
turn-on time
C
A or B
CL = 15 pF,
RL = 1 kΩ
(see Figure 5)
3.3
15
20
ns
tPLZ
tPHZ
Switch
turn-off time
C
A or B
CL = 15 pF,
RL = 1 kΩ
(see Figure 5)
6
15
23
ns
tPLH
tPHL
Propagation
delay time
A or B
B or A
CL = 50 pF,
(see Figure 4)
2.6
12
18
ns
tPZH
tPZL
Switch
turn-on time
C
A or B
CL = 50 pF,
RL = 1 kΩ
(see Figure 5)
4.2
25
32
ns
tPLZ
tPHZ
Switch
turn-off time
C
A or B
CL = 50 pF,
RL = 1 kΩ
(see Figure 5)
9.6
25
32
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted)
PARAMETER
FROM
TO
TEST
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST
CONDITIONS
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
tPHL
Propagation
delay time
A or B
B or A
CL = 15 pF,
(see Figure 4)
0.8
6
10
ns
tPZH
tPZL
Switch
turn-on time
C
A or B
CL = 15 pF,
RL = 1 kΩ
(see Figure 5)
2.3
11
15
ns
tPLZ
tPHZ
Switch
turn-off time
C
A or B
CL = 15 pF,
RL = 1 kΩ
(see Figure 5)
4.5
11
15
ns
tPLH
tPHL
Propagation
delay time
A or B
B or A
CL = 50 pF,
(see Figure 4)
1.5
9
12
ns
tPZH
tPZL
Switch
turn-on time
C
A or B
CL = 50 pF,
RL = 1 kΩ
(see Figure 5)
3
18
22
ns
tPLZ
tPHZ
Switch
turn-off time
C
A or B
CL = 50 pF,
RL = 1 kΩ
(see Figure 5)
7.2
18
22
ns


Similar Part No. - SN74AHC4066PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC4066PWR TI-SN74AHC4066PWR Datasheet
832Kb / 23P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74AHC4066PWR TI1-SN74AHC4066PWR Datasheet
1Mb / 29P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74AHC4066PWR TI-SN74AHC4066PWR Datasheet
984Kb / 27P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74AHC4066PWRE4 TI-SN74AHC4066PWRE4 Datasheet
832Kb / 23P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74AHC4066PWRE4 TI-SN74AHC4066PWRE4 Datasheet
984Kb / 27P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
More results

Similar Description - SN74AHC4066PWR

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHC4066 UTC-U74AHC4066_15 Datasheet
238Kb / 8P
   QUADRUPLE BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74HC4066 TI-SN74HC4066 Datasheet
418Kb / 17P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74HC4066 TI-SN74HC4066_07 Datasheet
577Kb / 20P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74AHC4066 UTC-U74AHC4066 Datasheet
204Kb / 7P
   QUADRUPLE BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74HC4066 TI-SN74HC4066 Datasheet
153Kb / 10P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74AHC4066 TI1-SN74AHC4066_14 Datasheet
1Mb / 29P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74AHCT4066 UTC-U74AHCT4066_15 Datasheet
227Kb / 6P
   QUADRUPLE BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74HC4066 TI-SN74HC4066_15 Datasheet
796Kb / 21P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74AHC4066 TI-SN74AHC4066_15 Datasheet
984Kb / 27P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74AHC4066 TI-SN74AHC4066_07 Datasheet
832Kb / 23P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com