Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4985EKIJT Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS4985EKIJT
Description  2x1.2w Stereo Audio Power Amplifier with Dedicated Standby Pins
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4985EKIJT Datasheet(HTML) 3 Page - STMicroelectronics

  TS4985EKIJT Datasheet HTML 1Page - STMicroelectronics TS4985EKIJT Datasheet HTML 2Page - STMicroelectronics TS4985EKIJT Datasheet HTML 3Page - STMicroelectronics TS4985EKIJT Datasheet HTML 4Page - STMicroelectronics TS4985EKIJT Datasheet HTML 5Page - STMicroelectronics TS4985EKIJT Datasheet HTML 6Page - STMicroelectronics TS4985EKIJT Datasheet HTML 7Page - STMicroelectronics TS4985EKIJT Datasheet HTML 8Page - STMicroelectronics TS4985EKIJT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
TS4985
Absolute Maximum Ratings
3/29
2
Absolute Maximum Ratings
Table 2.
Key parameters and their absolute maximum ratings
Table 3.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
1.
All voltages values are measured with respect to the ground pin.
6V
Vi
Input Voltage (2)
2.
The magnitude of input signal must never exceed VCC + 0.3V / GND - 0.3V
GND to VCC
V
Toper
Operating Free Air Temperature Range
-40 to + 85
°C
Tstg
Storage Temperature
-65 to +150
°C
Tj
Maximum Junction Temperature
150
°C
Rthja
Flip-chip Thermal Resistance Junction to Ambient
180
°C/W
Pd
Power Dissipation
Internally Limited
ESD
Human Body Model (3)
3.
All voltage values are measured from each pin with respect to supplies.
2kV
ESD
Machine Model
200
V
Latch-up Immunity
200
mA
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
2.2 to 5.5
V
VICM
Common Mode Input Voltage Range
1.2V to VCC
V
VSTB
Standby Voltage Input:
Device ON
Device OFF
1.35
≤ VSTB ≤ VCC
GND
≤ VSTB ≤ 0.4
V
RL
Load Resistor
≥ 4
ROUTGND
Resistor Output to GND (VSTB = GND)
≥ 1MΩ
TSD
Thermal Shutdown Temperature
150
°C
RTHJA
Flip-chip Thermal Resistance Junction to Ambient (1)
1.
When mounted on a 4-layer PCB.
110
°C/W


Similar Part No. - TS4985EKIJT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4982 STMICROELECTRONICS-TS4982 Datasheet
936Kb / 2P
   Highly-integrated complete 2 W stereo audio subsystem
TS4984 STMICROELECTRONICS-TS4984 Datasheet
804Kb / 29P
   2 x 1W Stereo audio power amplifier with active low standby mode
January 2005 Revision 1
TS4984EIJT STMICROELECTRONICS-TS4984EIJT Datasheet
1Mb / 30P
   1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
TS4984EIKJT STMICROELECTRONICS-TS4984EIKJT Datasheet
1Mb / 30P
   1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
TS4984FC STMICROELECTRONICS-TS4984FC Datasheet
1Mb / 30P
   1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
More results

Similar Description - TS4985EKIJT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4984FC STMICROELECTRONICS-TS4984FC Datasheet
1Mb / 30P
   1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
logo
National Semiconductor ...
LM4731 NSC-LM4731 Datasheet
640Kb / 16P
   Stereo 25W Audio Power Amplifier with Mute and Standby Modes
LM4730 NSC-LM4730 Datasheet
643Kb / 17P
   Stereo 14W Audio Power Amplifier with Mute and Standby Modes
logo
STMicroelectronics
TS4984 STMICROELECTRONICS-TS4984 Datasheet
804Kb / 29P
   2 x 1W Stereo audio power amplifier with active low standby mode
January 2005 Revision 1
logo
Unisonic Technologies
S486 UTC-S486_11 Datasheet
266Kb / 12P
   DUAL 100mW AUDIO POWER AMPLIFIER WITH STANDBY MODE
S486 UTC-S486_17 Datasheet
242Kb / 12P
   DUAL 100mW AUDIO POWER AMPLIFIER WITH STANDBY MODE
S486 UTC-S486_15 Datasheet
266Kb / 12P
   DUAL 100mW AUDIO POWER AMPLIFIER WITH STANDBY MODE
S486 UTC-S486 Datasheet
162Kb / 12P
   DUAL 100mW AUDIO POWER AMPLIFIER WITH STANDBY MODE
logo
SG Micro Corp
SGM4812 SGMICRO-SGM4812 Datasheet
335Kb / 11P
   Stereo Audio Power Amplifier
logo
Panasonic Semiconductor
SVI3101B PANASONIC-SVI3101B Datasheet
292Kb / 2P
   Stereo Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com