Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS68040MF25A Datasheet(PDF) 10 Page - ATMEL Corporation

Part # TS68040MF25A
Description  Third- Generation 32-bit Microprocessor
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68040MF25A Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button TS68040MF25A Datasheet HTML 6Page - ATMEL Corporation TS68040MF25A Datasheet HTML 7Page - ATMEL Corporation TS68040MF25A Datasheet HTML 8Page - ATMEL Corporation TS68040MF25A Datasheet HTML 9Page - ATMEL Corporation TS68040MF25A Datasheet HTML 10Page - ATMEL Corporation TS68040MF25A Datasheet HTML 11Page - ATMEL Corporation TS68040MF25A Datasheet HTML 12Page - ATMEL Corporation TS68040MF25A Datasheet HTML 13Page - ATMEL Corporation TS68040MF25A Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
10
TS68040
2116A–HIREL–09/02
Thermal Considerations
General Thermal
Considerations
This section is only given as user information.
As microprocessors are becoming more complex and requiring more power, the need to
efficiently cool the device becomes increasingly more important. In the past, the
TS68000 Family, has been able to provide a 0-70°C ambient temperature part for
speeds less than 40 MHz. However, the TS68040, which has a 50 MHz arithmetic logic
unit (ALU) speed, is specified with a maximum power dissipation for a particular mode, a
maximum junction temperature, and a thermal resistance from the die junction to the
case. This provides a more accurate method of evaluating the environment, taking into
consideration both the air-flow and ambient temperature available. This also allows a
user the information to design a cooling method which meets both thermal performance
requirements and constraints of the board environment.
This section discusses the device characteristics for thermal management, several
methods of thermal management, and an example of one method of cooling the
TS68040.
Thermal Device
Characteristics
The TS68040 presents some inherent characteristics which should be considered when
evaluating a method of cooling the device. The following paragraphs discuss these
die/package and power considerations.
Die and Package
The TS68040 is being placed in a cavity-down alumina-ceramic 179-pin PGA that has a
specified thermal resistance from junction to case of 1°C/W. This package differs from
previous TS68000 Family PGA packages which were cavity up. This cavity-down design
allows the die to be attached to the top surface of the package, which increases the abil-
ity of the part to dissipate heat through the package surface or an attached heat sink.
The maximum perimeter that the TS68040 allows for a heat sink on its surface without
interfering with the capacitor pads is 1.48" x 1.48". The specific dimensions and design
of the particular heat sink will need to be determined by the system designer considering
both thermal performance requirements and size requirements.
Power Considerations
The TS68040 has a maximum power rating, which varies depending on the operating
frequency and the output buffer mode combination being used. The large buffer output
mode dissipates more power than the small, and the higher frequencies of operation
dissipate more power than the lower frequencies. The following paragraphs discuss
trade-offs in using the different output buffer modes, calculation of specific maximum
power dissipation for different modes, and the relationship of thermal resistances and
temperatures.


Similar Part No. - TS68040MF25A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS68000 STMICROELECTRONICS-TS68000 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN10 STMICROELECTRONICS-TS68000CFN10 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN16 STMICROELECTRONICS-TS68000CFN16 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN8 STMICROELECTRONICS-TS68000CFN8 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CP10 STMICROELECTRONICS-TS68000CP10 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
More results

Similar Description - TS68040MF25A

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
80386DX MAXWELL-80386DX Datasheet
244Kb / 17P
   32-Bit Microprocessor
logo
NEC
UPD705101 NEC-UPD705101 Datasheet
302Kb / 72P
   32-BIT MICROPROCESSOR
logo
Nuvoton Technology Corp...
N9H20 NUVOTON-N9H20 Datasheet
1Mb / 60P
   32-bit Microprocessor
logo
List of Unclassifed Man...
NUC502 ETC2-NUC502 Datasheet
5Mb / 266P
   32-bit Microprocessor
logo
Integrated Device Techn...
ICS87002-05 IDT-ICS87002-05 Datasheet
706Kb / 12P
   Third generation FemtoClock
logo
Microsemi Corporation
LX1689 MICROSEMI-LX1689_06 Datasheet
302Kb / 14P
   Third Generation CCFL Controller
logo
NEC
UPD30181 NEC-UPD30181 Datasheet
1Mb / 444P
   64-/32-Bit Microprocessor
logo
Samsung semiconductor
S3C2800 SAMSUNG-S3C2800 Datasheet
119Kb / 22P
   32-BIT RISC MICROPROCESSOR
logo
NEC
V850E1 NEC-V850E1 Datasheet
1Mb / 226P
   32-Bit Microprocessor Core
logo
Toshiba Semiconductor
TMP1962F10AXBG TOSHIBA-TMP1962F10AXBG Datasheet
3Mb / 108P
   32-Bit RISC Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com