Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

4533-632-SS Datasheet(HTML) 1 Page - RAF ELECTRONIC HARDWARE

Part No. 4533-632-SS
Description  1/4 HEX MALE FEMALE STANDOFFS
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RAF [RAF ELECTRONIC HARDWARE]
Homepage  http://www.rafhdwe.com/
Logo 

4533-632-SS Datasheet(HTML) 1 Page - RAF ELECTRONIC HARDWARE

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 1 page
background image
This Drawing is the Property of RAF.
It contains confidential, proprietary
information that is RAF property. Do
not disclose to or duplicate for others
except as authorized by RAF.
TOLERANCES
ALL DIMENSIONS ARE INCHES
(UNLESS OTHERWISE SPECIFIED)
METALLIC
LENGTHS </=: 6 INCHES ± 0.005
LENGTH >: 6 INCHES ±0.010
DIAMETERS: ±0.005
NON-METALLIC
LENGTH: ±0.010 DIAMETERS: ± 0.010
INTERNAL THREADS:
MINIMUM THREAD DEPTH
SCALE
SHEET
1 of 1
REV
DATE
DRN
CHK
CHANGE
SJ
T
Drawn
1/4
[6.35]
HEX
1/4
[6.35]
1½ THREADS MAX.
TO MINOR DIA.
1/4
[6.30]
0.438
[11.11]
1/4 HEX MALE FEMALE STANDOFFS
4533-632-SS
N.T.S.
95 Silvermine Rd.,Seymour CT 06483
Tel: 203-888-2133, Fax: 203-888-9860
02/08/17
COMPONENT
STANDOFFS
NOTES:
1. Material : Stainless Steel
2. Finish : No Plate
3. ASME Y14.5M - 2009
4. All Drawing Dimensions are in Inches [mm]
5. Unless otherwise specified; Edge Breaks,
Radii or Countersinks 0.005-0.015
THREAD
6-32 UNC 2B
THREAD
6-32 UNC 2A


Html Pages

1 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn