Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VG36644041DTL-7 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # VG36644041DTL-7
Description  CMOS Synchronous Dynamic RAM
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VG36644041DTL-7 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button VG36644041DTL-7 Datasheet HTML 2Page - List of Unclassifed Manufacturers VG36644041DTL-7 Datasheet HTML 3Page - List of Unclassifed Manufacturers VG36644041DTL-7 Datasheet HTML 4Page - List of Unclassifed Manufacturers VG36644041DTL-7 Datasheet HTML 5Page - List of Unclassifed Manufacturers VG36644041DTL-7 Datasheet HTML 6Page - List of Unclassifed Manufacturers VG36644041DTL-7 Datasheet HTML 7Page - List of Unclassifed Manufacturers VG36644041DTL-7 Datasheet HTML 8Page - List of Unclassifed Manufacturers VG36644041DTL-7 Datasheet HTML 9Page - List of Unclassifed Manufacturers VG36644041DTL-7 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 69 page
background image
Document :1G5-0177
Rev.2
Page 6
VIS
VG36644041DT / VG36648041DT / VG36641641DT
CMOS Synchronous Dynamic RAM
DC Characteristics 1
(Ta = 0 ~ 70°C, VDD = VDDQ = 3.3 0.3V, VSS = VSSQ = 0V, Ouput Open, unless otherwise noted)
NOTES
1. ICC(max) is specified at the output open condition.
2. -6 grade is available only on 4MX16 option.
3. Input signals are changed one time during 30ns.
4. Normal version: VG366440(80/16)41DT
5. Low power version: VG366440(80/16)41DTL
Parameter
Symbol
Test Conditions
Organization
Limits (max.)
Unit Notes
-6
-7
-7L
-8H
Operating current
ICC1
One bank active
tRC = tRC(MIN), tCLK = tCLK(MIN),
BL = 1, CL=3
x4
-
75
75
70
mA
1, 2
x8
-
75
75
70
x16
95
85
85
80
Precharge standby
current in power down
mode
ICC2P
CKE
VIL(MAX), tCK = 15ns
x4/x8/x16
2
mA
ICC2PS
CKE
VIL(MAX), CLK
VIL(MAX)
x4/x8/x16
1
Precharge standby
current in non power
down mode
ICC2N
CS
VCC - 0.2V
tCK = 15ns, CKE
VIH(MIN)
x4/x8/x16
20
mA
3
ICC2NS
CS
VCC - 0.2V
CLK
VIL(MAX), CKE VIH(MIN)
All input signals are stable.
x4/x8/x16
15
mA
Active standby current
in power down mode
ICC3P
CKE
VIL(MAX), tCK = 10ns
x4/x8/x16
7
mA
ICC3PS
CKE
VIL(MAX), CLK
VIL(MAX)
x4/x8/x16
5
Active standby current
in Nonpower down
mode
ICC3N
CS
VCC - 0.2V
tCK = 15ns, CKE
VIH(MIN)
x4/x8/x16
30
mA
3
ICC3NS
CS
VCC - 0.2V
CLK
VIL(MAX), CKE VIH(MIN)
All input signals are stable.
x4/x8/x16
25
mA
Operating current
(Burst mode)
ICC4
All banks active
tCK = tCK(MIN), BL=4, CL=3
All banks active
x4
-
90
90
70
mA
x8
-
90
90
70
x16
130
100
100
80
Refresh current
ICC5
tRC = tRC(MIN), tCLK = tCLK(MIN)
x4/x8/x16
150
130
130
110
mA
Self refresh current
ICC6
CKE
0.2V
x4/x8/x16
1
mA
4
0.5
mA
5
±
CKE
V
CKE
V
CKE
V
CKE
V
CKE
V
CKE
V
CKE
V
CKE
V
DC Characteristics 2
(Ta = 0 ~ 70°C, VDD = VDDQ = 3.3 0.3V , VSS = VSSQ = 0V, unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Max
Unit
Input leakage current (Inputs)
II (L)
0
VIN
VDD(MAX)
Pins not under test = 0V
-5
5
uA
Output leakage current (I/O pins)
IO (L)
0
VOUT
VDD(MAX)
DQ# in H - Z., DOUT is disabled
-5
5
uA
High level output voltage
VOH
IOH = -2mA
2.4
V
Low level output voltage
VOL
IOL = 2mA
0.4
V
±


Similar Part No. - VG36644041DTL-7

ManufacturerPart #DatasheetDescription
logo
Vanguard International ...
VG36644041DT VML-VG36644041DT Datasheet
1Mb / 69P
   CMOS Synchronous Dynamic RAM
More results

Similar Description - VG36644041DTL-7

ManufacturerPart #DatasheetDescription
logo
Vanguard International ...
VG36128401A VML-VG36128401A Datasheet
940Kb / 69P
   CMOS Synchronous Dynamic RAM
VG36128401BT VML-VG36128401BT Datasheet
1Mb / 68P
   CMOS Synchronous Dynamic RAM
VG36648041CT VML-VG36648041CT Datasheet
949Kb / 70P
   CMOS Synchronous Dynamic RAM
VG36256401A VML-VG36256401A Datasheet
944Kb / 69P
   CMOS Synchronous Dynamic RAM
VG3664321412BT VML-VG3664321412BT Datasheet
978Kb / 72P
   CMOS Synchronous Dynamic RAM
VG36644041DT VML-VG36644041DT Datasheet
1Mb / 69P
   CMOS Synchronous Dynamic RAM
VG3617161ET VML-VG3617161ET Datasheet
1Mb / 69P
   CMOS Synchronous Dynamic RAM
VG36641641BT VML-VG36641641BT Datasheet
974Kb / 70P
   CMOS Synchronous Dynamic RAM
VG3617801CT VML-VG3617801CT Datasheet
1,008Kb / 68P
   16Mb CMOS Synchronous Dynamic RAM
VG3617161DT VML-VG3617161DT Datasheet
943Kb / 70P
   16Mb CMOS Synchronous Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com