Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VG36644041DTL-7L Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # VG36644041DTL-7L
Description  CMOS Synchronous Dynamic RAM
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VG36644041DTL-7L Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  VG36644041DTL-7L Datasheet HTML 1Page - List of Unclassifed Manufacturers VG36644041DTL-7L Datasheet HTML 2Page - List of Unclassifed Manufacturers VG36644041DTL-7L Datasheet HTML 3Page - List of Unclassifed Manufacturers VG36644041DTL-7L Datasheet HTML 4Page - List of Unclassifed Manufacturers VG36644041DTL-7L Datasheet HTML 5Page - List of Unclassifed Manufacturers VG36644041DTL-7L Datasheet HTML 6Page - List of Unclassifed Manufacturers VG36644041DTL-7L Datasheet HTML 7Page - List of Unclassifed Manufacturers VG36644041DTL-7L Datasheet HTML 8Page - List of Unclassifed Manufacturers VG36644041DTL-7L Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 69 page
background image
Document :1G5-0177
Rev.2
Page 4
VIS
VG36644041DT / VG36648041DT / VG36641641DT
CMOS Synchronous Dynamic RAM
Pin Function
Symbol
Input
Function
CLK
Input
Maste Clock: Other inputs signals are referenecd to the CLK rising edge
CKE
Input
Clock Enable: CKE HIGH activates, and CKE LOW deactivates internal clock signals,
device input buffers and output drivers. Deactivating the clock provides PRECHARGE
POWER-DOWN and SELF REFRESH operation (all banks idle), or ACTIVE POWER-
DOWN (row ACTIVE in any bank).
/CS
Input
Chip Select: CS# enables (registered LOW) and disables (registered HIGH) the com-
mand decoder. All commands are masked when CS# is registered HIGH. CS# provides
for external bank selection on systems with multiple banks. CS# is considered part of
the command code.
/RAS, /CAS,
/WE
Input
Command Inputs: RAS#, CAS# and WE# (along with CS#) define the command being
entered.
A0 - A13
Input
Address Inputs: Provide the row address for ACTIVE commands, and the column
address and AUTO PRECHARGE bit for READ/WRITE commands, to select one loca-
tion out of the memory array in the respective bank.
The row address is specified by A0-A11.
The column address is specified by A0-A9 (X4) / A0-A8 (X8) / A0-A7 (X16)
BA0,BA1
Input
Bank Address Inputs: BA0 and BA1 define to which bank an ACTIVE, READ, WRITE or
PRECHARGE command is being applied.
DQM, UDQM ,
LDQM
Input
Address Inputs: Provide the row address for ACTIVE commands (row address A0-
A10), and the column address and AUTO PRECHARGE bit for READ/WRITE com-
mands (column address A0-A7 with A10 defining AUTO PRECHARGE), to select one
location out of the memory array in the respective bank.
DQ0 - DQ15
I/O
Data Input / Output: Data bus
VDD, VSS
Supply
Power Supply for the memory array and peripheral circuitry
VDDQ, VSSQ
Supply
Power Supply are supplied to the output buffers only


Similar Part No. - VG36644041DTL-7L

ManufacturerPart #DatasheetDescription
logo
Vanguard International ...
VG36644041DT VML-VG36644041DT Datasheet
1Mb / 69P
   CMOS Synchronous Dynamic RAM
More results

Similar Description - VG36644041DTL-7L

ManufacturerPart #DatasheetDescription
logo
Vanguard International ...
VG36128401A VML-VG36128401A Datasheet
940Kb / 69P
   CMOS Synchronous Dynamic RAM
VG36128401BT VML-VG36128401BT Datasheet
1Mb / 68P
   CMOS Synchronous Dynamic RAM
VG36648041CT VML-VG36648041CT Datasheet
949Kb / 70P
   CMOS Synchronous Dynamic RAM
VG36256401A VML-VG36256401A Datasheet
944Kb / 69P
   CMOS Synchronous Dynamic RAM
VG3664321412BT VML-VG3664321412BT Datasheet
978Kb / 72P
   CMOS Synchronous Dynamic RAM
VG36644041DT VML-VG36644041DT Datasheet
1Mb / 69P
   CMOS Synchronous Dynamic RAM
VG3617161ET VML-VG3617161ET Datasheet
1Mb / 69P
   CMOS Synchronous Dynamic RAM
VG36641641BT VML-VG36641641BT Datasheet
974Kb / 70P
   CMOS Synchronous Dynamic RAM
VG3617801CT VML-VG3617801CT Datasheet
1,008Kb / 68P
   16Mb CMOS Synchronous Dynamic RAM
VG3617161DT VML-VG3617161DT Datasheet
943Kb / 70P
   16Mb CMOS Synchronous Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com