Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1PS79SB63 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 1PS79SB63
Description  5 V, 20 mA low Cd Schottky barrier diodes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1PS79SB63 Datasheet(HTML) 4 Page - NXP Semiconductors

  1PS79SB63 Datasheet HTML 1Page - NXP Semiconductors 1PS79SB63 Datasheet HTML 2Page - NXP Semiconductors 1PS79SB63 Datasheet HTML 3Page - NXP Semiconductors 1PS79SB63 Datasheet HTML 4Page - NXP Semiconductors 1PS79SB63 Datasheet HTML 5Page - NXP Semiconductors 1PS79SB63 Datasheet HTML 6Page - NXP Semiconductors 1PS79SB63 Datasheet HTML 7Page - NXP Semiconductors 1PS79SB63 Datasheet HTML 8Page - NXP Semiconductors 1PS79SB63 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
9397 750 13846
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 — 3 December 2004
4 of 10
Philips Semiconductors
1PS66SB63; 1PS79SB63
5 V, 20 mA low Cd Schottky barrier diodes
(1) Tamb = 125 °C.
(2) Tamb =85 °C.
(3) Tamb =25 °C.
(1) Tamb = 125 °C.
(2) Tamb =85 °C.
(3) Tamb =25 °C.
Fig 1.
Forward current as a function of forward
voltage; typical values
Fig 2.
Reverse current as a function of reverse
voltage; typical values
Tamb =25 °C; f = 1 MHz.
Fig 3.
Diode capacitance as a function of reverse voltage; typical values
1
VF (V)
0
0.2
0.4
IF
(mA)
0.6
0.8
102
10
1
10−1
10−2
mhc183
(1)
(2) (3)
5
VR (V)
01
2
IR
(
µA)
34
103
102
10
1
10−1
mhc184
(1)
(2)
(3)
01
Cd
(pF)
5
VR (V)
0.38
0.34
0.26
0.22
0.3
23
4
mhc185


Similar Part No. - 1PS79SB63

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
1PS79SB63 KEXIN-1PS79SB63 Datasheet
32Kb / 1P
   Schottky barrier diodes
More results

Similar Description - 1PS79SB63

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
1PS66SB82 NEXPERIA-1PS66SB82 Datasheet
697Kb / 10P
   15 V, 30 mA low Cd Schottky barrier diodes
Rev. 04 - 13 January 2010
logo
NXP Semiconductors
1PS66SB82 PHILIPS-1PS66SB82 Datasheet
116Kb / 10P
   15 V, 30 mA low Cd Schottky barrier diodes
Rev. 04-13 January 2010
1PS66SB82 NXP-1PS66SB82 Datasheet
116Kb / 10P
   15 V, 30 mA low Cd Schottky barrier diodes
Rev. 04-13 January 2010
1PS66SB82_1PS88SB82 PHILIPS-1PS66SB82_1PS88SB82_15 Datasheet
116Kb / 10P
   15 V, 30 mA low Cd Schottky barrier diodes
Rev. 04-13 January 2010
1PSXSB17 PHILIPS-1PSXSB17_15 Datasheet
56Kb / 8P
   4 V, 30 mA low Cd Schottky barrier diode
Rev. 06-4 April 2005
1PS66SB17 PHILIPS-1PS66SB17 Datasheet
49Kb / 8P
   4 V, 30 mA low Cd Schottky barrier diode
Rev. 06-4 April 2005
logo
Nexperia B.V. All right...
BAT54GW NEXPERIA-BAT54GW Datasheet
679Kb / 12P
   30 V, 200 mA Schottky barrier diodes
1PS79SB17 NEXPERIA-1PS79SB17 Datasheet
175Kb / 7P
   4 V, 30 mA low capacitance Schottky barrier diode
27 December 2022
1PS76SB17 NEXPERIA-1PS76SB17 Datasheet
187Kb / 8P
   4 V, 30 mA low capacitance Schottky barrier diode
27 December 2022
1PS66SB17 NEXPERIA-1PS66SB17 Datasheet
180Kb / 7P
   4 V, 30 mA low capacitance Schottky barrier diode
27 December 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com