Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1PS66SB63 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 1PS66SB63
Description  5 V, 20 mA low Cd Schottky barrier diodes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1PS66SB63 Datasheet(HTML) 3 Page - NXP Semiconductors

  1PS66SB63 Datasheet HTML 1Page - NXP Semiconductors 1PS66SB63 Datasheet HTML 2Page - NXP Semiconductors 1PS66SB63 Datasheet HTML 3Page - NXP Semiconductors 1PS66SB63 Datasheet HTML 4Page - NXP Semiconductors 1PS66SB63 Datasheet HTML 5Page - NXP Semiconductors 1PS66SB63 Datasheet HTML 6Page - NXP Semiconductors 1PS66SB63 Datasheet HTML 7Page - NXP Semiconductors 1PS66SB63 Datasheet HTML 8Page - NXP Semiconductors 1PS66SB63 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
9397 750 13846
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 — 3 December 2004
3 of 10
Philips Semiconductors
1PS66SB63; 1PS79SB63
5 V, 20 mA low Cd Schottky barrier diodes
5.
Limiting values
6.
Thermal characteristics
[1]
For Schottky barrier diodes thermal run-away has to be considered, as in some applications the reverse
power losses PR are a significant part of the total power losses. Nomograms for determining the reverse
power losses PR and IF(AV) rating will be available on request.
[2]
Refer to SOT666 standard mounting conditions.
[3]
Reflow soldering is the only recommended soldering method.
[4]
Refer to SOD523 (SC-79) standard mounting conditions.
7.
Characteristics
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
Table 6:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
VR
continuous reverse voltage
-
5
V
IF
continuous forward current
-
20
mA
Tj
junction temperature
-
125
°C
Tamb
ambient temperature
−65
+125
°C
Tstg
storage temperature
−65
+150
°C
Table 7:
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1]
SOT666
[2] [3] -
-
700
K/W
SOD523
[4] -
-
450
K/W
Table 8:
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
forward voltage
see Figure 1;
[1]
IF = 0.1 mA
-
160
200
mV
IF = 1 mA
-
240
300
mV
IR
reverse current
see Figure 2;
VR = 1 V
-
0.4
1
µA
VR = 5 V
-
-
50
µA
Cd
diode
capacitance
VR = 0 V; f = 1 MHz;
see Figure 3
-
0.35
0.5
pF
Ls
series inductance
-
0.6
-
nH


Similar Part No. - 1PS66SB63

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS66SB17 PHILIPS-1PS66SB17 Datasheet
49Kb / 8P
   4 V, 30 mA low Cd Schottky barrier diode
Rev. 06-4 April 2005
1PS66SB17 NXP-1PS66SB17 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Nexperia B.V. All right...
1PS66SB17 NEXPERIA-1PS66SB17 Datasheet
180Kb / 7P
   4 V, 30 mA low capacitance Schottky barrier diode
27 December 2022
logo
NXP Semiconductors
1PS66SB82 PHILIPS-1PS66SB82 Datasheet
116Kb / 10P
   15 V, 30 mA low Cd Schottky barrier diodes
Rev. 04-13 January 2010
1PS66SB82 NXP-1PS66SB82 Datasheet
116Kb / 10P
   15 V, 30 mA low Cd Schottky barrier diodes
Rev. 04-13 January 2010
More results

Similar Description - 1PS66SB63

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
1PS66SB82 NEXPERIA-1PS66SB82 Datasheet
697Kb / 10P
   15 V, 30 mA low Cd Schottky barrier diodes
Rev. 04 - 13 January 2010
logo
NXP Semiconductors
1PS66SB82 PHILIPS-1PS66SB82 Datasheet
116Kb / 10P
   15 V, 30 mA low Cd Schottky barrier diodes
Rev. 04-13 January 2010
1PS66SB82 NXP-1PS66SB82 Datasheet
116Kb / 10P
   15 V, 30 mA low Cd Schottky barrier diodes
Rev. 04-13 January 2010
1PS66SB82_1PS88SB82 PHILIPS-1PS66SB82_1PS88SB82_15 Datasheet
116Kb / 10P
   15 V, 30 mA low Cd Schottky barrier diodes
Rev. 04-13 January 2010
1PSXSB17 PHILIPS-1PSXSB17_15 Datasheet
56Kb / 8P
   4 V, 30 mA low Cd Schottky barrier diode
Rev. 06-4 April 2005
1PS66SB17 PHILIPS-1PS66SB17 Datasheet
49Kb / 8P
   4 V, 30 mA low Cd Schottky barrier diode
Rev. 06-4 April 2005
logo
Nexperia B.V. All right...
BAT54GW NEXPERIA-BAT54GW Datasheet
679Kb / 12P
   30 V, 200 mA Schottky barrier diodes
1PS79SB17 NEXPERIA-1PS79SB17 Datasheet
175Kb / 7P
   4 V, 30 mA low capacitance Schottky barrier diode
27 December 2022
1PS76SB17 NEXPERIA-1PS76SB17 Datasheet
187Kb / 8P
   4 V, 30 mA low capacitance Schottky barrier diode
27 December 2022
1PS66SB17 NEXPERIA-1PS66SB17 Datasheet
180Kb / 7P
   4 V, 30 mA low capacitance Schottky barrier diode
27 December 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com