Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3125 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SK3125
Description  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSVI)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3125 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SK3125 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3125 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3125 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3125 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3125 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3125 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SK3125
2002-08-23
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (π-MOSVI)
2SK3125
DC-DC Converter, Relay Drive and
Motor Drive Applications
· Low drain-source ON resistance: RDS (ON) = 5.3 mΩ (typ.)
· High forward transfer admittance: |Yfs| = 60 S (typ.)
· Low leakage current: IDSS = 100 µA (max) (VDS = 30 V)
· Enhancement-model: Vth = 1.5~3.0 V (VDS = 10 V, ID = 1 mA)
Maximum Ratings (Ta
==== 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
30
V
Drain-gate voltage (RGS = 20 kW)
VDGR
30
V
Gate-source voltage
VGSS
±20
V
DC
(Note 1)
ID
70
Drain current
Pulse
(Note 1)
IDP
210
A
Drain power dissipation (Tc
= 25°C)
PD
150
W
Single pulse avalanche energy
(Note 2)
EAS
955
mJ
Avalanche current
IAR
70
A
Repetitive avalanche energy (Note 3)
EAR
15
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
-55~150
°C
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to case
Rth (ch-c)
0.833
°C/W
Note 1: Please use devices on condition that the channel temperature is below 150°C.
Note 2: VDD = 25 V, Tch = 25°C, L = 140 mH, RG = 25 W, IAR = 70 A
Note 3: Repetitive rating: Pulse width limited by maximum channel temperature
This transistor is an electrostatic sensitive device. Please handle with caution.
Unit: mm
JEDEC
JEITA
TOSHIBA
2-16H1A
Weight: 3.65 g (typ.)


Similar Part No. - 2SK3125

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3125 TOSHIBA-2SK3125 Datasheet
204Kb / 6P
   Silicon N Channel MOS Type DC-DC Converter, Relay Drive and Motor Drive Applications
2SK3125 TOSHIBA-2SK3125 Datasheet
192Kb / 6P
   DC-DC Converter, Relay Drive and
2SK3125 TOSHIBA-2SK3125_06 Datasheet
204Kb / 6P
   Silicon N Channel MOS Type DC-DC Converter, Relay Drive and Motor Drive Applications
2SK3125 TOSHIBA-2SK3125_08 Datasheet
192Kb / 6P
   DC-DC Converter, Relay Drive and
More results

Similar Description - 2SK3125

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3567 TOSHIBA-2SK3567 Datasheet
94Kb / 3P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSVI)
2SK3562 TOSHIBA-2SK3562 Datasheet
232Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSVI)
TPC8202 TOSHIBA-TPC8202 Datasheet
339Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSVI)
2SK3569 TOSHIBA-2SK3569 Datasheet
150Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSVI)
2SK3561 TOSHIBA-2SK3561 Datasheet
227Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (MOSVI)
TPC8002 TOSHIBA-TPC8002 Datasheet
514Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (MOSVI)
2SK3934 TOSHIBA-2SK3934 Datasheet
75Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (-MOSVI)
2SK3761 TOSHIBA-2SK3761 Datasheet
89Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOS4)
2SK3407 TOSHIBA-2SK3407 Datasheet
230Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSV)
2SK3543 TOSHIBA-2SK3543 Datasheet
234Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSV)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com