Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZY75GP Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ZY75GP
Description  2 W Glass Passivated Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ZY75GP Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ZY75GP Datasheet HTML 1Page - List of Unclassifed Manufacturers ZY75GP Datasheet HTML 2Page - List of Unclassifed Manufacturers ZY75GP Datasheet HTML 3Page - List of Unclassifed Manufacturers ZY75GP Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
VZ
IZ
240
200
160
120
80
40
0
0
1
2
3
4
5
6
7
8
9
V
mA
100 mA
50 mA
Tj = 25°C
BREAKDOWN CHARACTERISTICS
VZ
0
5
V
IZ
60
50
40
30
20
10
0
mA
Test Current IZ
25 mA
IZ = 50 mA
ZY15GP
ZY22GP
ZY27GP
ZY33GP
ZY39GP
ZY47GP
10 mA
Tj = 25°C
VZ
0
V
IZ
20
10
mA
0
Test Current IZ
ZY56GP
ZY68GP
ZY82GP
ZY100GP
ZY120GP
ZY150GP
ZY180GP
ZY200GP
5 mA
Tj = 25°C
ZY-GP
ZY18GP
10mA
15
14
13
12
11
10
50
45
40
35
30
25
20
15
10
200
150
100
50
ZY12GP
ZY10GP
ZY8.2GP
ZY7.5GP
ZY6.2GP
Test Current IZ
Mar - 01


Similar Part No. - ZY75GP

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
ZY75GP TAYCHIPST-ZY75GP Datasheet
7Mb / 2P
   Glass Passivated Zener Diode
More results

Similar Description - ZY75GP

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
1N5343B DGNJDZ-1N5343B Datasheet
60Kb / 3P
   5 W Glass Passivated Zener Diode
logo
Micro Commercial Compon...
SMB2EZ10D5HE3 MCC-SMB2EZ10D5HE3 Datasheet
366Kb / 5P
   2 W Glass Passivated Junction Silicon Zener Diode 10-75 Volts
SMA2EZ10D5HE3 MCC-SMA2EZ10D5HE3 Datasheet
354Kb / 5P
   2 W Glass Passivated Junction Silicon Zener Diode 10-75 Volts
SMA2EZ75D5 MCC-SMA2EZ75D5 Datasheet
255Kb / 5P
   2 W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
SMB2EZ75D5 MCC-SMB2EZ75D5 Datasheet
287Kb / 5P
   2 W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
logo
Shenzhen Taychipst Elec...
ZY6V2GP TAYCHIPST-ZY6V2GP Datasheet
7Mb / 2P
   Glass Passivated Zener Diode
logo
Micro Commercial Compon...
2EZ75D5 MCC-2EZ75D5 Datasheet
513Kb / 5P
   W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
logo
Taiwan Semiconductor Co...
1N4740A TSC-1N4740A Datasheet
5Mb / 5P
   Glass Passivated Junction Silicon Zener Diode
1N4741A TSC-1N4741A Datasheet
86Kb / 5P
   Glass Passivated Junction Silicon Zener Diode
logo
Pan Jit International I...
1N4728A PANJIT-1N4728A_04 Datasheet
360Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com