Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGO807 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BGO807
Description  870 MHz optical receivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGO807 Datasheet(HTML) 4 Page - NXP Semiconductors

  BGO807 Datasheet HTML 1Page - NXP Semiconductors BGO807 Datasheet HTML 2Page - NXP Semiconductors BGO807 Datasheet HTML 3Page - NXP Semiconductors BGO807 Datasheet HTML 4Page - NXP Semiconductors BGO807 Datasheet HTML 5Page - NXP Semiconductors BGO807 Datasheet HTML 6Page - NXP Semiconductors BGO807 Datasheet HTML 7Page - NXP Semiconductors BGO807 Datasheet HTML 8Page - NXP Semiconductors BGO807 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
9397 750 13192
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 7 July 2004
4 of 10
Philips Semiconductors
BGO807/BGO807/FC0/SC0
870 MHz optical receivers
[1]
Two laser test; each laser with a modulation index of 40%; Popt = 1 mW (total).
[2]
fm = 446.5 MHz; fp = 97.25 MHz; fq = 349.25 MHz.
[3]
fm = 746.5 MHz; fp = 133.25 MHz; fq = 613.25 MHz.
[4]
fm = 854.5 MHz; fp = 133.25 MHz; fq = 721.25 MHz.
[5]
Three laser test; each laser with a modulation index of 60%; Popt = 1 mW (total).
[6]
fm = 853.25 MHz; fp = 133.25 MHz; fq = 265.25 MHz; fr = 721.25 MHz.
F
equivalent noise input
f = 40 MHz to 450 MHz
-
-
7
pA/
√Hz
f = 450 MHz to 750 MHz
-
-
8
pA/
√Hz
f = 750 MHz to 870 MHz
-
-
8.5
pA/
√Hz
sλ
spectral sensitivity
λ = 1310 ±20 nm
0.85
-
-
A/W
λ = 1550 ±20 nm
0.9
-
-
A/W
λ
optical wavelength
1290
-
1600
nm
L
length of optical fiber; SM type;
9/125
µm
BGO807
1
-
-
m
BGO807/FC0; BGO807/SC0
746
-
861
mm
Itot
total current consumption (DC)
175
-
205
mA
Ibias
diode bias current at pin 4 (DC)
-
-
25
mA
Table 5:
Characteristics …continued
In accordance with the Absolute Maximum Rating System (IEC 60134); bandwidth 40 MHz to 870 MHz; VB = 24 V;
Tmb =30 °C; ZL = 75 Ω.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Fig 4.
Monitor current pin.
mlb151
10 k
1 k
Pin 1
photo
current


Similar Part No. - BGO807

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGO807 NXP-BGO807 Datasheet
141Kb / 11P
   870 MHz optical receivers
Rev. 2-29 September 2010
BGO807C NXP-BGO807C Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BGO807CE NXP-BGO807CE Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BGO807 NXP-BGO807_10 Datasheet
141Kb / 11P
   870 MHz optical receivers
Rev. 2-29 September 2010
logo
Quanzhou Jinmei Electro...
BGO807 JMNIC-BGO807_15 Datasheet
89Kb / 10P
   870 MHz optical receivers
More results

Similar Description - BGO807

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGO807 NXP-BGO807_10 Datasheet
141Kb / 11P
   870 MHz optical receivers
Rev. 2-29 September 2010
BGO827 NXP-BGO827_02 Datasheet
93Kb / 12P
   870 MHz optical receivers
2002 Dec 10
logo
Quanzhou Jinmei Electro...
BGO807 JMNIC-BGO807_15 Datasheet
89Kb / 10P
   870 MHz optical receivers
logo
NXP Semiconductors
BGO827 NXP-BGO827_10 Datasheet
313Kb / 11P
   870 MHz optical receivers
Rev. 5-29 September 2010
logo
Quanzhou Jinmei Electro...
BGO807_2015 JMNIC-BGO807_2015 Datasheet
89Kb / 10P
   870 MHz optical receivers
BGO827_2015 JMNIC-BGO827_2015 Datasheet
93Kb / 12P
   870 MHz optical receivers
BGO827 JMNIC-BGO827_15 Datasheet
93Kb / 12P
   870 MHz optical receivers
logo
NXP Semiconductors
BGO827 PHILIPS-BGO827 Datasheet
93Kb / 10P
   870 MHz optical receivers
2004 Apr 07
BGO747 PHILIPS-BGO747 Datasheet
86Kb / 12P
   750 MHz optical receivers
2002 Dec 03
CGO869 PHILIPS-CGO869 Datasheet
60Kb / 8P
   870 MHz optical receiver with integrated gain control
2003 Oct 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com