Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK7575-100A Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BUK7575-100A
Description  TrenchMOS standard level FET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7575-100A Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BUK7575-100A Datasheet HTML 5Page - NXP Semiconductors BUK7575-100A Datasheet HTML 6Page - NXP Semiconductors BUK7575-100A Datasheet HTML 7Page - NXP Semiconductors BUK7575-100A Datasheet HTML 8Page - NXP Semiconductors BUK7575-100A Datasheet HTML 9Page - NXP Semiconductors BUK7575-100A Datasheet HTML 10Page - NXP Semiconductors BUK7575-100A Datasheet HTML 11Page - NXP Semiconductors BUK7575-100A Datasheet HTML 12Page - NXP Semiconductors BUK7575-100A Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Philips Semiconductors
BUK7575-100A; BUK7675-100A
TrenchMOS™ standard level FET
Product specification
Rev. 01 — 24 October 2000
9 of 15
9397 750 07623
© Philips Electronics N.V. 2000. All rights reserved.
9.
Package outline
Fig 16. SOT78 (TO-220AB).
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT78
SC-46
3-lead TO-220AB
D
D1
q
P
L
12
3
L2
(1)
b1
e
e
b
0
5
10 mm
scale
Plastic single-ended package; heatsink mounted; 1 mounting hole; 3-lead TO-220AB
SOT78
DIMENSIONS (mm are the original dimensions)
A
E
A1
c
Note
1. Terminals in this zone are not tinned.
Q
L1
UNIT
A1
b1
D1
e
P
mm
2.54
qQ
A
b
D
c
L2
(1)
max.
3.0
3.8
3.6
15.0
13.5
3.30
2.79
3.0
2.7
2.6
2.2
0.7
0.4
15.8
15.2
0.9
0.7
1.3
1.0
4.5
4.1
1.39
1.27
6.4
5.9
10.3
9.7
L1
E
L
99-09-13
00-09-07
mounting
base


Similar Part No. - BUK7575-100A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7575-100A NXP-BUK7575-100A Datasheet
195Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-30 July 2009
logo
Inchange Semiconductor ...
BUK7575-100A ISC-BUK7575-100A Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK7575-100A NEXPERIA-BUK7575-100A Datasheet
310Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 02 - 30 July 2009
logo
NXP Semiconductors
BUK7575-100A PHILIPS-BUK7575-100A_15 Datasheet
195Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-30 July 2009
More results

Similar Description - BUK7575-100A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7207-30B PHILIPS-BUK7207-30B Datasheet
97Kb / 12P
   TrenchMOS standard level FET
Rev. 02-22 January 2004
BUK7535-100A PHILIPS-BUK7535-100A Datasheet
337Kb / 15P
   TrenchMOS standard level FET
Rev. 01-02 February 2001
PHD14NQ20T PHILIPS-PHD14NQ20T Datasheet
269Kb / 14P
   TrenchMOS standard level FET
Rev. 03-11 March 2002
PHM15NQ20T PHILIPS-PHM15NQ20T Datasheet
283Kb / 13P
   TrenchMOS standard level FET
Rev. 03-11 September 2003
PHM30NQ10T PHILIPS-PHM30NQ10T Datasheet
275Kb / 13P
   TrenchMOS standard level FET
Rev. 02-11 September 2003
BUK764R0-55B PHILIPS-BUK764R0-55B Datasheet
143Kb / 15P
   TrenchMOS standard level FET
Rev. 02-30 September 2002
PHK4NQ20T PHILIPS-PHK4NQ20T Datasheet
233Kb / 12P
   TrenchMOS standard level FET
Rev. 01-20 January 2003
BUK7208-40B PHILIPS-BUK7208-40B Datasheet
97Kb / 12P
   TrenchMOS standard level FET
Rev. 02-22 January 2004
BUK7277-55A PHILIPS-BUK7277-55A Datasheet
307Kb / 13P
   TrenchMOS standard level FET
Rev. 01-1 February 2001
BUK7526-100B PHILIPS-BUK7526-100B Datasheet
294Kb / 15P
   TrenchMOS standard level FET
Rev. 01-11 April 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com