Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK9628-100A Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BUK9628-100A
Description  TrenchMOS transistor Logic level FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK9628-100A Datasheet(HTML) 1 Page - NXP Semiconductors

  BUK9628-100A Datasheet HTML 1Page - NXP Semiconductors BUK9628-100A Datasheet HTML 2Page - NXP Semiconductors BUK9628-100A Datasheet HTML 3Page - NXP Semiconductors BUK9628-100A Datasheet HTML 4Page - NXP Semiconductors BUK9628-100A Datasheet HTML 5Page - NXP Semiconductors BUK9628-100A Datasheet HTML 6Page - NXP Semiconductors BUK9628-100A Datasheet HTML 7Page - NXP Semiconductors BUK9628-100A Datasheet HTML 8Page - NXP Semiconductors BUK9628-100A Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Philips Semiconductors
Product specification
TrenchMOS
 transistor
BUK9528-100A
Logic level FET
BUK9628-100A
GENERAL DESCRIPTION
QUICK REFERENCE DATA
N-channel enhancement mode logic
SYMBOL
PARAMETER
MAX.
UNIT
level field-effect power transistor in a
plastic
envelope
available
in
V
DS
Drain-source voltage
100
V
TO220AB and SOT404 . Using
I
D
Drain current (DC)
49
A
’trench’ technology which features
P
tot
Total power dissipation
166
W
very low on-state resistance. It is
T
j
Junction temperature
175
˚C
intended for use in automotive and
R
DS(ON)
Drain-source on-state
general
purpose
switching
resistance
V
GS = 5 V
28
m
applications.
V
GS = 10 V
27
m
PINNING
TO220AB & SOT404
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
gate
2
drain
3
source
tab/mb drain
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
DS
Drain-source voltage
-
-
100
V
V
DGR
Drain-gate voltage
R
GS = 20 kΩ
-
100
V
±V
GS
Gate-source voltage
-
-
10
V
±V
GSM
Non-repetitive gate-source voltage
t
p≤50µS
-
15
V
I
D
Drain current (DC)
T
mb = 25 ˚C
-
49
A
I
D
Drain current (DC)
T
mb = 100 ˚C
-
34
A
I
DM
Drain current (pulse peak value)
T
mb = 25 ˚C
-
195
A
P
tot
Total power dissipation
T
mb = 25 ˚C
-
166
W
T
stg, Tj
Storage & operating temperature
-
- 55
175
˚C
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
R
th j-mb
Thermal resistance junction to
-
-
0.9
K/W
mounting base
R
th j-a
Thermal resistance junction to
in free air
60
-
K/W
ambient(TO220AB)
R
th j-a
Thermal resistance junction to
Minimum footprint, FR4
50
-
K/W
ambient(SOT404)
board
12 3
tab
13
mb
2
SOT404
TO220AB
d
g
s
March 2000
1
Rev 1.000


Similar Part No. - BUK9628-100A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BUK9628-100A ISC-BUK9628-100A Datasheet
334Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK9628-100A NEXPERIA-BUK9628-100A Datasheet
1Mb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02 - 26 April 2011
logo
NXP Semiconductors
BUK9628-100A PHILIPS-BUK9628-100A_15 Datasheet
741Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-26 April 2011
More results

Similar Description - BUK9628-100A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9514-55 PHILIPS-BUK9514-55 Datasheet
53Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.000
BUK9524-55 PHILIPS-BUK9524-55 Datasheet
63Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.100
BUK9528-55 PHILIPS-BUK9528-55 Datasheet
64Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.100
PHB11N06LT PHILIPS-PHB11N06LT Datasheet
76Kb / 9P
   TrenchMOS transistor Logic level FET
September 1998 Rev 1.000
PHN1011 PHILIPS-PHN1011 Datasheet
115Kb / 7P
   TrenchMOS transistor Logic level FET
June 1999 Rev 1.100
BUK9520-55 PHILIPS-BUK9520-55 Datasheet
63Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.100
PHP37N06LT PHILIPS-PHP37N06LT Datasheet
79Kb / 10P
   TrenchMOS transistor Logic level FET
September 1998 Rev 1.400
BUK9606-30 PHILIPS-BUK9606-30 Datasheet
51Kb / 8P
   TrenchMOS transistor Logic level FET
December 1997 Rev 1.100
BUK9608-55 PHILIPS-BUK9608-55 Datasheet
68Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.000
BUK9610-30 PHILIPS-BUK9610-30 Datasheet
52Kb / 8P
   TrenchMOS transistor Logic level FET
December 1997 Rev 1.100
BUK9614-55 PHILIPS-BUK9614-55 Datasheet
56Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com