Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS19371CX6 Datasheet(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

Part # TS19371CX6
Description  Inherently Matched LED Current
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19371CX6 Datasheet(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

  TS19371CX6 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19371CX6 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19371CX6 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19371CX6 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19371CX6 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19371CX6 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19371CX6 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19371CX6 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TS19371CX6
Taiwan Semiconductor
6
Version: J1708
APPLICATION INFORMATION (CONTINUE)
LED Dimming Control
There are some different types of dimming control circuits:
1. Using a PWM Signal to CTRL Pin
With the PWM signal applied to the CTRL pin, the TS19371 is turned on or off by the PWM signal. The LEDs
operate at either zero or full current. The average LED current increases proportionally with the duty cycle of the
PWM signal. A 0% duty cycle will turn off the TS19371 and corresponds to zero LED current. A 100% duty cycle
corresponds to full current. The typical frequency range of the PWM signal is 1kHz to 10kHz.
The magnitude of the PWM signal should be higher than the minimum VCTRL high.
For some applications, the preferred method of brightness control is a variable DC voltage to adjust the LED
current. The dimming control using a DC voltage is shown in below figure. As the DC voltage increases, the voltage
drop on R2 increases and the voltage drop on R1 decreases. Thus, the LED current decreases. The selection of
R2 and R3 will make the current from the variable DC source much smaller than the LED current and much larger
than the FB pin bias current. For VDC range from 0V to 2V, the selection of resistors in Figure 4 gives dimming
control of LED current from 0mA to 20mA.
Dimming Control using a DC Voltage
2. Using a Filtered PWM Signal
The filtered PWM signal can be considered as an adjustable DC voltage. It can be used to replace the variable DC
voltage source in dimming control. The circuit is shown as follow:
Dimming Control using a Filtered PWM Signal
3. Using Control pin for dimming
The PWM signal can be considered as TTL signal to control pin to change the power on/off time.
VDC(V)
VFB
IOUT(mA)
2
0
0
1.8
2.2
0.43
1.6
9.2
1.8
1.4
19.6
3.6
1.2
31.1
6
1
43.4
8.5
0.8
63
12.3
0.6
74
14.5
0.4
86.4
16.9
0.2
96.9
19
0
102
20
Duty
IOUT ( mA)
0%
20
20%
17.4
30%
15
40%
12.4
50%
10
60%
8
70%
6.4
80%
4.07
100%
0
PWM : 2V ; 1kHz ; Vin=3.6V


Similar Part No. - TS19371CX6

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19371CX6RF TSC-TS19371CX6RF Datasheet
222Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19371CX6RF TSC-TS19371CX6RF Datasheet
226Kb / 10P
   Boost (Step-up) WLED Driver with OVP
TS19371CX6RF TSC-TS19371CX6RF Datasheet
484Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19371CX6RFG TSC-TS19371CX6RFG Datasheet
484Kb / 8P
   Boost (Step-up) WLED Driver with OVP
More results

Similar Description - TS19371CX6

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L5109G-AG6-R UTC-L5109G-AG6-R Datasheet
190Kb / 4P
   Inherently Uniform LED Current
logo
Bel Fuse Inc.
CL2-25-12 BEL-CL2-25-12 Datasheet
912Kb / 2P
   Inherently or Non-Inherently Limited
CL2-20-12 BEL-CL2-20-12 Datasheet
844Kb / 2P
   Inherently or Non-Inherently Limited
logo
TT Electronics.
LOB TTELEC-LOB Datasheet
531Kb / 3P
   Inherently non-inductive
logo
Wabash Transformer Inc.
CL05X00-0CT WABASH-CL05X00-0CT Datasheet
959Kb / 3P
   Class 2 UL5085-3 Transformer 5VA - 30VA, Inherently Energy Limited
CL06ES37-000 WABASH-CL06ES37-000 Datasheet
675Kb / 1P
   Class 2 UL5085-3 Transformer 6VA, Inherently Energy Limited
CL85R01-000 WABASH-CL85R01-000 Datasheet
629Kb / 2P
   Class 2 UL5085-3 Transformer 80VA - 100VA, Non-Inherently Energy Limited
logo
Sipex Corporation
SP7618 SIPEX-SP7618 Datasheet
408Kb / 10P
   Constant Current LED Driver
logo
Vishay Siliconix
TLMT3100 VISHAY-TLMT3100 Datasheet
78Kb / 6P
   Low Current SMD LED
Rev. A1, 04-Feb-99
logo
Texas Instruments
TPS61042 TI-TPS61042 Datasheet
552Kb / 20P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com