Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS19721A Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TS19721A
Description  Integrated 700V Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19721A Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS19721A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19721A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19721A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19721A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19721A Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19721A Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19721A Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TS19721A
Taiwan Semiconductor
Document Number: DS_P0000195
4
Version: A15
ORDERING INFORMATION
PART NO.
PACKAGE
PACKING
TS19721ACS RLG
SOP-8
2,500pcs / 13”Reel
Note:
1.
Compliant to RoHS Directive 2011/65/EU and in accordance to WEEE 2002/96/EC.
2.
Halogen-free according to IEC 61249-2-21 definition.
FUNCTION BLOCK
PIN DESCRIPTION
PIN NO.
NAME
FUNCTION
1,8
CS
Input current sense pin.
2
COM
Output pin of error amplifier.
3
N/C
No Connect.
4
Drain
Drain of internal HV MOS.
5
RT
Efficiency / THD option pin.
6
GND
Ground return for all internal circuitry.
7
VCC
Power supply pin for all internal circuitry.


Similar Part No. - TS19721A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19721D TSC-TS19721D Datasheet
226Kb / 7P
   Integrated 600V Power MOSFET
More results

Similar Description - TS19721A

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
7N70 DYELEC-7N70 Datasheet
2Mb / 7P
   700V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM2N70 TSC-TSM2N70_11 Datasheet
442Kb / 10P
   700V N-Channel Power MOSFET
logo
Wuxi Unigroup Microelec...
TPA70R450C WUMC-TPA70R450C Datasheet
1Mb / 12P
   700V Super-Junction Power MOSFET
TPU70R450C WUMC-TPU70R450C Datasheet
1Mb / 12P
   700V Super-Junction Power MOSFET
logo
Shenzhen Winsemi Microe...
WFF12N70S WINSEMI-WFF12N70S Datasheet
388Kb / 6P
   700V Super-Junction Power MOSFET
logo
Wuxi Unigroup Microelec...
TPA70R190C WUMC-TPA70R190C Datasheet
908Kb / 10P
   700V Super-Junction Power MOSFET
logo
Chip Integration Techno...
MJU05N70 CITC-MJU05N70 Datasheet
4Mb / 7P
   700V Super Junction Power MOSFET
MJU02N70CT CITC-MJU02N70CT Datasheet
274Kb / 7P
   700V Super Junction Power MOSFET
logo
Wuxi Unigroup Microelec...
TPU70R700C WUMC-TPU70R700C Datasheet
1Mb / 12P
   700V Super-Junction Power MOSFET
logo
Taiwan Semiconductor Co...
TSM8N70 TSC-TSM8N70 Datasheet
476Kb / 8P
   700V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com