Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS19721D Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS19721D
Description  Integrated 600V Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19721D Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS19721D Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19721D Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19721D Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19721D Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19721D Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19721D Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19721D Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TS19721D
Taiwan Semiconductor
Document Number: DS_P0000278
1
Version: A15
Single-Stage PFC Buck Current Control LED Driver
With High Voltage MOSFET Integrated
DESCRIPTION
TS19721D a very efficient constant current controller
for driving LED lamps in non-dimmable lighting
applications. The IC provides a high power factor
correction
and
constant
current
accuracy
with
boundary conduction mode (BCM) operation in a
single stage buck topology. The TS19721D controller
is easy to integrate with a small BOM and includes an
internal high voltage power MOSFET for PWM control.
Total harmonic distortion (THD) and efficiency are
optimized by an external resistor. The line and load
regulation of LED current are easily maintained to
within ±2.5%. TS19721D also provides VCC over-
voltage protection, and output open/short circuit
protection.
FEATURES
Integrated 600V Power MOSFET
Low THD <20% (Option)
Constant current accuracy within ±2.5%
High Power Factor Correction >0.9
Boundary Current Mode control
LED open protection & short protection
Over current protection (OCP)
Over temperature protection (OTP)
Compliant to RoHS directive 2011/65/EU and in
accordance to WEEE 2002/96/EC.
Halogen-free according to IEC 61249-2-21
definition.
APPLICATION
LED lighting system
SOP-8
Pin Definition:
1. CS
2. COM
3. N/C
4. Drain
5. RT
6. GND
7. VCC
8. CS
Notes: Moisture sensitivity level: level 3. Per J-STD-020
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise specified)
(Note 1)
PARAMETER
SYMBOL
LIMIT
UNIT
Power Supply Pin
VCC
40
V
RT Voltage to GND
VRT
-0.3 to 5.5
V
DRAIN Voltage to GND
VOUT
-0.3 to 620
V
CS Voltage to GND
VCS
-0.3 to 5.5
V
COM Voltage to GND
VCOM
-0.3 to 5.5
V
Junction Temperature Range
TJ
-40 to +150
°C
Storage Temperature Range
TSTG
-65 to +150
°C
Lead Temperature (Soldering 10 sec)
TLEAD
260
°C
Power Dissipation @ TA=25 °C
PD
0.3
W
ESD Rating (Human Body Mode)
(Note 2)
HBM
2
kV
ESD Rating (Machine Mode)
(Note 2)
MM
200
V


Similar Part No. - TS19721D

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19721A TSC-TS19721A Datasheet
205Kb / 7P
   Integrated 700V Power MOSFET
More results

Similar Description - TS19721D

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
CJD04N60B JIANGSU-CJD04N60B Datasheet
756Kb / 4P
   600V N-Channel Power MOSFET
logo
Rohm
R6047MNZ ROHM-R6047MNZ Datasheet
2Mb / 14P
   Nch 600V 47A Power MOSFET
R6008MND3 ROHM-R6008MND3 Datasheet
2Mb / 14P
   Nch 600V 8A Power MOSFET
logo
DIYI Electronic Technol...
3N60 DYELEC-3N60 Datasheet
2Mb / 8P
   600V N-Channel Power MOSFET
4N60 DYELEC-4N60 Datasheet
2Mb / 10P
   600V N-Channel Power MOSFET
logo
Rohm
R6007JNX ROHM-R6007JNX Datasheet
2Mb / 14P
   Nch 600V 7A Power MOSFET
R6046ANZ1 ROHM-R6046ANZ1 Datasheet
905Kb / 14P
   Nch 600V 46A Power MOSFET
R6015ENZ ROHM-R6015ENZ Datasheet
923Kb / 13P
   Nch 600V 15A Power MOSFET
R6020ENZ ROHM-R6020ENZ Datasheet
951Kb / 13P
   Nch 600V 20A Power MOSFET
R6020ENZ1 ROHM-R6020ENZ1 Datasheet
915Kb / 13P
   Nch 600V 20A Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com