Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS19730CX6 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS19730CX6
Description  Discontinuous Conduction Mode Control
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19730CX6 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS19730CX6 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19730CX6 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19730CX6 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19730CX6 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19730CX6 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19730CX6 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19730CX6 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TS19730CX6
Taiwan Semiconductor
3
Version: B1601
ELECTRICAL SPECIFICATIONS (V
CC = 18V, TA = 25°C unless otherwise noted)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Gate Driver Output
Rising Time
tRISE
Load Capacitance =1nF
--
90
--
ns
Falling Time
tFALL
Load Capacitance =1nF
--
40
--
ns
VGATE-Clamp
VGATE
--
12.5
15
V
Thermal Section
(Note 5,6)
Thermal Shutdown
--
150
--
°C
Thermal Shutdown Release
--
120
--
°C
Note:
1.
Stresses listed as the above “Absolute Maximum Ratings” may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may
remain possibility to affect device reliability.
2.
Devices are ESD sensitive. Handing precaution recommended.
3.
Thermal Resistance is specified with the component mounted on a low effective thermal conductivity test board in free air at
TA=25°C.
4.
The device is not guaranteed to function outside its operating conditions.
5.
Guaranteed by design.
6.
Auto Recovery Type.
ORDERING INFORMATION
PART NO.
PACKAGE
PACKING
TS19730CX6 RFG
SOT-26
3,000pcs / 7” Reel


Similar Part No. - TS19730CX6

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19730CX6RFG TSC-TS19730CX6RFG Datasheet
361Kb / 7P
   Single-Stage Low THD Buck-Boost PWM Control LED Driver
More results

Similar Description - TS19730CX6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ILB001V2 STMICROELECTRONICS-STEVAL-ILB001V2 Datasheet
115Kb / 4P
   Discontinuous-conduction mode
logo
Sanken electric
SSC2102S SANKEN-SSC2102S Datasheet
600Kb / 21P
   Discontinuous Conduction Mode (DCM) Interleaved PFC IC
logo
Renesas Technology Corp
R2A20133ASP RENESAS-R2A20133ASP Datasheet
122Kb / 14P
   Critical Conduction Mode PFC Control IC
R2A20133ASP RENESAS-R2A20133ASP_15 Datasheet
116Kb / 14P
   Critical Conduction Mode PFC Control IC
logo
Sanken electric
SSC2016S SANKEN-SSC2016S Datasheet
673Kb / 22P
   Critical Conduction Mode PFC Control IC
logo
Renesas Technology Corp
R2A20113ASP RENESAS-R2A20113ASP_V01 Datasheet
280Kb / 13P
   Critical Conduction Mode PFC Control IC
Jan 08, 2016
R2A20113ASP RENESAS-R2A20113ASP_16 Datasheet
281Kb / 13P
   Critical Conduction Mode PFC Control IC
R2A20133BSP RENESAS-R2A20133BSP_15 Datasheet
116Kb / 14P
   Critical Conduction Mode PFC Control IC
R2A20133DSP RENESAS-R2A20133DSP_15 Datasheet
130Kb / 14P
   Critical Conduction Mode PFC Control IC
R2A20133DSP RENESAS-R2A20133DSP_16 Datasheet
288Kb / 14P
   Critical Conduction Mode PFC Control IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com