Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DACX0508 Datasheet(PDF) 1 Page - Texas Instruments

Part # DACX0508
Description  Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DACX0508 Datasheet(HTML) 1 Page - Texas Instruments

  DACX0508 Datasheet HTML 1Page - Texas Instruments DACX0508 Datasheet HTML 2Page - Texas Instruments DACX0508 Datasheet HTML 3Page - Texas Instruments DACX0508 Datasheet HTML 4Page - Texas Instruments DACX0508 Datasheet HTML 5Page - Texas Instruments DACX0508 Datasheet HTML 6Page - Texas Instruments DACX0508 Datasheet HTML 7Page - Texas Instruments DACX0508 Datasheet HTML 8Page - Texas Instruments DACX0508 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
OUT0
DAC
Register
DAC
Buffer
Channel 0
Channel 1
Channel 2
Power Down Logic
Resistive Network
Power On Reset
DACx0508
OUT1
OUT2
REF
SCLK
SDI
SDO/ALARM
VDD
DAC
CS
INTERNAL
REFERENCE
VIO
GAIN
x1 OR x2
GND
Copyright © 2017, Texas Instruments Incorporated
BUF
Channel 3
OUT3
Channel 4
OUT4
Channel 5
OUT5
Channel 6
OUT6
Channel 7
OUT7
+1 OR +2
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.
DAC80508Z, DAC70508Z, DAC60508Z, DAC80508M, DAC70508M, DAC60508M
SLASEL1B – JUNE 2017 – REVISED JANUARY 2018
DACx0508 Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
1
1 Features
1
Performance
INL: ±1 LSB Maximum at 16-Bit Resolution
TUE: ±0.14% of FSR Maximum
Integrated 2.5 V Precision Internal Reference
Initial Accuracy: ±5 mV Maximum
Low Drift: 5 ppm/°C Typical
High Drive Capability: 20 mA with 0.5 V from
Supply Rails
Flexible Output Configuration
User Selectable Gain: 2, 1 or ½
Reset to Zero Scale or Midscale
Wide Operating Range
Power Supply: 2.7 V to 5.5 V
Temperature Range: –40
˚C to 125˚C
50 MHz SPI Compatible Serial Interface
4-Wire Mode, 1.7 V to 5.5 V Operation
Daisy Chain Operation
CRC Error Check
Low Power: 0.6 mA/Channel at 5.5 V
Small Packages:
3 mm × 3 mm, 16-Pin WQFN
2.4 mm x 2.4 mm, 16-Pin DSBGA
2 Applications
Optical Networking
Wireless Infrastructure
Industrial Automation
Data Acquisition Systems
3 Description
The DACx0508 is a pin-compatible family of low
power, eight-channel, buffered voltage-output, digital-
to-analog converters (DACs) with 16-, 14- and 12-bit
resolution. The DACx0508 includes a 2.5-V, 5-
ppm/°C internal reference, eliminating the need for an
external precision reference in most applications. A
user selectable gain configuration provides full-scale
output voltages of 1.25 V (gain = ½), 2.5 V (gain = 1)
or 5 V (gain = 2). The device operates from a single
2.7-V to 5.5-V supply, is specified monotonic and
provides high linearity of ±1 LSB INL.
Communication
to
the
DACx0508
is
performed
through a 4-wire serial interface that operates at clock
rates up to 50 MHz. The VIO pin enables serial
interface operation from 1.7 V to 5.5 V. The
DACx0508 flexible interface enables operation with a
wide range of industry-standard microprocessors and
microcontrollers.
The DACx0508 incorporates a power-on-reset circuit
that powers up and maintains the DAC outptus at
either zero scale or midscale until a valid code is
written to the device. The device consumes low
current of 0.6 mA/channel at 5.5 V, making it suitable
for battery-operated equipment. A per-channel power-
down feature reduces the device current consumption
to 15 µA.
The DACx0508 is characterized for operation over
the temperature range of –40°C to 125°C and is
available in small packages.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DACx0508(2)
WQFN (16)
3.00 mm × 3.00 mm
DSBGA (16)
2.40 mm x 2.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
(2) DAC80508Z and DAC80508M Product Preview
Simplified Block Diagram


Similar Part No. - DACX0508

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DACX0508 TI1-DACX0508 Datasheet
217Kb / 8P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DACX0508 TI1-DACX0508 Datasheet
2Mb / 55P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
More results

Similar Description - DACX0508

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC80508 TI1-DAC80508 Datasheet
217Kb / 8P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80508 TI1-DAC80508_18 Datasheet
2Mb / 55P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80504 TI1-DAC80504 Datasheet
85Kb / 4P
[Old version datasheet]   Quad, 16-Bit, SPI Voltage Output DAC With Internal Reference
DAC80504 TI1-DAC80504_19 Datasheet
1Mb / 49P
[Old version datasheet]   Quad, 16-, 14-, 12-bit, SPI voltage output DACs with internal reference
logo
Wolfson Microelectronic...
WM2630 WOLFSON-WM2630 Datasheet
126Kb / 13P
   Octal 12-bit, Serial Input, Voltage Output DAC with Internal Reference
logo
Texas Instruments
DAC80504 TI1-DAC80504_18 Datasheet
2Mb / 48P
[Old version datasheet]   Quad, 16-, 14-Bit, SPI Voltage Output DACs With Internal Reference
DAC80504 TI1-DAC80504_17 Datasheet
2Mb / 48P
[Old version datasheet]   Quad, 16-, 14-Bit, SPI Voltage Output DACs With Internal Reference
DAC81416 TI1-DAC81416_18 Datasheet
2Mb / 56P
[Old version datasheet]   16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
logo
Wolfson Microelectronic...
WM2636 WOLFSON-WM2636 Datasheet
392Kb / 10P
   12-bit Serial Input Voltage Output DAC with Internal Reference
WM2639 WOLFSON-WM2639 Datasheet
342Kb / 10P
   12-Bit Parallel Input Voltage Output DAC with Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com