Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8801IDRBT Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DAC8801IDRBT
Description  14-Bit, Serial Input Multiplying Digital-to-Analog Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC8801IDRBT Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button DAC8801IDRBT Datasheet HTML 4Page - Burr-Brown (TI) DAC8801IDRBT Datasheet HTML 5Page - Burr-Brown (TI) DAC8801IDRBT Datasheet HTML 6Page - Burr-Brown (TI) DAC8801IDRBT Datasheet HTML 7Page - Burr-Brown (TI) DAC8801IDRBT Datasheet HTML 8Page - Burr-Brown (TI) DAC8801IDRBT Datasheet HTML 9Page - Burr-Brown (TI) DAC8801IDRBT Datasheet HTML 10Page - Burr-Brown (TI) DAC8801IDRBT Datasheet HTML 11Page - Burr-Brown (TI) DAC8801IDRBT Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
www.ti.com
THEORY OF OPERATION
V
OUT
+ −VREF
CODE
16384
(1)
VREF
GND
IOUT
2R
2R
2R
2R
2R
2R
2R
2R
2R
2R
2R
2R
RFB
R
R
R
_
+
OPA277
V+
V−
15 V
−15 V
VO
VDD
RFB
IOUT
GND
DAC8801
U2
U1
VDD
VREF
DAC8801
SLAS403A – NOVEMBER 2004 – REVISED DECEMBER 2004
The DAC8801 is a single channel current output, 16-bit digital-to-analog converter (DAC). The architecture,
illustrated in Figure 17, is an R-2R ladder configuration with the three MSBs segmented. Each 2R leg of the
ladder is either switched to GND or the IOUT terminal. The IOUT terminal of the DAC is held at a virtual GND
potential by the use of an external I/V converter op amp. The R-2R ladder is connected to an external reference
input VREF that determines the DAC full-scale current. The R-2R ladder presents a code independent load
impedance to the external reference of 5 k
Ω± 25%. The external reference voltage can vary in a range of -10 V
to 10 V, thus providing bipolar IOUT current operation. By using an external I/V converter and the DAC8801 RFB
resistor, output voltage ranges of -VREF to VREF can be generated.
When using an external I/V converter and the DAC8801 RFB resistor, the DAC output voltage is given by
Equation 1:
Figure 17. Equivalent R-2R DAC Circuit
Each DAC code determines the 2R leg switch position to either GND or IOUT. Because the DAC output
impedance as seen looking into the IOUT terminal changes versus code, the external I/V converter noise gain will
also change. Because of this, the external I/V converter op amp must have a sufficiently low offset voltage such
that the amplifier offset is not modulated by the DAC IOUT terminal impedance change. External op amps with
large offset voltages can produce INL errors in the transfer function of the DAC8801 due to offset modulation
versus DAC code. For best linearity performance of the DAC8801, an op amp (OPA277) as shown in Figure 18
is recommended. This circuit allows VREF to swing from -10V to +10V.
Figure 18. Voltage Output Configuration
8


Similar Part No. - DAC8801IDRBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8801IDRBT TI1-DAC8801IDRBT Datasheet
991Kb / 22P
[Old version datasheet]   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
More results

Similar Description - DAC8801IDRBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8801 TI1-DAC8801_16 Datasheet
991Kb / 22P
[Old version datasheet]   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8802 TI-DAC8802_15 Datasheet
777Kb / 22P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8803 TI-DAC8803_15 Datasheet
2Mb / 26P
[Old version datasheet]   Quad, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8802 TI-DAC8802 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8803 TI-DAC8803 Datasheet
261Kb / 30P
[Old version datasheet]   Quad, Current Output, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8806 TI-DAC8806 Datasheet
1Mb / 20P
[Old version datasheet]   14-Bit, Parallel Input Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC7811 TI1-DAC7811_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
DAC7811 TI-DAC7811 Datasheet
698Kb / 18P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com