Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE678M04 Datasheet(PDF) 1 Page - NEC

Part # NE678M04
Description  MEDIUM POWER NPN SILICON HIGH FREQUENCY TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE678M04 Datasheet(HTML) 1 Page - NEC

  NE678M04 Datasheet HTML 1Page - NEC NE678M04 Datasheet HTML 2Page - NEC NE678M04 Datasheet HTML 3Page - NEC NE678M04 Datasheet HTML 4Page - NEC NE678M04 Datasheet HTML 5Page - NEC NE678M04 Datasheet HTML 6Page - NEC NE678M04 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
NE678M04
MEDIUM POWER NPN SILICON
HIGH FREQUENCY TRANSISTOR
2.05±0.1
1.25±0.1
+0.30
+0.01
-0.05
(leads 1, 3 and ,4)
PIN CONNECTIONS
1. Emitter
2. Collector
3. Emitter
4. Base
Notes:
1. Pulsed measurement, pulse width ≤ 350 µs, duty cycle ≤ 2 %.
2. Collector to Base capacitance measured by capacitance meter(automatic balance bridge method) when emitter pin is connected to the
guard pin of capacitance meter.
3. Electronic Industrail Association of Japan.
4.
DESCRIPTION
The NE678M04 is fabricated using NEC's HFT3 wafer pro-
cess. With a transition frequency of 12 GHz, the NE678M04 is
usable in applications from 100 MHz to 3 GHz. The NE678M04
provides P1dB of 18 dBm, even with low voltage and low
current, making this device an excellent choice for the driver
stage for mobile or fixed wireless applications.
The NE678M04 is housed in NEC's new low profile/flat lead
style "M04" package
HIGH GAIN BANDWIDTH:
fT = 12 GHz
HIGH OUTPUT POWER:
P-1dB = 18 dBm at 1.8 GHz
HIGH LINEAR GAIN:
GL = 13 dB at 1.8 GHz
NEW LOW PROFILE M04 PACKAGE:
SOT-343 footprint, with a height of only 0.59 mm
Flat lead style for better RF performance
FEATURES
PART NUMBER
NE678M04
PACKAGE OUTLINE
M04
EIAJ3 REGISTRATION NUMBER
2SC5753
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
ICBO
Collector Cutoff Current at VCB = 5V, IE = 0
nA
100
IEBO
Emitter Cutoff Current at VEB = 1 V, IC = 0
nA
100
hFE
DC Current1 Gain at VCE = 3 V, IC = 30 mA
75
120
150
P1dB
Output Power at 1 dB compression point at VCE = 2.8 V, ICQ = 10 mA,
dBm
18.0
f = 1.8 GHz, Pin = 7 dBm
GL
Linear Gain at VCE = 2.8 V, IC = 10 mA, f = 1.8 GHz, Pin = -5 dBm
dB
13.0
MAG
Maximum Available Gain4 at VCE = 3 V, IC = 30 mA, f = 2 GHz
dBm
13.5
|S21E|2
Insertion Power Gain at VCE = 3 V, IC = 30 mA, f = 2 GHz
dB
8.0
10.5
ηc
Collector Efficiency at VCE = 2.8 V, ICQ = 10 mA, f = 1.8 GHz,
%
55
Pin = 7 dBm
NF
Noise Figure at VCE = 3 V, IC = 7 mA, f = 2 GHz, ZS = Zopt
dB
1.7
2.5
fT
Gain Bandwidth at VCE = 3 V, IC = 30 mA, f = 2 GHz
GHz
12.0
Cre
Reverse Transfer Capacitance2 at VCB = 3 V, IC = 0, f = 1 MHz
pF
0.42
0.7
ELECTRICAL CHARACTERISTICS (TA = 25°C)
California Eastern Laboratories
MAG =
|S21|
|S12|
K - 1
).
2
(K ±


Similar Part No. - NE678M04

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE678M04 CEL-NE678M04 Datasheet
207Kb / 8P
   MEDIUM POWER NPN SILICON HIGH FREQUENCY TRANSISTOR
NE678M04-T2-A CEL-NE678M04-T2-A Datasheet
207Kb / 8P
   MEDIUM POWER NPN SILICON HIGH FREQUENCY TRANSISTOR
More results

Similar Description - NE678M04

ManufacturerPart #DatasheetDescription
logo
NEC
NE664M04 NEC-NE664M04 Datasheet
128Kb / 9P
   MEDIUM POWER NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE678M04 CEL-NE678M04 Datasheet
207Kb / 8P
   MEDIUM POWER NPN SILICON HIGH FREQUENCY TRANSISTOR
NE677M04 CEL-NE677M04 Datasheet
207Kb / 8P
   MEDIUM POWER NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Renesas Technology Corp
RQG2001URAQF RENESAS-RQG2001URAQF Datasheet
247Kb / 27P
   NPN Silicon Germanium Transistor High Frequency Medium Power Amplifier
logo
Sanyo Semicon Device
CPH6002 SANYO-CPH6002 Datasheet
32Kb / 3P
   NPN Epitaxial Planar Silicon Transistor High-Frequency Medium-Power Amplifier Applications
logo
Renesas Technology Corp
2SC5998 RENESAS-2SC5998 Datasheet
104Kb / 11P
   Silicon NPN Epitaxial High Frequency Medium Power Amplifier
logo
California Eastern Labs
NE664M04 CEL-NE664M04 Datasheet
275Kb / 10P
   MEDIUM POWER NPN SILICON HIGH FRQUENCY TRANSISTOR
logo
NXP Semiconductors
BF570 NXP-BF570 Datasheet
111Kb / 6P
   NPN medium frequency transistor
2004 Mar 15
BFS20 NXP-BFS20 Datasheet
105Kb / 6P
   NPN medium frequency transistor
2004 Feb 05
logo
Nexperia B.V. All right...
BF570 NEXPERIA-BF570 Datasheet
299Kb / 7P
   NPN medium frequency transistor
2004 Mar 15
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com