Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYZ50A22 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # BYZ50A22
Description  Press-Fit Diodes ??Protectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BYZ50A22 Datasheet(HTML) 1 Page - Diotec Semiconductor

  BYZ50A22 Datasheet HTML 1Page - Diotec Semiconductor BYZ50A22 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BYZ50A22 ... BYZ50A47 | BYZ50K22 ... BYZ50K47
BYZ50A22 ... BYZ50A47 | BYZ50K22 ... BYZ50K47
Press-Fit Diodes – Protectifiers®
Einpress-Dioden – Protectifiers®
IFAV = 50 A
VF
< 1.1 V
Tjmax = 200°C
VWM
= 17.8 ... 38.1 V
VBR Min
= 19.8 ... 42.3 V
IFSM
= 400/450 A
Version 2018-01-08
Ø 12.75 x 4.2
Press-fit
Dimensions - Maße [mm]
Typical Applications
On-board alternators
Load dump protection
Commercial grade 1)
Typische Anwendungen
Bordnetz-Generatoren
“Load dump”-Schutz
Standardausführung 1)
Features
TVS (suppressor) characteristic
High junction temperature
Press-fit assembly into aluminum plate
Two polarity versions:
A = Anode to lead wire
K = Cathode to lead wire
Compliant to RoHS, REACH,
Conflict Minerals 1)
Besonderheiten
TVS-(Begrenzer-)Charakteristik
Hohe Sperrschichttemperatur
Einpressmontage in Alu-Kühlblech
Zwei Polaritäten:
A = Anode am Anschlussdraht
K = Kathode am Anschlussdraht
Konform zu RoHS, REACH,
Konfliktmineralien 1)
Mechanical Data 1)
Mechanische Daten 1)
Packed in cardboard trays
300
Verpackt in Einlagekartons
Weight approx.
10 g
Gewicht ca.
Case material
UL 94V-0
Gehäusematerial
Solder & assembly conditions
260°C/10s
Löt- und Einbaubedingungen
MSL N/A
Maximum ratings 2)
Grenzwerte 2)
Max. average forward current – Dauergrenzstrom
TC = 150°C 3)
IFAV
50 A
Repetitive peak forward current – Periodischer Spitzenstrom
f > 15 Hz
TC = 150°C 3)
IFRM
80 A
Peak forward surge current
Stoßstrom in Fluss-Richtung
Half sine-wave
Sinus-Halbwelle
50 Hz (10 ms)
60 Hz (8.3 ms)
IFSM
400 A
450 A
Rating for fusing – Grenzlastintegral
t < 10 ms
i2t
800 A2s
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+200°C
-50...+200°C
Peak junction temperature in case of load dump
Spitzensperrschichttemperatur im “Load dump” Fall
t < 400 ms
TjM
+215°C
Maximum pressing force – Maximaler Einpressdruck
FpM
4 kN
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Type / Typ
Wire to / Draht an
Breakdown voltage
Abbruchspannung
IT = 100 mA
Reverse voltage
Sperrspannung
IR = 5 µA
Max. clamping voltage
Max. Begrenzerspanng.
at / bei Ipp, tp = 1 ms
Anode
Cathode
VBRmin [V]
VBRmax [V]
VR [V]
VC [V]
Ipp [A]
BYZ50A22
BYZ50K22
19.8
24.2
> 17.8
31.9
235
BYZ50A33
BYZ50K33
29.7
36.3
> 26.8
47.7
157
BYZ50A39
BYZ50K39
35.1
42.9
> 31.6
56.4
133
BYZ50A47
BYZ50K47
42.3
51.7
> 38.1
67.8
111
1 Please note the detailed information on our website or at the beginning of the data book
Bitte beachten Sie die detaillierten Hinweise auf unserer Internetseite bzw. am Anfang des Datenbuches
2
TA = 25°C unless otherwise specified – TA = 25°C wenn nicht anders angegeben
3
Temperature measured at the metallic base – Temperatur am Metallsockel gemessen
© Diotec Semiconductor AG
http://www.diotec.com/
1
Pb
RoHS
Ø 12.75
Ø
±0.5
11
1.3
A
K


Similar Part No. - BYZ50A22

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BYZ50A22 DIOTEC-BYZ50A22 Datasheet
163Kb / 2P
   Silicon Protectifiers with TVS characteristics High-temperature diodes
logo
Semikron International
BYZ50A22 SEMIKRON-BYZ50A22 Datasheet
206Kb / 1P
   Silicon Protectifiers with TVS characteristics High-temperature diodes
logo
Diotec Semiconductor
BYZ50A22 DIOTEC-BYZ50A22 Datasheet
72Kb / 2P
   Silicon-Protectifiers with TVS characteristic -High Temperature Diodes
logo
Semikron International
BYZ50A22 SEMIKRON-BYZ50A22 Datasheet
210Kb / 1P
   Silicon Protectifiers with TVS characteristics High-temperature diodes
logo
Diotec Semiconductor
BYZ50A22 DIOTEC-BYZ50A22 Datasheet
118Kb / 2P
   Silicon-Protectifiers with TVS characteristic ??High Temperature Diodes
More results

Similar Description - BYZ50A22

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BYZ35A22 DIOTEC-BYZ35A22_17 Datasheet
147Kb / 2P
   Press-Fit Diodes ??Protectifiers
logo
AEGIS SEMICONDUTORES LT...
A6A:30.01 AEGIS-A6A:30.01 Datasheet
381Kb / 4P
   Press-Fit Diodes
A6A:50.01 AEGIS-A6A:50.01 Datasheet
408Kb / 4P
   Press-Fit Diodes
A6A:35.04 AEGIS-A6A:35.04 Datasheet
361Kb / 4P
   Press-Fit Diodes
logo
Semikron International
KYW35A05 SEMIKRON-KYW35A05_06 Datasheet
251Kb / 2P
   Silicon Press-Fit-Diodes
BYP25A05 SEMIKRON-BYP25A05_06 Datasheet
299Kb / 2P
   Silicon Press-Fit-Diodes
logo
Galaxy Semi-Conductor H...
ZQ50A2L3 BILIN-ZQ50A2L3 Datasheet
125Kb / 2P
   SILICON PRESS-FIT DIODES
ZQ50A2L2 BILIN-ZQ50A2L2 Datasheet
174Kb / 2P
   SILICON PRESS-FIT DIODES
logo
Shanghai Shunye Electro...
MP502-MP506 SHUNYE-MP502-MP506 Datasheet
164Kb / 2P
   PRESS-FIT MOTOROLA DIODES
MPZ3524 SHUNYE-MPZ3524 Datasheet
279Kb / 2P
   PRESS-FIT MOTOLOLA DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com