Electronic Components Datasheet Search |
|
TP2L48S12S-2W Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited |
|
TP2L48S12S-2W Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited |
2 / 3 page TP2L-2W Series www.gztoppower.com TEL:020-82019000 EMAIL:sales@gztoppower.com page 2 of 3 All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified. APPLICATION NOTES External capacitance These converters will work without external capacitors, in order to guarantee the full parametric performance over the full line and load range we recommended you to use the value we listed at right side. All parts have been tested and characterized using the following values and test circuit. External Capacitor Table Single Vout (VDC) Cout (uF) Dual Vout (VDC) Cout (uF) 3.3 2200 ±5 680 5 1000 ±9 470 9 680 ±12 330 12 470 ±15 220 15 330 - - 24 220 - - RECOMMENDED CIRCUIT COMMON SPECIFICATIONS Parameter Conditions Min. Typ. Max. Units Storage humidity 95 % Operating temperature -40 85 ℃ Storage temperature -55 125 ℃ Temp.Rise at full load 15 ℃ Lead temperature 1.5mm from case for 10 seconds 300 ℃ No-load power consumption 300 mW Cooling Free Air Convection Short circuit protection Continuous. automatic recovery Case material PIastic (UL94-V0) MTBF 1000 K hours Weight 6 g ISOLATION CHARACTERISTICS Parameter Conditions Min. Typ. Max. Units Isolation Voltage Tested for 1 minute and leakage current less than 1 mA 1500、3000 VDC Isolation Resistance Test at 500VDC 1 GΩ Isolation Capacitance Input/Output,100KHz/1V 80 pF OUTPUT SPECIFICATIONS Parameter Conditions Min. Typ. Max. Units Output power Refer to product program 0.3 3 W Positive voltage accuracy Refer to recommended circuit ±1 ±3 % Negative voltage accuracy Refer to recommended circuit ±3 ±5 % Load regulation 10% to100% load (TP2L-D-3W) ±0.5 ±0.75 % Load regulation 10% to100% load (TP2L-S-3W) ±0.5 ±1.0 % Line regulation Input Voltage from low to high ±0.2 ±0.5 % Temperature drift ( Vout ) Refer to recommended circuit ±0.03 %/℃ Ripple & Noise 20MHZ Bandwidth 50 100 mVp-p Switching frequency 100% load ,input voltage range 300 KHZ Single Output Dual Output TOPPOWER |
Similar Part No. - TP2L48S12S-2W |
|
Similar Description - TP2L48S12S-2W |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |