Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPW65R080C Datasheet(PDF) 1 Page - Wuxi Unigroup Microelectronics Company

Part # TPW65R080C
Description  650V Super-Junction Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WUMC [Wuxi Unigroup Microelectronics Company]
Direct Link  http://www.tsinghuaicwx.com/en/index.asp
Logo WUMC - Wuxi Unigroup Microelectronics Company

TPW65R080C Datasheet(HTML) 1 Page - Wuxi Unigroup Microelectronics Company

  TPW65R080C Datasheet HTML 1Page - Wuxi Unigroup Microelectronics Company TPW65R080C Datasheet HTML 2Page - Wuxi Unigroup Microelectronics Company TPW65R080C Datasheet HTML 3Page - Wuxi Unigroup Microelectronics Company TPW65R080C Datasheet HTML 4Page - Wuxi Unigroup Microelectronics Company TPW65R080C Datasheet HTML 5Page - Wuxi Unigroup Microelectronics Company TPW65R080C Datasheet HTML 6Page - Wuxi Unigroup Microelectronics Company TPW65R080C Datasheet HTML 7Page - Wuxi Unigroup Microelectronics Company TPW65R080C Datasheet HTML 8Page - Wuxi Unigroup Microelectronics Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TPV65R080C, TPW65R080C
V3.0
www.tsinghuaicwx.com
Wuxi Unigroup Microelectronics Company
FEATURES
 Very low FOM R
DS(on)×Qg
 100% avalanche tested
RoHS compliant
APPLICATIONS
 Switch Mode Power Supply (SMPS)
 Uninterruptible Power Supply (UPS)
 Power Factor Correction (PFC)
Device Marking and Package Information
Device
Package
Marking
TPV65R080C
TO-3PN
65R080C
TPW65R080C
TO-247
65R080C
Absolute Maximum Ratings T
C = 25º
C, unless otherwise noted
Parameter
Symbol
Value
Unit
Drain-Source Voltage (V
GS = 0V)
V
DSS
650
V
Continuous Drain Current
I
D
47
A
Pulsed Drain Current
(note1)
I
DM
141
A
Gate-Source Voltage
V
GSS
±30
V
Single Pulse Avalanche Energy
(note2)
E
AS
1120
mJ
Avalanche Current
(note1)
I
AR
8.7
A
Repetitive Avalanche Energy
(note1)
E
AR
1.76
mJ
Power Dissipation (T
C = 25ºC)
P
D
390
W
Operating Junction and Storage Temperature Range
T
J, Tstg
-55~+150
ºC
Thermal Resistance
Parameter
Symbol
Value
Unit
Thermal Resistance, Junction-to-Case
R
thJC
0.32
K/W
Thermal Resistance, Junction-to-Ambient
R
thJA
62
650V Super-Junction Power MOSFET
1


Similar Part No. - TPW65R080C

ManufacturerPart #DatasheetDescription
logo
Wuxi Unigroup Microelec...
TPW65R085CFD WUMC-TPW65R085CFD Datasheet
692Kb / 8P
   650V Super-Junction Power MOSFET
TPW65R085CFD WUMC-TPW65R085CFD Datasheet
692Kb / 8P
   650V Super-Junction Power MOSFET
More results

Similar Description - TPW65R080C

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WFF4N65S WINSEMI-WFF4N65S Datasheet
154Kb / 7P
   650V Super-Junction Power MOSFET
logo
Wuxi Unigroup Microelec...
TPA65R940C WUMC-TPA65R940C Datasheet
983Kb / 9P
   650V Super-Junction Power MOSFET
logo
Shenzhen Winsemi Microe...
WFD7N65S WINSEMI-WFD7N65S Datasheet
276Kb / 6P
   650V Super-Junction Power MOSFET
logo
Wuxi Unigroup Microelec...
TPD65R380C WUMC-TPD65R380C Datasheet
1Mb / 12P
   650V Super-Junction Power MOSFET
TPA65R1K2C WUMC-TPA65R1K2C Datasheet
1Mb / 12P
   650V Super-Junction Power MOSFET
TPV65R085CFD WUMC-TPV65R085CFD Datasheet
692Kb / 8P
   650V Super-Junction Power MOSFET
TPW65R085CFD WUMC-TPW65R085CFD Datasheet
692Kb / 8P
   650V Super-Junction Power MOSFET
TPA65R600C WUMC-TPA65R600C Datasheet
1Mb / 12P
   650V Super-Junction Power MOSFET
TPA65R160C WUMC-TPA65R160C Datasheet
1Mb / 9P
   650V Super-Junction Power MOSFET
TPD65R1K2C WUMC-TPD65R1K2C Datasheet
1Mb / 12P
   650V Super-Junction Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com