Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS20H-03510 Datasheet(PDF) 2 Page - Kemet Corporation

Part # SS20H-03510
Description  SS Coils, SS20H Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SS20H-03510 Datasheet(HTML) 2 Page - Kemet Corporation

  SS20H-03510 Datasheet HTML 1Page - Kemet Corporation SS20H-03510 Datasheet HTML 2Page - Kemet Corporation SS20H-03510 Datasheet HTML 3Page - Kemet Corporation SS20H-03510 Datasheet HTML 4Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
LF0027_SS20H • 3/28/2017
AC Line Filters – SS Coils, SS20H Type
Dimensions – Millimeters
13±0.5
ø0.8
22 Maximum
10±0.5
22 Maximum
Marking
13
Environmental Compliance
All KEMET AC Line Filters are RoHS Compliant.
RoHS Compliant
Table 1 – Ratings & Part Number Reference
Part Number
Rated Current
AC (A)
Inductance
(mH)
Minimum
DC Resistance/
Line (Ω)
Maximum
Temperature
Rise (K)
Maximum
Marking
Weight (g)
Approximate
SS20H-03510
0.3
51
3.2
45
03 Lot No.
12.0
SS20H-04340
0.4
34
2.0
45
04 Lot No.
12.0
SS20H-05270
0.5
27
1.5
45
05 Lot No.
12.0
SS20H-06150
0.6
15
0.93
45
06 Lot No.
12.0
SS20H-07130
0.7
13
0.75
45
07 Lot No.
12.0
SS20H-08100
0.8
10
0.66
45
08 Lot No.
12.0
SS20H-10080
1.0
8.0
0.42
45
10 Lot No.
12.0
SS20H-12050
1.2
5.0
0.36
45
12 Lot No.
12.0
SS20H-13044
1.3
4.4
0.25
45
13 Lot No.
12.0
SS20H-15029
1.5
2.9
0.19
45
15 Lot No.
12.0
SS20H-20018
2.0
1.8
0.11
45
20 Lot No.
12.0
SS20H-R03660
0.3
66
3.2
45
R03 Lot No.
12.0
SS20H-R04450
0.4
45
2.0
45
R04 Lot No.
12.0
SS20H-R05350
0.5
35
1.5
45
R05 Lot No.
12.0
SS20H-R06200
0.6
20
0.93
45
R06 Lot No.
12.0
SS20H-R07160
0.7
16
0.75
45
R07 Lot No.
12.0
SS20H-R08125
0.8
12.5
0.66
45
R08 Lot No.
12.0
SS20H-R10100
1.0
10
0.42
45
R10 Lot No.
12.0
SS20H-R12063
1.2
6.3
0.36
45
R12 Lot No.
12.0
SS20H-R13052
1.3
5.2
0.25
45
R13 Lot No.
12.0
SS20H-R15033
1.5
3.3
0.19
45
R15 Lot No.
12.0
SS20H-R20023
2.0
2.3
0.11
45
R20 Lot No.
12.0


Similar Part No. - SS20H-03510

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SS20H-20018 KEMET-SS20H-20018 Datasheet
85Kb / 1P
   Commercial Grade, SS20H, 1800 uH
SS20H-R06200 KEMET-SS20H-R06200 Datasheet
85Kb / 1P
   Commercial Grade, SS20H, 0.02 H
SS20H-R10100 KEMET-SS20H-R10100 Datasheet
84Kb / 1P
   Commercial Grade, SS20H, 0.01 H
More results

Similar Description - SS20H-03510

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SS21V-R031380 KEMET-SS21V-R031380 Datasheet
385Kb / 6P
   SS Coils, SS21V Type
SS30V-R080960 KEMET-SS30V-R080960 Datasheet
337Kb / 5P
   SS Coils, SS30V Type
SS26V-R051170 KEMET-SS26V-R051170 Datasheet
377Kb / 6P
   SS Coils, SS26V Type
SS17HB-R13020 KEMET-SS17HB-R13020 Datasheet
409Kb / 6P
   SS Coils, SS17HB Type
SS17VA-R03155 KEMET-SS17VA-R03155 Datasheet
479Kb / 8P
   SS Coils, SS17VA/HA Type
SS35V-15300 KEMET-SS35V-15300 Datasheet
387Kb / 5P
   SS Coils, SS35V/H Type
SS28V-R08600-CH KEMET-SS28V-R08600-CH Datasheet
297Kb / 4P
   SS Coils, SS28V/H-CH Type
SS24V-R05600-CH KEMET-SS24V-R05600-CH Datasheet
267Kb / 4P
   SS Coils, SS24V/H-CH Type
SS11VL-R03550 KEMET-SS11VL-R03550 Datasheet
363Kb / 6P
   SS Coils, SS11VL High Frequency Type
SS11V-R03550-CH KEMET-SS11V-R03550-CH Datasheet
411Kb / 6P
   SS Coils, SS11V/H-CH Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com