Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBT66G Datasheet(PDF) 12 Page - OSRAM GmbH

Part # LBT66G
Description  Information Displays
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LBT66G Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button LBT66G Datasheet HTML 8Page - OSRAM GmbH LBT66G Datasheet HTML 9Page - OSRAM GmbH LBT66G Datasheet HTML 10Page - OSRAM GmbH LBT66G Datasheet HTML 11Page - OSRAM GmbH LBT66G Datasheet HTML 12Page - OSRAM GmbH LBT66G Datasheet HTML 13Page - OSRAM GmbH LBT66G Datasheet HTML 14Page - OSRAM GmbH LBT66G Datasheet HTML 15Page - OSRAM GmbH LBT66G Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
2015-04-30
12
Version 2.2
LB T66G
Package Outline 8) page 22
Maßzeichnung 8) Seite 22
Approximate Weight:
40 mg
Gewicht:
40 mg
Corrosion robustness:
Test conditions: 40 °C / 90 % rh / 15 ppm H2S /
336 h
= Stricter than IEC 60068-2-43 (H2S) [25°C / 75 %
rh / 10 ppm H2S / 21 days]
= Regarding relevant gas (H2S) stricter than EN
60068-2-60 (method 4) [25 °C / 75 % rh / 200 ppb
SO2, 200 ppb NO2,10 ppb Cl2 / 21 days]
Korrosionsfestigkeit:
Test Kondition: 40°C / 90 % rh / 15 ppm H2S / 336
h
= Besser als IEC 60068-2-43 (H2S) [25°C / 75 %
rh / 10 ppm H2S / 21 Tage]
= Bezogen auf das Gas (H2S) besser als EN
60068-2-60 (method 4) [25°C / 75 % rh / 200ppb
SO2, 200ppb NO2,10ppb Cl2 / 21 Tage]


Similar Part No. - LBT66G

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT61101 SIPAT-LBT61101 Datasheet
190Kb / 3P
   611MHz SAW Filter 10MHz Bandwidth
LBT61101 SIPAT-LBT61101 Datasheet
196Kb / 3P
   611MHz SAW Filter 10MHz Bandwidth
logo
OSRAM GmbH
LBT64G OSRAM-LBT64G Datasheet
714Kb / 24P
   TOPLED Black
LBT64G-V1CA-59 OSRAM-LBT64G-V1CA-59 Datasheet
714Kb / 24P
   TOPLED Black
logo
SIPAT Co,Ltd
LBT6502 SIPAT-LBT6502 Datasheet
88Kb / 1P
   SAW Filter Electrical Characteristic
More results

Similar Description - LBT66G

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LPM67K OSRAM-LPM67K Datasheet
501Kb / 20P
   Information Displays
LYQ396 OSRAM-LYQ396 Datasheet
1Mb / 20P
   Information Displays
LYT64F OSRAM-LYT64F Datasheet
2Mb / 24P
   Information Displays
LYT68F OSRAM-LYT68F Datasheet
549Kb / 22P
   Information Displays
LRT68F OSRAM-LRT68F Datasheet
545Kb / 22P
   Information Displays
LYM67K OSRAM-LYM67K Datasheet
503Kb / 20P
   Information Displays
LYT66F OSRAM-LYT66F Datasheet
706Kb / 23P
   Information Displays
LOM67K OSRAM-LOM67K Datasheet
501Kb / 20P
   Information Displays
LOT64F OSRAM-LOT64F Datasheet
2Mb / 24P
   Information Displays
LAM67F OSRAM-LAM67F Datasheet
536Kb / 21P
   Information Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com