Selected language     English  ▼


CS6422-ISZ Datasheet(PDF) 1 Page - Cirrus Logic

Part No. CS6422-ISZ
Description  Enhanced Full-Duplex Speakerphone IC
Download  48 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CIRRUS [Cirrus Logic]
Homepage  http://www.cirrus.com
Logo 

 
 1 page
background image
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
1
Copyright
 Cirrus Logic, Inc. 2001
(All Rights Reserved)
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.cirrus.com
CS6422
Enhanced Full-Duplex Speakerphone IC
Features
l Single-chip, full-duplex, hands-free operation
l Optional Tx Noise Guard
l Programmable attenuation during double-talk
l Optional 34 dB microphone preamplifier
l Dual channel AGC’ed volume controls with
mute
l Dual integrated 80 dB IDR codecs
l Speech-trained Network and Acoustic Echo
Cancellers
l Rx and Tx supplementary echo suppression
l Configurable half-duplex training mode
l Powerdown mode
l Microcontroller Interface
General Description
Most modern speakerphones use half-duplex operation,
which alternates transmission between the far-end talker
and the speakerphone user. This is done to ensure sta-
bility because the acoustic coupling between the
speaker and microphone is much higher in speaker-
phones than in handsets where the coupling is
mechanically suppressed.
The CS6422 enables full-duplex conversation using
echo cancellation and suppression in a single-chip solu-
tion. The CS6422 can easily replace existing half-duplex
speakerphone ICs with a huge increase in conversation
quality.
The CS6422 consists of telephone & audio interfaces,
two codecs and an echo-cancelling DSP.
ORDERING INFORMATION
See page 48.
CS6422-IS
-40o to 85oC
20-pin SOIC
CDB6422
Evaluation Board
TGain
TVol
Σ
+
-
Acoustic
Echo
Canceller
ADC
Pre-emphasis
Filter
+
ASdt
DAC
Σ
+
-
Network
Echo
Canceller
Pre-emphasis
Filter
+
NSdt
DAC
ADC
Clock
Generation
Voltage
Reference
Microcontroller Interface
RGain
RVol
(0, 6, 9.5, 12 dB)
Network
Sidetone
(none, -24,
-18, -12 dB)
Acoustic
Sidetone
(none, -24,
-18, -12 dB)
1 k
Mic
34 dB
(0, 6, 9.5, 12 dB)
NI
NO
17
4
8
76
5
15
2
19
18
APO
API
20
CLKO
13
14
CLKI
AO
3
AVDD
DVDD
NC1
NC2
NC3
NC4
910
11
12
16
1
(Mute, -12 to +30 dB)
(Mute, -12 to +30 dB)
Rx
Suppression
Tx
Suppression
JUL ‘01
DS295PP4
Copyright
© Cirrus Logic, Inc. 2005
(All Rights Reserved)
http://www.cirrus.com
CS6422
Enhanced Full-duplex Speakerphone IC
SEP ‘05
DS295F1




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ISD-T360SBVoiceDSP Digital Speech Processor with Master/Slave Full-Duplex Speakerphone Multiple Flash and ARAM/DRAM Support 1 2 3 4 5 MoreList of Unclassifed Manufacturers
DS34LV87TEnhanced CMOS Quad Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
PM9311ENHANCED TT1™ SWITCH FABRIC 1 2 3 4 5 MorePMC-Sierra, Inc
STLC54122B1Q U INTERFACE DEVICE ENHANCED WITH DECT MODE 1 2 3 4 5 MoreSTMicroelectronics
SP483EEnhanced Low EMI Half-Duplex RS-485 Transceiver 1 2 3 4 5 MoreSipex Corporation
TS68882CMOS Enhanced Floating-point Co-processor 1 2 3 4 5 MoreATMEL Corporation
PIC16F84A18-pin Enhanced Flash/EEPROM 8-Bit Microcontroller 1 2 3 4 5 MoreMicrochip Technology
USBN9604Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support 1 2 3 4 5 MoreNational Semiconductor (TI)
82C211NEW ENHANCED AT DATA BOOK 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl