Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS6422-ISZ Datasheet(PDF) 34 Page - Cirrus Logic

Part # CS6422-ISZ
Description  Enhanced Full-Duplex Speakerphone IC
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6422-ISZ Datasheet(HTML) 34 Page - Cirrus Logic

Back Button CS6422-ISZ Datasheet HTML 30Page - Cirrus Logic CS6422-ISZ Datasheet HTML 31Page - Cirrus Logic CS6422-ISZ Datasheet HTML 32Page - Cirrus Logic CS6422-ISZ Datasheet HTML 33Page - Cirrus Logic CS6422-ISZ Datasheet HTML 34Page - Cirrus Logic CS6422-ISZ Datasheet HTML 35Page - Cirrus Logic CS6422-ISZ Datasheet HTML 36Page - Cirrus Logic CS6422-ISZ Datasheet HTML 37Page - Cirrus Logic CS6422-ISZ Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
CS6422
34
characteristics than white noise because of its qua-
si-periodic nature.
Research at Crystal has shown that quasi-periodic
signals cause the formation of spurious non-zero
coefficients within the adaptive filter at tap inter-
vals determined by the periodicity of the signal.
This results in small changes in period being very
destructive to the adaptive filter’s performance.
One mechanism the CS6422 uses to prevent this
filter corruption with speech is to pre-emphasize
the signal sent to the adaptive filter so that much of
the low frequency content is removed.
The CS6422 works very well with a speech training
signal because of the pre-emphasis filter. White
noise training signals, however, result in sub-opti-
mal performance, so when testing with white noise,
it is recommended that the pre-emphasis filters be
disabled.
4.1.1.2.2 Graded Beta
The update gain of an adaptive filter, sometimes
called the “beta”, is the rate at which the filter co-
efficients can change. If beta is too low, the adap-
tive filter will be slow to adapt. Conversely, if it is
too high, the filter will be unstable and will create
unwanted noise in the system.
In most echo canceller implementations, the beta is
a fixed value for all the filter coefficients. In some
situations, though, through knowledge of the char-
acteristics of echo path response, the beta can be
varied for groups of coefficients. This preserves
stability by allowing the beta to be higher for some
coefficients and compensating by reducing beta be-
low nominal for others.
For example, acoustic echo tends to decay expo-
nentially, so the first taps need to be larger than the
later taps. Having a beta profile that matches the
expected response path enhances the echo cancel-
ler’s ability to correctly and accurately model the
acoustic path. Furthermore, this has an added ben-
efit of suppressing the spurious taps mentioned in
Section 4.1.1.2.1, “Pre-Emphasis”.
The Microcontroller Interface allows four settings
for graded beta: none, 0.19 dB/ms, 0.38 dB/ms,
and 0.75 dB/ms. Use 0.75 dB/ms for acoustically
dead rooms or cars, and 0.19 dB/ms or no grading
of beta for large, or acoustically live rooms.
4.1.1.3
Update Control
As mentioned in Section 4.1.1.1, “Theory of Oper-
ation”, the update control algorithms are the heart
of any useful echo canceller implementation. Aside
from telling the adaptive filter when to adapt, they
are responsible for correcting performance when
the path changes more quickly than the filter can
respond. For example, if the adaptive filter is actu-
ally adding signal power instead of cancelling it,
the update control algorithms will reset the adap-
tive filter to cleared coefficients, forcing it to re-
start.
4.1.1.4
Speech Detection
The CS6422 detects speech by using power estima-
tors to track deviations from a background noise
power level. The power estimators filter and aver-
age the raw incoming samples from the ADC.
A background noise level is established by a regis-
ter that increases 3 dB at intervals determined by
NseRmp (Register 2, bits 11 and 10). When the
power estimator level rises, the background noise
level will slowly increase to try to match it. When
the power estimator level is below the background
noise level, the background noise level adjusts
quickly to match the power estimator level. This
method allows significant flexibility in tracking the
background noise level.
Speech is detected when the power estimator level
rises above the background noise level by a given
threshold. The half-duplex receive speech detector
threshold is set by RHDet (Register 2, bits 15 and
14), the half-duplex transmit speech detector
threshold is set by THDet (Register 1, bits 15 and
CS6422
34
DS295F1


Similar Part No. - CS6422-ISZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS6420 CIRRUS-CS6420 Datasheet
815Kb / 52P
   FULL DUPLEX SPEAKERPHONE CHIP
CS6420-CS CIRRUS-CS6420-CS Datasheet
815Kb / 52P
   FULL DUPLEX SPEAKERPHONE CHIP
More results

Similar Description - CS6422-ISZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS6420 CIRRUS-CS6420 Datasheet
815Kb / 52P
   FULL DUPLEX SPEAKERPHONE CHIP
logo
Siemens Semiconductor G...
PSB4860 SIEMENS-PSB4860 Datasheet
938Kb / 250P
   Digital Answering Machine with Full Duplex Speakerphone SAM EC
logo
Sipex Corporation
SP490E SIPEX-SP490E Datasheet
109Kb / 12P
   Enhanced Full Duplex RS-485 Transceivers
SP490E SIPEX-SP490E Datasheet
109Kb / 12P
   Enhanced Full Duplex RS-485 Transceivers
logo
Exar Corporation
SP491EEP-L EXAR-SP491EEP-L Datasheet
723Kb / 12P
   Enhanced Full Duplex RS-485 Transceivers
SP491EEN-L EXAR-SP491EEN-L Datasheet
723Kb / 12P
   Enhanced Full Duplex RS-485 Transceivers
SP490E EXAR-SP490E Datasheet
811Kb / 15P
   Enhanced Full Duplex RS-485 Transceivers
SP491ECN-L EXAR-SP491ECN-L Datasheet
723Kb / 12P
   Enhanced Full Duplex RS-485 Transceivers
logo
NXP Semiconductors
TEA1095 PHILIPS-TEA1095 Datasheet
184Kb / 28P
   Voice switched speakerphone IC
1997 Nov 25
logo
CML Microcircuits
CMX7261 CMLMICRO-CMX7261 Datasheet
2Mb / 64P
   Full-duplex operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com