Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA60R150C Datasheet(PDF) 4 Page - Wuxi Unigroup Microelectronics Company

Part # TPA60R150C
Description  600V Super-Junction Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WUMC [Wuxi Unigroup Microelectronics Company]
Direct Link  http://www.tsinghuaicwx.com/en/index.asp
Logo WUMC - Wuxi Unigroup Microelectronics Company

TPA60R150C Datasheet(HTML) 4 Page - Wuxi Unigroup Microelectronics Company

  TPA60R150C Datasheet HTML 1Page - Wuxi Unigroup Microelectronics Company TPA60R150C Datasheet HTML 2Page - Wuxi Unigroup Microelectronics Company TPA60R150C Datasheet HTML 3Page - Wuxi Unigroup Microelectronics Company TPA60R150C Datasheet HTML 4Page - Wuxi Unigroup Microelectronics Company TPA60R150C Datasheet HTML 5Page - Wuxi Unigroup Microelectronics Company TPA60R150C Datasheet HTML 6Page - Wuxi Unigroup Microelectronics Company TPA60R150C Datasheet HTML 7Page - Wuxi Unigroup Microelectronics Company TPA60R150C Datasheet HTML 8Page - Wuxi Unigroup Microelectronics Company TPA60R150C Datasheet HTML 9Page - Wuxi Unigroup Microelectronics Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TPP60R150C, TPA60R150C, TPV60R150C, TPC60R150C
V3.0
www.tsinghuaicwx.com
Wuxi Unigroup Microelectronics Company
0
0.5
1
1.5
2
2.5
3
-100
-50
0
50
100
150
200
4
Typical Characteristics T
J = 25º
C, unless otherwise noted
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
-100
-50
0
50
100
150
200
10-7
10-6
10-5
10-4
10-3
10-2
10-1
100
10-6
10-5
10-4
10-3
10-2
10-1
100
101
100
10-1
10-2
10-3
10-4
101
100
10-1
10-2
10-3
Figure 7. On-Resistance vs.
Junction Temperature
Figure 9. Transient Thermal Impedance
TO-220,TO-262/TO-3P
Figure 8. Threshold Voltage vs.
Junction Temperature
Figure 10. Transient Thermal Impedance
TO-220F
T
J, Junction Temperature (º
C)
T
J, Junction Temperature (º
C)
T
p, Pulse Width (s)
T
p, Pulse Width (s)
V
GS = 10V
I
D = 10A
I
D = 250µA
D = 0.5
D = 0.2
D = 0.1
D = 0.05
D = 0.02
D = 0.01
Single Pulse
D = 0.5
D = 0.2
D = 0.1
D = 0.05
D = 0.02
D = 0.01
Single Pulse


Similar Part No. - TPA60R150C

ManufacturerPart #DatasheetDescription
logo
Wuxi Unigroup Microelec...
TPA60R350C WUMC-TPA60R350C Datasheet
1Mb / 12P
   600V Super-Junction Power MOSFET
TPA60R350C WUMC-TPA60R350C Datasheet
1Mb / 12P
   600V Super-Junction Power MOSFET
TPA60R580C WUMC-TPA60R580C Datasheet
1Mb / 12P
   600V Super-Junction Power MOSFET
TPA60R700C WUMC-TPA60R700C Datasheet
1Mb / 12P
   600V Super-Junction Power MOSFET
More results

Similar Description - TPA60R150C

ManufacturerPart #DatasheetDescription
logo
Wuxi Unigroup Microelec...
TPA60R580C WUMC-TPA60R580C Datasheet
1Mb / 12P
   600V Super-Junction Power MOSFET
logo
Chip Integration Techno...
MJU03N60CT CITC-MJU03N60CT Datasheet
275Kb / 7P
   600V Super Junction Power MOSFET
MJU07N60CT CITC-MJU07N60CT Datasheet
302Kb / 7P
   600V Super Junction Power MOSFET
logo
Wuxi Unigroup Microelec...
TPD60R700C WUMC-TPD60R700C Datasheet
1Mb / 12P
   600V Super-Junction Power MOSFET
TPW60R075C WUMC-TPW60R075C Datasheet
775Kb / 8P
   600V Super-Junction Power MOSFET
TPD65R350C WUMC-TPD65R350C Datasheet
1Mb / 12P
   600V Super-Junction Power MOSFET
TPW60R080CFD WUMC-TPW60R080CFD Datasheet
775Kb / 8P
   600V Super-Junction Power MOSFET
TPA60R350C WUMC-TPA60R350C Datasheet
1Mb / 12P
   600V Super-Junction Power MOSFET
logo
SemiHow Co.,Ltd.
HCA60R095T SEMIHOW-HCA60R095T Datasheet
270Kb / 7P
   600V N-Channel Super Junction MOSFET
logo
Pan Jit International I...
PJP60R290E PANJIT-PJP60R290E Datasheet
1Mb / 8P
   600V N-Channel Super Junction MOSFET
February 1,2018-REV.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com